Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1EZ6.2 Datasheet(PDF) 3 Page - Dc Components

Part # 1EZ6.2
Description  RECTIFIER SPECIALISTS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

1EZ6.2 Datasheet(HTML) 3 Page - Dc Components

  1EZ6.2 Datasheet HTML 1Page - Dc Components 1EZ6.2 Datasheet HTML 2Page - Dc Components 1EZ6.2 Datasheet HTML 3Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
R
DC COMPONENTS CO., LTD.
RATING AND CHARACTERISTIC CURVES (1EZ6.2 THRU 1EZ300)
1EZ6.2
6.2
41.0
2.0
700
1.00
10.0
3.0
1EZ6.8
6.8
37.0
3.5
700
1.00
5.0
4.0
1EZ7.5
7.5
34.0
4.0
700
0.50
5.0
5.0
1EZ8.2
8.2
31.0
4.5
700
0.50
5.0
6.0
1EZ9.1
9.1
28.0
5.0
700
0.50
0.5
7.0
1EZ10
10.0
25.0
7.0
700
0.25
0.5
7.6
1EZ11
11.0
23.0
8.0
700
0.25
0.1
8.4
1EZ12
12.0
21.0
9.0
700
0.25
0.1
9.1
1EZ13
13.0
19.0
10
700
0.25
0.1
9.9
1EZ15
15.0
17.0
14
700
0.25
0.1
11.4
1EZ16
16.0
15.5
16
700
0.25
0.1
12.2
1EZ18
18.0
14.0
20
750
0.25
0.1
13.7
1EZ20
20.0
12.5
22
750
0.25
0.1
15.2
1EZ22
22.0
11.5
23
750
0.25
0.1
16.7
1EZ24
24.0
10.5
25
750
0.25
0.1
18.2
1EZ27
27.0
9.5
35
750
0.25
0.1
20.6
1EZ30
30.0
8.5
40
1000
0.25
0.1
22.8
1EZ33
33.0
7.5
45
1000
0.25
0.1
25.1
1EZ36
36.0
7.0
50
1000
0.25
0.1
27.4
1EZ39
39.0
6.5
60
1000
0.25
0.1
29.7
1EZ43
43.0
6.0
70
1500
0.25
0.1
32.7
1EZ47
47.0
5.5
80
1500
0.25
0.1
35.8
1EZ51
51.0
5.0
95
1500
0.25
0.1
38.8
1EZ56
56.0
4.5
110
2000
0.25
0.1
42.6
1EZ62
62.0
4.0
125
2000
0.25
0.1
47.1
1EZ68
68.0
3.7
150
2000
0.25
0.1
51.7
1EZ75
75.0
3.3
175
2000
0.25
0.1
56.0
1EZ82
82.0
3.0
200
3000
0.25
0.1
62.2
1EZ91
91.0
2.8
250
3000
0.25
0.1
69.2
1EZ100
100.0
2.5
350
3000
0.25
0.1
76.0
1EZ110
110.0
2.3
450
4000
0.25
0.1
83.6
1EZ120
120.0
2.0
550
4500
0.25
0.1
91.2
1EZ130
130.0
1.9
700
5000
0.25
0.1
98.8
1EZ150
150.0
1.7
1000
6000
0.25
0.1
114.0
1EZ160
160.0
1.6
1100
6500
0.25
0.1
121.6
1EZ180
180.0
1.4
1200
7000
0.25
0.1
136.8
1EZ200
200.0
1.2
1900
9990
0.25
0.1
152.0
1EZ220
220.0
1.0
1600
8000
0.25
0.1
167.2
1EZ240
240.0
0.9
1800
8500
0.25
0.1
182.4
1EZ250
250.0
0.9
2000
9000
0.25
0.1
190.0
1EZ270
270.0
0.8
2100
9000
0.25
0.1
205.0
1EZ300
300.0
0.8
2300
9500
0.25
0.1
228.0
NOTE: Standard Zener Voltage Tolerance ± 5%
PULSE WIDTH, PW, (ms)
100
70
50
30
20
10
7.0
5.0
3.0
2.0
1.0
0.01 0.02 0.05
0.1
0.2
0.5
1.0
2.0
5.0
10 20
50 100 200
1000
Fig. 4 - MAXIMUM SURGE POWER
11V-91V Non-Repetitive
Rectangular Waveform
TJ=25 0C Prior to Initial Pulse
5% Duty Cycle
10% Duty Cycle
20% Duty Cycle
Volts
Nominal
Zener
Voltage
mA
Zener
Test
Current
ZZT@IZT
ZZT@IZK
Ohms
Ohms
mA
Maximum Reverse
Leakage Current
Volts
µA
@VR
IR
IZK
Maximum Zener
Impedance
IZT
VZ@IZT
TYPE


Similar Part No. - 1EZ6.2

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1EZ6.2D5 MCC-1EZ6.2D5 Datasheet
302Kb / 3P
   1.0 W Silicon Zener Diodes 5.6 to 39 Volts
1EZ6.2D5 MCC-1EZ6.2D5 Datasheet
318Kb / 3P
   1.0 W Silicon Zener Diodes 5.6 to 39 Volts
More results

Similar Description - 1EZ6.2

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
RS1A YEASHIN-RS1A Datasheet
208Kb / 2P
   RECTIFIER SPECIALISTS
logo
Dc Components
MBK22F DCCOM-MBK22F Datasheet
38Kb / 2P
   RECTIFIER SPECIALISTS
MB05F DCCOM-MB05F Datasheet
38Kb / 2P
   RECTIFIER SPECIALISTS
SMB2EZ6.2 DCCOM-SMB2EZ6.2 Datasheet
55Kb / 2P
   RECTIFIER SPECIALISTS
SPA2040 DCCOM-SPA2040 Datasheet
72Kb / 2P
   RECTIFIER SPECIALISTS
SQ1530 DCCOM-SQ1530 Datasheet
44Kb / 2P
   RECTIFIER SPECIALISTS
SS52F DCCOM-SS52F Datasheet
82Kb / 2P
   RECTIFIER SPECIALISTS
DZL4728A DCCOM-DZL4728A Datasheet
31Kb / 2P
   RECTIFIER SPECIALISTS
FMB05F DCCOM-FMB05F Datasheet
38Kb / 2P
   RECTIFIER SPECIALISTS
MB05S DCCOM-MB05S Datasheet
37Kb / 2P
   RECTIFIER SPECIALISTS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com