Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CJU1117-3.3 Datasheet(PDF) 1 Page - ZP Semiconductor

Part # CJU1117-3.3
Description  1A LOW DROPOUT LINEAR REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor

CJU1117-3.3 Datasheet(HTML) 1 Page - ZP Semiconductor

  CJU1117-3.3 Datasheet HTML 1Page - ZP Semiconductor CJU1117-3.3 Datasheet HTML 2Page - ZP Semiconductor CJU1117-3.3 Datasheet HTML 3Page - ZP Semiconductor CJU1117-3.3 Datasheet HTML 4Page - ZP Semiconductor CJU1117-3.3 Datasheet HTML 5Page - ZP Semiconductor CJU1117-3.3 Datasheet HTML 6Page - ZP Semiconductor CJU1117-3.3 Datasheet HTML 7Page - ZP Semiconductor CJU1117-3.3 Datasheet HTML 8Page - ZP Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1A LOW DROPOUT LINEAR REGULATOR
GENERAL DESCRIPTION
The CJ1117 is a series of low dropout three-terminal regulators with a dropout of 1.15V at 1A output current.
The CJ1117 series provides current limiting and thermal shutdown. Its circuit includes a trimmed bandgap
reference to assure output voltage accuracy to be within 1%. Current limit is trimmed to ensure specified
output Current and controlled short-circuit current. On-chip thermal shutdown provides protection against any
combination of overload and ambient temperature that would create excessive junction temperature.
The CJ1117 has an adjustable version, that can provide the output voltage from 1.25V to
5V with only 2
external resistors.
The CJ1117 series is available in the industry standard SOT-223,SOT-89,TO-220,TO-252 and TO-263 power
packages.
FEATURES
Low Dropout Voltage: 1.15V at 1A Output Current
Trimmed Current Limit
On-Chip Thermal Shutdown
Three-Terminal Adjustable or Fixed 1.5V, 1.8V, 2.5V, 3.3V, 5V
Operation junction Temperature: 0
℃ to125℃
APPLICATIONS
PC Motherboard
LCD Monitor
Graphic Card
DVD-Video player
NIC/Switch
Telecom Modem
ADSL Modem
Printer and other peripheral Equipment
1 of 8
sales@zpsemi.com
www.zpsemi.com
CJT1117-XXX


Similar Part No. - CJU1117-3.3

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJU1117-3.3 ZPSEMI-CJU1117-3.3 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJU1117-3.3 ZPSEMI-CJU1117-3.3 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJU1117-3.3 ZPSEMI-CJU1117-3.3 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJU1117-3.3 ZPSEMI-CJU1117-3.3 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJU1117-3.3 ZPSEMI-CJU1117-3.3 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - CJU1117-3.3

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1117-XX GMT-G1117-XX Datasheet
266Kb / 6P
   1A Low-Dropout Linear Regulator
logo
National Semiconductor ...
LMS8117 NSC-LMS8117 Datasheet
330Kb / 16P
   1A Low-Dropout Linear Regulator
July 2000
logo
BCD Semiconductor Manuf...
AZ1117 BCDSEMI-AZ1117_12 Datasheet
1Mb / 27P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Shenzhen Huazhimei Semi...
HM1084 HMSEMI-HM1084 Datasheet
810Kb / 9P
   1A low dropout linear regulator
logo
TECH PUBLIC Electronics...
AMS1117-5.0 TECHPUBLIC-AMS1117-5.0 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
AMS1117-1.8 TECHPUBLIC-AMS1117-1.8 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
LD1117-5.0 TECHPUBLIC-LD1117-5.0 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2218 BCDSEMI-AP2218 Datasheet
156Kb / 13P
   1A LOW DROPOUT LINEAR REGULATOR
logo
FOSLINK SEMICONDUCTOR C...
FSP1117 FOSLINK-FSP1117 Datasheet
284Kb / 10P
   1A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com