Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC81C01A Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # TMC81C01A
Description  Thermal magnetic UL 489 miniature circuit breakers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

TMC81C01A Datasheet(HTML) 4 Page - PHOENIX CONTACT

  TMC81C01A Datasheet HTML 1Page - PHOENIX CONTACT TMC81C01A Datasheet HTML 2Page - PHOENIX CONTACT TMC81C01A Datasheet HTML 3Page - PHOENIX CONTACT TMC81C01A Datasheet HTML 4Page - PHOENIX CONTACT TMC81C01A Datasheet HTML 5Page - PHOENIX CONTACT TMC81C01A Datasheet HTML 6Page - PHOENIX CONTACT TMC81C01A Datasheet HTML 7Page - PHOENIX CONTACT TMC81C01A Datasheet HTML 8Page - PHOENIX CONTACT TMC81C01A Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TMC 8...
3644_en_A
PHOENIX CONTACT
4/13
MCB, up to 125 V DC and 240 V AC, B curve 2-pole 40 A
TMC 82B 40A
2907534
1
MCB, up to 125 V DC and 240 V AC, B curve 2-pole 50 A
TMC 82B 50A
2907535
1
MCB, up to 125 V DC and 240 V AC, B curve 2-pole 60 A
TMC 82B 60A
2907536
1
MCB, up to 125 V DC and 240 V AC, B curve 2-pole 63 A
TMC 82B 63A
2907537
1
MCB, up to 125 V DC and 480 V AC, B curve 3-pole 1 A
TMC 83B 01A
2907539
1
MCB, up to 125 V DC and 480 V AC, B curve 3-pole 2 A
TMC 83B 02A
2907540
1
MCB, up to 125 V DC and 480 V AC, B curve 3-pole 3 A
TMC 83B 03A
2907542
1
MCB, up to 125 V DC and 480 V AC, B curve 3-pole 4 A
TMC 83B 04A
2907543
1
MCB, up to 125 V DC and 480 V AC, B curve 3-pole 5 A
TMC 83B 05A
2907544
1
MCB, up to 125 V DC and 480 V AC, B curve 3-pole 6 A
TMC 83B 06A
2907545
1
MCB, up to 125 V DC and 480 V AC, B curve 3-pole 7 A
TMC 83B 07A
2907546
1
MCB, up to 125 V DC and 480 V AC, B curve 3-pole 8 A
TMC 83B 08A
2907547
1
MCB, up to 125 V DC and 480 V AC, B curve 3-pole 10 A
TMC 83B 10A
2907548
1
MCB, up to 125 V DC and 480 V AC, B curve 3-pole 12 A
TMC 83B 10A
2907549
1
MCB, up to 125 V DC and 480 V AC, B curve 3-pole 13 A
TMC 83B 10A
2907550
1
MCB, up to 125 V DC and 480 V AC, B curve 3-pole 15 A
TMC 83B 10A
2907551
1
MCB, up to 125 V DC and 480 V AC, B curve 3-pole 16 A
TMC 83B 16A
2907552
1
MCB, up to 125 V DC and 480 V AC, B curve 3-pole 20 A
TMC 83B 20A
2907553
1
MCB, up to 125 V DC and 480 V AC, B curve 3-pole 25 A
TMC 83B 25A
2907555
1
MCB, up to 125 V DC and 480 V AC, B curve 3-pole 30 A
TMC 83B 30A
2907556
1
MCB, up to 125 V DC and 480 V AC, B curve 3-pole 32 A
TMC 83B 32A
2907557
1
MCB, up to 60 V DC and 277 V AC, C curve 1-pole 1 A
TMC 81C 01A
2907558
1
MCB, up to 60 V DC and 277 V AC, C curve 1-pole 2 A
TMC 81C 02A
2907559
1
MCB, up to 60 V DC and 277 V AC, C curve 1-pole 3 A
TMC 81C 03A
2907560
1
MCB, up to 60 V DC and 277 V AC, C curve 1-pole 4 A
TMC 81C 04A
2907561
1
MCB, up to 60 V DC and 277 V AC, C curve 1-pole 5 A
TMC 81C 05A
2907562
1
MCB, up to 60 V DC and 277 V AC, C curve 1-pole 6 A
TMC 81C 06A
2907563
1
MCB, up to 60 V DC and 277 V AC, C curve 1-pole 7 A
TMC 81C 07A
2907564
1
MCB, up to 60 V DC and 277 V AC, C curve 1-pole 8 A
TMC 81C 08A
2907565
1
MCB, up to 60 V DC and 277 V AC, C curve 1-pole 10 A
TMC 81C 10A
2907566
1
MCB, up to 60 V DC and 277 V AC, C curve 1-pole 12 A
TMC 81C 12A
2907568
1
MCB, up to 60 V DC and 277 V AC, C curve 1-pole 13 A
TMC 81C 13A
2907569
1
MCB, up to 60 V DC and 277 V AC, C curve 1-pole 15 A
TMC 81C 15A
2907571
1
MCB, up to 60 V DC and 277 V AC, C curve 1-pole 16 A
TMC 81C 16A
2907572
1
MCB, up to 60 V DC and 277 V AC, C curve 1-pole 20 A
TMC 81C 20A
2907573
1
MCB, up to 60 V DC and 277 V AC, C curve 1-pole 25 A
TMC 81C 25A
2907574
1
MCB, up to 60 V DC and 277 V AC, C curve 1-pole 30 A
TMC 81C 30A
2907575
1
MCB, up to 60 V DC and 277 V AC, C curve 1-pole 32 A
TMC 81C 32A
2907576
1
MCB, up to 60 V DC and 120 V AC, C curve 1-pole 35 A
TMC 81C 35A
2907577
1
MCB, up to 60 V DC and 120 V AC, C curve 1-pole 40 A
TMC 81C 40A
2907578
1
MCB, up to 60 V DC and 120 V AC, C curve 1-pole 50 A
TMC 81C 50A
2907579
1
MCB, up to 60 V DC and 120 V AC, C curve 1-pole 60 A
TMC 81C 60A
2907580
1
MCB, up to 60 V DC and 120 V AC, C curve 1-pole 63 A
TMC 81C 63A
2907581
1
MCB, up to 125 V DC and 480 V AC, C curve 2-pole 1 A
TMC 82C 01A
2907582
1
MCB, up to 125 V DC and 480 V AC, C curve 2-pole 2 A
TMC 82C 02A
2907584
1
MCB, up to 125 V DC and 480 V AC, C curve 2-pole 3 A
TMC 82C 03A
2907585
1
MCB, up to 125 V DC and 480 V AC, C curve 2-pole 4 A
TMC 82C 04A
2907586
1
MCB, up to 125 V DC and 480 V AC, C curve 2-pole 5 A
TMC 82C 05A
2907587
1
MCB, up to 125 V DC and 480 V AC, C curve 2-pole 6 A
TMC 82C 06A
2907588
1
MCB, up to 125 V DC and 480 V AC, C curve 2-pole 7 A
TMC 82C 07A
2907589
1
MCB, up to 125 V DC and 480 V AC, C curve 2-pole 8 A
TMC 82C 08A
2907590
1
MCB, up to 125 V DC and 480 V AC, C curve 2-pole 10 A
TMC 82C 10A
2907591
1
Products
Description
Type
Order No.
Pcs./Pkt.


Similar Part No. - TMC81C01A

ManufacturerPart #DatasheetDescription
logo
Topstek Inc.
TMC800A TOPSTEK-TMC800A Datasheet
124Kb / 2P
   Topstek Current Transducer
logo
TRINAMIC Motion Control...
TMC8460 TRINAMIC-TMC8460 Datasheet
4Mb / 145P
   Integrated EtherCAT Slave Controller
TMC8460-BI TRINAMIC-TMC8460-BI Datasheet
4Mb / 145P
   Integrated EtherCAT Slave Controller
TMC8460-EVAL TRINAMIC-TMC8460-EVAL Datasheet
4Mb / 145P
   Integrated EtherCAT Slave Controller
TMC8461 TRINAMIC-TMC8461 Datasheet
11Mb / 204P
   2 MII Interfaces for external Ethernet PHY
More results

Similar Description - TMC81C01A

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3644 PHOENIX-3644 Datasheet
790Kb / 13P
   Thermal magnetic UL 489 miniature circuit breakers
2016-06-14
logo
Weidmuller
BR1C10UC WEIDMULLER-BR1C10UC Datasheet
4Mb / 32P
   UL 489 and UL 1077 DIN-Rail Miniature Circuit Breakers
logo
ABB
S200 ABB-S200 Datasheet
7Mb / 100P
   Miniature circuit breakers
Rev. A
logo
Tyco Electronics
W67-X2Q12-20 MACOM-W67-X2Q12-20 Datasheet
146Kb / 6P
   Magnetic Hydraulic Circuit Breakers
logo
ETA SOLUTIONS CO. LIMIT...
446 ETA-446 Datasheet
212Kb / 2P
   High Performance Thermal-Magnetic Circuit Breakers 446/447/449
2013/14
logo
Siemens Semiconductor G...
5SX2 SIEMENS-5SX2 Datasheet
1Mb / 64P
   Miniature Circuit-Breakers (MCBs)
2.1 2001
logo
Altech corporation
H1COL ALTECH-H1COL Datasheet
5Mb / 16P
   Miniature Molded Case Circuit Breakers
logo
Tyco Electronics
2-1393253-5 MACOM-2-1393253-5 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393254-7 MACOM-2-1393254-7 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393253-8 MACOM-2-1393253-8 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com