Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33204PG Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC33204PG
Description  Low Voltage, Rail-to-Rail Operational Amplifiers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33204PG Datasheet(HTML) 1 Page - ON Semiconductor

  MC33204PG Datasheet HTML 1Page - ON Semiconductor MC33204PG Datasheet HTML 2Page - ON Semiconductor MC33204PG Datasheet HTML 3Page - ON Semiconductor MC33204PG Datasheet HTML 4Page - ON Semiconductor MC33204PG Datasheet HTML 5Page - ON Semiconductor MC33204PG Datasheet HTML 6Page - ON Semiconductor MC33204PG Datasheet HTML 7Page - ON Semiconductor MC33204PG Datasheet HTML 8Page - ON Semiconductor MC33204PG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
© Semiconductor Components Industries, LLC, 2014
April, 2014 − Rev. 17
1
Publication Order Number:
MC33201/D
MC33201, MC33202,
MC33204, NCV33202,
NCV33204
Low Voltage, Rail-to-Rail
Operational Amplifiers
The MC33201/2/4 family of operational amplifiers provide
rail−to−rail operation on both the input and output. The inputs can be
driven as high as 200 mV beyond the supply rails without phase
reversal on the outputs, and the output can swing within 50 mV of each
rail. This rail−to−rail operation enables the user to make full use of the
supply voltage range available. It is designed to work at very low
supply voltages (
± 0.9 V) yet can operate with a supply of up to +12 V
and ground. Output current boosting techniques provide a high output
current capability while keeping the drain current of the amplifier to a
minimum. Also, the combination of low noise and distortion with a
high slew rate and drive capability make this an ideal amplifier for
audio applications.
Features
Low Voltage, Single Supply Operation
(+1.8 V and Ground to +12 V and Ground)
Input Voltage Range Includes both Supply Rails
Output Voltage Swings within 50 mV of both Rails
No Phase Reversal on the Output for Over−driven Input Signals
High Output Current (ISC = 80 mA, Typ)
Low Supply Current (ID = 0.9 mA, Typ)
600 W Output Drive Capability
Extended Operating Temperature Ranges
(−40
° to +105°C and −55° to +125°C)
Typical Gain Bandwidth Product = 2.2 MHz
NCV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These are Pb−Free Devices
See detailed ordering and shipping information in the package
dimensions section on page 10 of this data sheet.
ORDERING INFORMATION
PDIP−8
P, VP SUFFIX
CASE 626
8
1
SOIC−8
D, VD SUFFIX
CASE 751
PDIP−14
P, VP SUFFIX
CASE 646
14
1
SOIC−14
D, VD SUFFIX
CASE 751A
14
1
TSSOP−14
DTB SUFFIX
CASE 948G
14
1
Micro8
]
DM SUFFIX
CASE 846A
8
1
See general marking information in the device marking
section on page 11 of this data sheet.
DEVICE MARKING INFORMATION
http://onsemi.com
http://onsemi.com
1
8


Similar Part No. - MC33204PG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33204PG ONSEMI-MC33204PG Datasheet
391Kb / 18P
   Low Voltage, Rail-to-Rail Operational Amplifiers
December, 2011 ??Rev. 16
More results

Similar Description - MC33204PG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33206 ONSEMI-MC33206 Datasheet
270Kb / 12P
   LOW VOLTAGE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
1999 REV 1
MC33204DG ONSEMI-MC33204DG Datasheet
391Kb / 18P
   Low Voltage, Rail-to-Rail Operational Amplifiers
December, 2011 ??Rev. 16
MC33201 ONSEMI-MC33201_18 Datasheet
258Kb / 17P
   Low Voltage, Rail-to-Rail Operational Amplifiers
July, 2018 ??Rev. 18
logo
National Semiconductor ...
LMV321 NSC-LMV321_14 Datasheet
1Mb / 45P
   Low-Voltage Rail-To-Rail Output Operational Amplifiers
logo
Texas Instruments
LMV321 TI-LMV321_10 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV821 TI-LMV821_10 Datasheet
764Kb / 35P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321_08 Datasheet
1Mb / 37P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV821-Q1 TI1-LMV821-Q1 Datasheet
821Kb / 24P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321_07 Datasheet
928Kb / 32P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321-Q1 TI1-LMV321-Q1_15 Datasheet
816Kb / 26P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com