Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33202VPG Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC33202VPG
Description  Low Voltage, Rail-to-Rail Operational Amplifiers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33202VPG Datasheet(HTML) 5 Page - ON Semiconductor

  MC33202VPG Datasheet HTML 1Page - ON Semiconductor MC33202VPG Datasheet HTML 2Page - ON Semiconductor MC33202VPG Datasheet HTML 3Page - ON Semiconductor MC33202VPG Datasheet HTML 4Page - ON Semiconductor MC33202VPG Datasheet HTML 5Page - ON Semiconductor MC33202VPG Datasheet HTML 6Page - ON Semiconductor MC33202VPG Datasheet HTML 7Page - ON Semiconductor MC33202VPG Datasheet HTML 8Page - ON Semiconductor MC33202VPG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
MC33201, MC33202, MC33204, NCV33202, NCV33204
http://onsemi.com
5
300
260
220
180
TA, AMBIENT TEMPERATURE (°C)
100
140
TCVIO, INPUT OFFSET VOLTAGE TEMPERATURE COEFFICIENT (mV/°C)
50
30
0
40
10
20
Figure 2. Maximum Power Dissipation
versus Temperature
Figure 3. Input Offset Voltage Distribution
40
35
VIO, INPUT OFFSET VOLTAGE (mV)
30
25
15
0
20
Figure 4. Input Offset Voltage
Temperature Coefficient Distribution
2500
2000
1000
500
0
TA, AMBIENT TEMPERATURE (°C)
Figure 5. Input Bias Current
versus Temperature
Figure 6. Input Bias Current
versus Common Mode Voltage
Figure 7. Open Loop Voltage Gain versus
Temperature
150
50
0
-50
VCM, INPUT COMMON MODE VOLTAGE (V)
1500
200
160
120
80
TA, AMBIENT TEMPERATURE (°C)
0
40
5.0
10
VCC = +5.0 V
VEE = Gnd
VCM > 1.0 V
VCM = 0 V to 0.5 V
100
-100
-150
-200
-250
-55 -40 -25
0
25
70
85
125
-50
0
20
40
50
-10
10
30
-30
-40
-20
-10
0
4.0
8.0
10
-55 -40 -25
0
25
50
85
125
2.0
4.0
-2.0
2.0
6.0
-6.0
-8.0
-4.0
-55 -40 -25
0
25
70
85
125
0
6.0
8.0
10
12
105
8 and 14 Pin DIP Pkg
SO-14 Pkg
SOIC-8
Pkg
360 amplifiers tested from
3 (MC33204) wafer lots
VCC = +5.0 V
VEE = Gnd
TA = 25°C
DIP Package
360 amplifiers tested from
3 (MC33204) wafer lots
VCC = +5.0 V
VEE = Gnd
TA = 25°C
DIP Package
VCC = +5.0 V
VEE = Gnd
RL = 600 W
DVO = 0.5 V to 4.5 V
VCC = 12 V
VEE = Gnd
TA = 25°C
TSSOP-14 Pkg


Similar Part No. - MC33202VPG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33202VPG ONSEMI-MC33202VPG Datasheet
264Kb / 19P
   Low Voltage, Rail?뭪o?뭃ail Operational Amplifiers
October, 2006 ??Rev. 14
More results

Similar Description - MC33202VPG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33206 ONSEMI-MC33206 Datasheet
270Kb / 12P
   LOW VOLTAGE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
1999 REV 1
MC33204DG ONSEMI-MC33204DG Datasheet
391Kb / 18P
   Low Voltage, Rail-to-Rail Operational Amplifiers
December, 2011 ??Rev. 16
MC33201 ONSEMI-MC33201_18 Datasheet
258Kb / 17P
   Low Voltage, Rail-to-Rail Operational Amplifiers
July, 2018 ??Rev. 18
logo
National Semiconductor ...
LMV321 NSC-LMV321_14 Datasheet
1Mb / 45P
   Low-Voltage Rail-To-Rail Output Operational Amplifiers
logo
Texas Instruments
LMV321 TI-LMV321_10 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV821 TI-LMV821_10 Datasheet
764Kb / 35P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321_08 Datasheet
1Mb / 37P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV821-Q1 TI1-LMV821-Q1 Datasheet
821Kb / 24P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321_07 Datasheet
928Kb / 32P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321-Q1 TI1-LMV321-Q1_15 Datasheet
816Kb / 26P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com