Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33201VDR2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC33201VDR2G
Description  Low Voltage, Rail-to-Rail Operational Amplifiers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33201VDR2G Datasheet(HTML) 3 Page - ON Semiconductor

  MC33201VDR2G Datasheet HTML 1Page - ON Semiconductor MC33201VDR2G Datasheet HTML 2Page - ON Semiconductor MC33201VDR2G Datasheet HTML 3Page - ON Semiconductor MC33201VDR2G Datasheet HTML 4Page - ON Semiconductor MC33201VDR2G Datasheet HTML 5Page - ON Semiconductor MC33201VDR2G Datasheet HTML 6Page - ON Semiconductor MC33201VDR2G Datasheet HTML 7Page - ON Semiconductor MC33201VDR2G Datasheet HTML 8Page - ON Semiconductor MC33201VDR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
MC33201, MC33202, MC33204, NCV33202, NCV33204
http://onsemi.com
3
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Supply Voltage (VCC to VEE)
VS
+13
V
Input Differential Voltage Range
VIDR
Note 1
V
Common Mode Input Voltage Range (Note 2)
VCM
VCC + 0.5 V to
VEE − 0.5 V
V
Output Short Circuit Duration
ts
Note 3
sec
Maximum Junction Temperature
TJ
+150
°C
Storage Temperature
Tstg
− 65 to +150
°C
Maximum Power Dissipation
PD
Note 3
mW
DC ELECTRICAL CHARACTERISTICS (TA = 25°C)
Characteristic
VCC = 2.0 V
VCC = 3.3 V
VCC = 5.0 V
Unit
Input Offset Voltage
VIO (max)
MC33201
MC33202, NCV33202
MC33204, NCV33204
± 8.0
±10
±12
± 8.0
±10
±12
± 6.0
± 8.0
±10
mV
Output Voltage Swing
VOH (RL = 10 kW)
VOL (RL = 10 kW)
1.9
0.10
3.15
0.15
4.85
0.15
Vmin
Vmax
Power Supply Current
per Amplifier (ID)
1.125
1.125
1.125
mA
Specifications at VCC = 3.3 V are guaranteed by the 2.0 V and 5.0 V tests. VEE = GND.
DC ELECTRICAL CHARACTERISTICS (VCC = + 5.0 V, VEE = Ground, TA = 25°C, unless otherwise noted.)
Characteristic
Figure
Symbol
Min
Typ
Max
Unit
Input Offset Voltage (VCM 0 V to 0.5 V, VCM 1.0 V to 5.0 V)
MC33201:
TA = + 25°C
MC33201:
TA = − 40° to +105°C
MC33201V:
TA = − 55° to +125°C
MC33202/NCV33202:
TA = + 25°C
MC33202/NCV33202:
TA = − 40° to +105°C
MC33202V:
TA = − 55° to +125°C
NCV33202V:
TA = − 55° to +125°C (Note 4)
MC33204:
TA = + 25°C
MC33204:
TA = − 40° to +105°C
MC33204V:
TA = − 55° to +125°C
NCV33204:
TA = − 55° to +125°C
3
⎮VIO
6.0
9.0
13
8.0
11
14
14
10
13
17
17
mV
Input Offset Voltage Temperature Coefficient (RS = 50 W)
TA = − 40° to +105°C
TA = − 55° to +125°C
4
DVIO/DT
2.0
2.0
mV/°C
Input Bias Current (VCM = 0 V to 0.5 V, VCM = 1.0 V to 5.0 V)
TA = + 25°C
TA = − 40° to +105°C
TA = − 55° to +125°C
5, 6
⎮IIB
80
100
200
250
500
nA
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. The differential input voltage of each amplifier is limited by two internal parallel back−to−back diodes. For additional differential input voltage
range, use current limiting resistors in series with the input pins.
2. The input common mode voltage range is limited by internal diodes connected from the inputs to both supply rails. Therefore, the voltage
on either input must not exceed either supply rail by more than 500 mV.
3. Power dissipation must be considered to ensure maximum junction temperature (TJ) is not exceeded. (See Figure 2)
4. All NCV devices are qualified for Automotive use.


Similar Part No. - MC33201VDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33201VDR2G ONSEMI-MC33201VDR2G Datasheet
258Kb / 17P
   Low Voltage, Rail-to-Rail Operational Amplifiers
July, 2018 ??Rev. 18
More results

Similar Description - MC33201VDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33206 ONSEMI-MC33206 Datasheet
270Kb / 12P
   LOW VOLTAGE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
1999 REV 1
MC33204DG ONSEMI-MC33204DG Datasheet
391Kb / 18P
   Low Voltage, Rail-to-Rail Operational Amplifiers
December, 2011 ??Rev. 16
MC33201 ONSEMI-MC33201_18 Datasheet
258Kb / 17P
   Low Voltage, Rail-to-Rail Operational Amplifiers
July, 2018 ??Rev. 18
logo
National Semiconductor ...
LMV321 NSC-LMV321_14 Datasheet
1Mb / 45P
   Low-Voltage Rail-To-Rail Output Operational Amplifiers
logo
Texas Instruments
LMV321 TI-LMV321_10 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV821 TI-LMV821_10 Datasheet
764Kb / 35P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321_08 Datasheet
1Mb / 37P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV821-Q1 TI1-LMV821-Q1 Datasheet
821Kb / 24P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321_07 Datasheet
928Kb / 32P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321-Q1 TI1-LMV321-Q1_15 Datasheet
816Kb / 26P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com