Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33269DG Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC33269DG
Description  Adjustable Output Low Dropout Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33269DG Datasheet(HTML) 1 Page - ON Semiconductor

  MC33269DG Datasheet HTML 1Page - ON Semiconductor MC33269DG Datasheet HTML 2Page - ON Semiconductor MC33269DG Datasheet HTML 3Page - ON Semiconductor MC33269DG Datasheet HTML 4Page - ON Semiconductor MC33269DG Datasheet HTML 5Page - ON Semiconductor MC33269DG Datasheet HTML 6Page - ON Semiconductor MC33269DG Datasheet HTML 7Page - ON Semiconductor MC33269DG Datasheet HTML 8Page - ON Semiconductor MC33269DG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2014
August, 2014 − Rev. 28
1
Publication Order Number:
MC33269/D
MC33269, NCV33269
800 mA, Adjustable Output,
Low Dropout Voltage
Regulator
The MC33269/NCV33269 series are low dropout, medium current,
fixed and adjustable, positive voltage regulators specifically designed
for use in low input voltage applications. These devices offer the
circuit designer an economical solution for precision voltage
regulation, while keeping power losses to a minimum.
The regulator consists of a 1.0 V dropout composite PNP−NPN pass
transistor, current limiting, and thermal shutdown.
Features
3.3 V, 3.5 V, 5.0 V, 12 V and Adjustable Versions
2.85 V version available as MC34268
Space Saving DPAK, SO−8 and SOT−223 Power Packages
1.0 V Dropout
Output Current in Excess of 800 mA
Thermal Protection
Short Circuit Protection
Output Trimmed to 1.0% Tolerance
NCV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These are Pb−Free Devices
DEVICE TYPE/NOMINAL OUTPUT VOLTAGE
MC33269D
NCV33269D*
MC33269DT
NCV33269DTRK*
MC33269T
MC33269D−3.3
MC33269DT−3.3
NCV33269DTRK−3.3*
MC33269T−3.3
MC33269ST−3.3
Adj
Adj
Adj
Adj
Adj
3.3 V
3.3 V
3.3 V
3.3 V
3.3 V
MC33269T−3.5
MC33269D−5.0
MC33269DT−5.0
NCV33269DT−5.0*
NCV33269DTRK−5.0*
MC33269T−5.0
MC33269D−012
MC33269DT−012
NCV33269DTRK−012*
MC33269T−012
3.5 V
5.0 V
5.0 V
5.0 V
5.0 V
5.0 V
12 V
12 V
12 V
12 V
*NCV Prefix for Automotive and Other Applications Requiring Unique Site and
Control Change Requirements; AEC−Q100 Qualified and PPAP Capable.
TO−220AB
T SUFFIX
CASE 221AB
See detailed ordering and shipping information in the package
dimensions section on page 7 of this data sheet.
ORDERING INFORMATION
1
8
7
6
5
1
2
3
4
GND/Adj
SO−8
D SUFFIX
CASE 751
DPAK
DT SUFFIX
CASE 369C
Vin
NC
NC
1. GND/Adj
2. Vout
3. Vin
1
(Top View)
Vout
Vout
Heatsink surface (shown as terminal 4 in
case outline drawing) is connected to Pin 2.
SOT−223
ST SUFFIX
CASE 318E
8
23
(Top View)
1
3
1
3
(Top View)
12
3
1
2
3
12 3
(Top View)
Heatsink surface (shown as terminal 4 in
case outline drawing) is connected to Pin 2.
See general marking information in the device marking
section on page 8 of this data sheet.
DEVICE MARKING INFORMATION
1. GND/Adj
2. Vout
3. Vin
http://onsemi.com


Similar Part No. - MC33269DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33269DG ONSEMI-MC33269DG Datasheet
287Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269DG ONSEMI-MC33269DG Datasheet
268Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269DG ONSEMI-MC33269DG Datasheet
268Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269DG ONSEMI-MC33269DG Datasheet
268Kb / 12P
   800 mA, Adjustable Output,Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
More results

Similar Description - MC33269DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33269DR2-50G ONSEMI-MC33269DR2-50G Datasheet
268Kb / 12P
   800 mA, Adjustable Output,Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269D-33G ONSEMI-MC33269D-33G Datasheet
268Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269DG ONSEMI-MC33269DG Datasheet
268Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269DG ONSEMI-MC33269DG Datasheet
287Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269 ONSEMI-MC33269 Datasheet
133Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269T-3.3G ONSEMI-MC33269T-3.3G Datasheet
287Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269 ONSEMI-MC33269 Datasheet
268Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269T-50G ONSEMI-MC33269T-50G Datasheet
268Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269DT-5.0G ONSEMI-MC33269DT-5.0G Datasheet
287Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
logo
New Japan Radio
NJM2887 NJRC-NJM2887 Datasheet
117Kb / 5P
   ADJUSTABLE LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com