Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JCB0348D15 Datasheet(PDF) 2 Page - XP Power Limited

Part # JCB0348D15
Description  3 Watts JCB Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

JCB0348D15 Datasheet(HTML) 2 Page - XP Power Limited

  JCB0348D15 Datasheet HTML 1Page - XP Power Limited JCB0348D15 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
19-Nov-13
JCB03
Models and Ratings
Mechanical Details and Application Notes
Bottom View
0.90
(22.86)
15.24
(0.60)
0.20
(5.08)
0.10
(2.54)
0.01
(0.25)
0.02
(0.50)
3
1
22
15
13
24
16
2
10
9
12
11
23
14
1.25 (31.75)
0.80
(20.32)
0.40
(10.16)
0.12 (3.05) Min.
PIN CONNECTIONS
Pin
Single
Dual
Single-H Dual-H Single-Z,
or -HZ
Dual-Z,
or -HZ
1
+Vin
+Vin
N.P.
N.P.
N.P.
N.P.
2
N.C.
-Vout
-Vin
-Vin
-Vin
-Vin
3
N.C.
Common
-Vin
-Vin
-Vin
-Vin
9
N.P.
N.P.
N.P.
Common
N.P.
Common
10
-Vout
Common
N.P.
N.P.
N.P.
N.P.
11
+Vout
+Vout
N.C.
-Vout
N.C.
-Vout
12
-Vin
-Vin
N.P.
N.P.
N.P.
N.P.
13
-Vin
-Vin
N.P.
N.P.
N.P.
N.P.
14
+Vout
+Vout
+Vout
+Vout
+Vout
+Vout
15
-Vout
Common
N.P.
N.P.
N.P.
N.P.
16
N.P.
N.P.
-Vout
Common
-Vout
Common
22
N.C.
Common
+Vin
+Vin
+Vin
+Vout
23
N.C.
-Vout
+Vin
+Vin
+Vin
+Vout
24
+Vin
+Vin
N.P.
N.P.
N.P.
N.P.
Input Voltage
Output Voltage
Output Current
Input Current(6)
Maximum
Capacitive Load
Efficiency
Model Number(3,4,5)
No Load
Full Load
4.5-9 V
5.0 V
600 mA
40 mA
857 mA
2200 µF
70%
JCB0305S05
9.0 V
333 mA
40 mA
833 mA
470 µF
72%
JCB0305S09
12.0 V
250 mA
40 mA
810 mA
470 µF
74%
JCB0305S12
15.0 V
200 mA
40 mA
810 mA
470 µF
74%
JCB0305S15
24.0 V
125 mA
40 mA
857 mA
220 µF
70%
JCB0305S24
±5.0 V
±300 mA
40 mA
869 mA
±1000 µF
69%
JCB0305D05
±9.0 V
±167 mA
40 mA
857 mA
±220 µF
70%
JCB0305D09
±12.0 V
±125 mA
40 mA
833 mA
±220 µF
72%
JCB0305D12
±15.0 V
±100 mA
40 mA
810 mA
±220 µF
74%
JCB0305D15
±24.0 V
±63 mA
40 mA
857 mA
±100 µF
70%
JCB0305D24
9-18 V
5.0 V
600 mA
20 mA
328 mA
2200 µF
76%
JCB0312S05
9.0 V
333 mA
20 mA
324 mA
470 µF
77%
JCB0312S09
12.0 V
250 mA
20 mA
316 mA
470 µF
79%
JCB0312S12
15.0 V
200 mA
20 mA
316 mA
470 µF
79%
JCB0312S15
24.0 V
125 mA
20 mA
316 mA
220 µF
79%
JCB0312S24
±5.0 V
±300 mA
20 mA
324 mA
±1000 µF
77%
JCB0312D05
±9.0 V
±167 mA
20 mA
320 mA
±220 µF
78%
JCB0312D09
±12.0 V
±125 mA
20 mA
320 mA
±220 µF
78%
JCB0312D12
±15.0 V
±100 mA
20 mA
320 mA
±220 µF
78%
JCB0312D15
±24.0 V
±63 mA
20 mA
320 mA
±100 µF
78%
JCB0312D24
18-36 V
5.0 V
600 mA
12 mA
156 mA
2200 µF
80%
JCB0324S05
9.0 V
333 mA
12 mA
156 mA
470 µF
80%
JCB0324S09
12.0 V
250 mA
12 mA
152 mA
470 µF
82%
JCB0324S12
15.0 V
200 mA
12 mA
152 mA
470 µF
82%
JCB0324S15
24.0 V
125 mA
12 mA
156 mA
220 µF
80%
JCB0324S24
±5.0 V
±300 mA
12 mA
160 mA
±1000 µF
78%
JCB0324D05
±9.0 V
±167 mA
12 mA
158 mA
±220 µF
79%
JCB0324D09
±12.0 V
±125 mA
12 mA
156 mA
±220 µF
80%
JCB0324D12
±15.0 V
±100 mA
12 mA
156 mA
±220 µF
80%
JCB0324D15
±24.0 V
±63 mA
12 mA
156 mA
±100 µF
80%
JCB0324D24
36-72 V
5.0 V
600 mA
8 mA
81 mA
2200 µF
77%
JCB0348S05
9.0 V
333 mA
8 mA
80 mA
470 µF
78%
JCB0348S09
12.0 V
250 mA
8 mA
78 mA
470 µF
80%
JCB0348S12
15.0 V
200 mA
8 mA
78 mA
470 µF
80%
JCB0348S15
24.0 V
125 mA
8 mA
78 mA
220 µF
80%
JCB0348S24
±5.0 V
±300 mA
8 mA
80 mA
±1000 µF
78%
JCB0348D05
±9.0 V
±167 mA
8 mA
79 mA
±220 µF
79%
JCB0348D09
±12.0 V
±125 mA
8 mA
78 mA
±220 µF
80%
JCB0348D12
±15.0 V
±100 mA
8 mA
78 mA
±220 µF
80%
JCB0348D15
±24.0 V
±63 mA
8 mA
78 mA
±100 µF
80%
JCB0348D24
Notes
Notes
1. Minimum load required to meet noise and ripple and initial set accuracy
specifications. Below 25% load, noise and ripple increases to 200 mV pk-pk
typical and load regulation to ±1% max.
2. Cross regulation is ±5% when one output is at 100% the other is varied
between 25% and 100%.
3. For optional 3000 VDC isolation, add suffix ‘-H’ to end of part number.
4. For optional metal case version, add suffix ‘-M’ to end of part number,
eg. JCB0324S12-HM
5. For alternative pin out, add suffix ‘-Z’ to end of part number,eg. JCB0324S12-HMZ
6. Input current measured at nominal input voltage
7. A 220 µF/100 V capacitor across the input is required in order to meet
EN61000-4-4 & EN61000-4-5.
1. All dimensions are in inches (mm)
2. Weight: 0.04 lbs (20 g) approx.
3. Pin diameter: 0.02±0.002 (0.5±0.05)
4. Pin pitch tolerance: ±0.014 (±0.35)
5. Case tolerance: ±0.02 (±0.5)
N.C.
- No Connection
N.P.
- No Pin
Input Filter
DC/DC
Converter
+Vin
+Vout
LOAD
C1
C2
L
-Vin
+
-
-Vout
Model
C1
L
C2
JCB0305
220 µF/100 V 12 µH
JCB0312
220 µF/100 V 12 µH
JCB0324
220 µF/100 V 12 µH 470 pF/2 KV/
MLCC*
JCB0348
220 µF/100 V 12 µH
*or higher for -H


Similar Part No. - JCB0348D15

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JCB0348D15 XPPOWER-JCB0348D15 Datasheet
79Kb / 2P
   DC-DC Power Supplies
More results

Similar Description - JCB0348D15

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
DCH3-050EU-0001 ARTESYN-DCH3-050EU-0001 Datasheet
919Kb / 4P
   DCH3 Series 3 Watts
DCH3-050US-0004 ARTESYN-DCH3-050US-0004 Datasheet
1Mb / 3P
   DCH3 Series 3 Watts
DCH3-050EU-0005 ARTESYN-DCH3-050EU-0005 Datasheet
1Mb / 3P
   DCH3 Series 3 Watts
logo
XP Power Limited
JCA02 XPPOWER-JCA02 Datasheet
386Kb / 2P
   2/3 Watts JCA Series
logo
TT Electronics.
PLO TTELEC-PLO Datasheet
374Kb / 2P
   3 watts to 15 watts
4LPW TTELEC-4LPW Datasheet
282Kb / 2P
   3 watts to 15 watts
LPW TTELEC-LPW Datasheet
155Kb / 2P
   3 watts to 15 watts
logo
Murata Power Solutions ...
PWR70 MURATA-PS-PWR70 Datasheet
122Kb / 2P
   3 WATTS UNREGULATED
logo
Artesyn Technologies
ATA00F18-L ARTESYN-ATA00F18-L Datasheet
609Kb / 3P
   POWER 3 Watts
logo
SL Power Electronics
D35_DD SLPOWER-D35_DD Datasheet
17Kb / 2P
   D35 Euro Wall Mount 1-3 Watts Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com