Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JCH1048D03 Datasheet(PDF) 2 Page - XP Power Limited

Part # JCH1048D03
Description  10 Watts JCH Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

JCH1048D03 Datasheet(HTML) 2 Page - XP Power Limited

  JCH1048D03 Datasheet HTML 1Page - XP Power Limited JCH1048D03 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
21-Jan-11
Application Notes
JCH10
Models and Ratings
Derating Curve
Notes
Notes
1. Measured at nominal input voltage.
Mechanical Details
Input Voltage
Output
Voltage
Output
Current
Input Current(1)
Efficiency
Maximum
Capacitive Load
Model Number
No Load
Full Load
9-18 VDC
3.3 V
2000 mA
30 mA
705 mA
78%
2200 µF
JCH1012S3V3
5.0 V
2000 mA
30 mA
1016 mA
82%
2200 µF
JCH1012S05
12.0 V
833 mA
30 mA
992 mA
84%
680 µF
JCH1012S12
15.0 V
666 mA
30 mA
992 mA
84%
470 µF
JCH1012S15
24.0 V
416 mA
30 mA
980 mA
85%
330 µF
JCH1012S24
±3.3 V
±1000 mA
30 mA
1068 mA
78%
±1000 µF
JCH1012D03
±5.0 V
±1000 mA
30 mA
1016 mA
82%
±1000 µF
JCH1012D05
±12.0 V
±416 mA
30 mA
992 mA
84%
±470 µF
JCH1012D12
±15.0 V
±333 mA
30 mA
980 mA
85%
±330 µF
JCH1012D15
±24.0 V
±208 mA
30 mA
980 mA
85%
±220 µF
JCH1012D24
18-36 VDC
3.3 V
2000 mA
25 mA
352 mA
78%
2200 µF
JCH1024S3V3
5.0 V
2000 mA
25 mA
508 mA
82%
2200 µF
JCH1024S05
12.0 V
833 mA
25 mA
496 mA
84%
680 µF
JCH1024S12
15.0 V
666 mA
25 mA
490 mA
85%
470 µF
JCH1024S15
24.0 V
416 mA
25 mA
484 mA
86%
330 µF
JCH1024S24
±3.3 V
±1000 mA
25 mA
352 mA
78%
±1000 µF
JCH1024D03
±5.0 V
±1000 mA
25 mA
508 mA
82%
±1000 µF
JCH1024D05
±12.0 V
±416 mA
25 mA
496 mA
84%
±470 µF
JCH1024D12
±15.0 V
±333 mA
25 mA
496 mA
84%
±330 µF
JCH1024D15
±24.0 V
±208 mA
25 mA
490 mA
85%
±220 µF
JCH1024D24
36-72 VDC
3.3 V
2000 mA
20 mA
176 mA
78%
2200 µF
JCH1048S3V3
5.0 V
2000 mA
20 mA
251 mA
83%
2200 µF
JCH1048S05
12.0 V
833 mA
20 mA
248 mA
84%
680 µF
JCH1048S12
15.0 V
666 mA
20 mA
248 mA
84%
470 µF
JCH1048S15
24.0 V
416 mA
20 mA
245 mA
86%
330 µF
JCH1048S24
±3.3 V
±1000 mA
20 mA
176 mA
78%
±1000 µF
JCH1048D03
±5.0 V
±1000 mA
20 mA
254 mA
82%
±1000 µF
JCH1048D05
±12.0 V
±416 mA
20 mA
245 mA
85%
±470 µF
JCH1048D12
±15.0 V
±333 mA
20 mA
245 mA
85%
±330 µF
JCH1048D15
±24.0 V
±208 mA
20 mA
242 mA
86%
±220 µF
JCH1048D24
1.00
(25.40)
2.00
(50.80)
0.60
(15.24)
0.80
(20.32)
0.60
(15.24)
0.40
(10.16)
0.20
(5.08)
0.40
(10.16)
0.10
(2.54)
0.40
(10.16)
0.40
(10.16)
0.10
(2.54)
Bottom View
0.40
(10.16)
DIA.
0.04
(1.00)
0.20
(5.08)
min
34
12
5
1. All dimensions are in inches (mm)
2. Weight: 0.07 lbs (30 g)
3. Pin diameter tolerance: ±0.002 (±0.05)
4. Pin pitch tolerance: ±0.014 (±0.35)
5. Case tolerance: ±0.02 (±0.50)
Ambient Temperature (°C)
100
75
50
25
-40
-20
0
20
40
60
80
100
120
Input Filter
12 µH
330 µF
100 µF
+Vin
-Vin
+
-
PIN CONNECTIONS
Pin
Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
3
+Vout
+Vout
4
No Pin
Com
5
-Vout
-Vout


Similar Part No. - JCH1048D03

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JCH1048D03 XPPOWER-JCH1048D03 Datasheet
72Kb / 2P
   DC-DC Power Supplies
More results

Similar Description - JCH1048D03

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JCA10 XPPOWER-JCA10 Datasheet
264Kb / 2P
   10 Watts JCA Series
JCA1005D01 XPPOWER-JCA1005D01 Datasheet
107Kb / 2P
   10 Watts JCA Series
logo
Astec America, Inc
AER03 ASTEC-AER03 Datasheet
561Kb / 2P
   10 Watts
logo
List of Unclassifed Man...
SA10-48-3.3S ETC1-SA10-48-3.3S Datasheet
120Kb / 2P
   10 Watts
logo
Astec America, Inc
AEE02F12-49 ASTEC-AEE02F12-49 Datasheet
1Mb / 2P
   10 Watts
AEE02F24 ASTEC-AEE02F24 Datasheet
134Kb / 2P
   10 Watts
ASA03G24-L ASTEC-ASA03G24-L Datasheet
94Kb / 2P
   10 Watts
AEE01AA24 ASTEC-AEE01AA24 Datasheet
141Kb / 2P
   10 Watts
logo
Anaren Microwave
10-100RV ANAREN-10-100RV Datasheet
200Kb / 2P
   10 Watts
logo
XP Power Limited
ECE05US03 XPPOWER-ECE05US03 Datasheet
158Kb / 2P
   5/10 Watts ECE Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com