Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JCB0348D09 Datasheet(PDF) 1 Page - XP Power Limited

Part # JCB0348D09
Description  3 Watts JCB Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

JCB0348D09 Datasheet(HTML) 1 Page - XP Power Limited

  JCB0348D09 Datasheet HTML 1Page - XP Power Limited JCB0348D09 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specification
3 Watts
2:1 Input Range
Operating Temperature 40 °C to +100 °C
Single & Dual Outputs
1500 VDC Isolation
Optional Isolation to 3000 VDC
Optional Metal Case
3 Year Warranty
JCB Series
Input
Input Voltage Range
• 5 V (4.5-9 VDC)
12 V (9-18 VDC)
24 V (18-36 VDC)
48 V (36-72 VDC)
Input Current
• See table
Input Filter
• Pi network
Input Reflected Ripple
• 35 mA pk-pk through 12 µH inductor
Input Surge
• 5 V models 15 VDC for 100 ms
12 V models 24 VDC for 100 ms
24 V models 40 VDC for 100 ms
48 V models 80 VDC for 100 ms
Undervoltage Lockout
• None
Reverse Voltage
• None
Protection
Output
Output Voltage
• See table
Minimum Load
• Minimum load required (see note 1)
Initial Set Accuracy
• ±1% max
Line Regulation
• ±0.5% max
Load Regulation
• ±0.5% max
Cross Regulation
• ±5% on dual output models (see note 2)
Transient Response
• <3% deviation, recovery to within 1% in
2 ms for a 50% load change
Ripple & Noise
• 60 mV pk-pk max, 20 MHz bandwidth
Short Circuit Protection
• Continuous, with auto recovery
Overvoltage Protection
• None
Overcurrent Protection
• None
Maximum Capacitive
• See tables
Load
Temperature
• ±0.02/°C max
Coefficient
xppower.com
General
Efficiency
• See tables
Isolation Voltage
• 1500 VDC Input to Output
For optional high isolation version 3000 VDC
(see note 3)
1500 VDC Input to Case
1500 VDC Output to Case
Switching Frequency
• 100-400 kHz variable
Isolation Resistance
• 109
Power Density
• 7.5 W/in3
MTBF
• >2 MHrs to MIL-HDBK-217F at 25 °C, GB
Environmental
Operating Temperature
• -40 °C to +100 °C, derate from 100% load
at +85 °C to no load at +100 °C
Case Temperature
• +100 °C max
Storage Temperature
• -40 °C to +125 °C
Humidity
• Up to 95% RH, non-condensing
Cooling
• Natural convection
EMC & Safety
Emissions
• EN55022 Class A conducted &
radiated, with external components,
see application note
ESD Immunity
• EN61000-4-2, level 3, Perf Criteria A
EFT/Burst
• EN61000-4-4, level 3, Perf Criteria A
(see note 7)
Surge
• EN61000-4-5, installation class 3,
Perf Criteria A (see note 7)
Conducted Immunity
• EN61000-4-6, 10 V rms, Perf Criteria A
Magnetic Fields
• EN61000-4-8, 1 A/m, Perf Criteria A


Similar Part No. - JCB0348D09

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JCB0348D09 XPPOWER-JCB0348D09 Datasheet
79Kb / 2P
   DC-DC Power Supplies
More results

Similar Description - JCB0348D09

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
DCH3-050EU-0001 ARTESYN-DCH3-050EU-0001 Datasheet
919Kb / 4P
   DCH3 Series 3 Watts
DCH3-050US-0004 ARTESYN-DCH3-050US-0004 Datasheet
1Mb / 3P
   DCH3 Series 3 Watts
DCH3-050EU-0005 ARTESYN-DCH3-050EU-0005 Datasheet
1Mb / 3P
   DCH3 Series 3 Watts
logo
XP Power Limited
JCA02 XPPOWER-JCA02 Datasheet
386Kb / 2P
   2/3 Watts JCA Series
logo
TT Electronics.
PLO TTELEC-PLO Datasheet
374Kb / 2P
   3 watts to 15 watts
4LPW TTELEC-4LPW Datasheet
282Kb / 2P
   3 watts to 15 watts
LPW TTELEC-LPW Datasheet
155Kb / 2P
   3 watts to 15 watts
logo
Murata Power Solutions ...
PWR70 MURATA-PS-PWR70 Datasheet
122Kb / 2P
   3 WATTS UNREGULATED
logo
Artesyn Technologies
ATA00F18-L ARTESYN-ATA00F18-L Datasheet
609Kb / 3P
   POWER 3 Watts
logo
SL Power Electronics
D35_DD SLPOWER-D35_DD Datasheet
17Kb / 2P
   D35 Euro Wall Mount 1-3 Watts Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com