Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JCA0624S03 Datasheet(PDF) 1 Page - XP Power Limited

Part # JCA0624S03
Description  4/6 Watts JCA Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

JCA0624S03 Datasheet(HTML) 1 Page - XP Power Limited

  JCA0624S03 Datasheet HTML 1Page - XP Power Limited JCA0624S03 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specification
4/6 Watts
Compact 1.0”x 0.8”Metal Package
Industry Standard Pin Out
2:1 Input Range
Single & Dual Outputs
Operating Temperature -40 °C to +100 °C
UL & TUV Approved
3 Year Warranty
JCA Series
Input
Input Voltage Range
• 5 V (4.5-9.0 VDC), 12 V (9-18 VDC)
24 V (18-36 VDC), 48 V (36-75 VDC)
Input Current
• See table
Input Filter
• Pi network
Input Surge
• 5 V models 10 V for 1 s max,
12 V models 25 V for 1 s max,
24 V models 50 V for 1 s max,
48 V models 100 V for 1 s max
Input Reflected Ripple
• 80 mA for 5 V models
30 mA for all other models
Output
Output Voltage
• See table
Initial Set Accuracy
• ±1% max
Start Up Delay
• 200 ms max
Start Up Rise Time
• 3.5 ms typical
Minimum Load
• No minimum load required
Line Regulation
• ±0.3%
Load Regulation
• ±1%
Cross Regulation
• ±5% on dual output models
Transient Response
• 4% max deviation, recovery to within
1% in <500 µs for a 25% load change
at 1 A/µs
Ripple & Noise
• 50 mV pk-pk, 20 MHz bandwidth
Overcurrent Protection
• 150% typical, trip & restart
(hiccup mode)
Short Circuit Protection
• Continuous with auto recovery
Overvoltage Protection
• 150% typical, Recycle input to reset
Temperature
• ±0.05%/°C
Coefficient
xppower.com
General
Efficiency
• See table
Isolation
• 1500 VDC Input to Output, basic insulation
500 VDC Input to Case
500 VDC Output to Case
Switching Frequency
• 300 kHz typical
Power Density
• JCA04: 12.5 W/in3, JCA06: 18.8 W/in3
MTBF
• 1.0 MHrs to MIL-HDBK-217F at 25 °C, GB
Environmental
Operating Temperature
• -40 °C to +100 °C output power derates
from 100% load at +75 °C linearly to
0% load at +100 °C
Case Temperature
• +100 °C max
Storage Temperature
• -55 °C to +125 °C
Cooling
• Convection cooled
Operating Humidity
• Up to 95% RH, non-condensing
EMC & Safety
Emissions
• EN55022, level A conducted & radiated
(level B with external components,
see application note)
ESD Immunity
• EN61000-4-2, level 2 Perf Criteria A
Radiated Immunity
• EN61000-4-3 3 V/m Perf Criteria A
Conducted Immunity
• EN61000-4-6 3 V rms Perf Criteria A
Magnetic Fields
• EN61000-4-8, 10 A/m, Perf Criteria A
Safety Approvals
• EN60950-1, UL60950-1,
CSA C22.2 No. 60950-1-03,
CE Mark LVD


Similar Part No. - JCA0624S03

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JCA0624S03 XPPOWER-JCA0624S03 Datasheet
86Kb / 2P
   DC-DC Power Supplies
More results

Similar Description - JCA0624S03

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JCA10 XPPOWER-JCA10 Datasheet
264Kb / 2P
   10 Watts JCA Series
JCA1005D01 XPPOWER-JCA1005D01 Datasheet
107Kb / 2P
   10 Watts JCA Series
JCA02 XPPOWER-JCA02 Datasheet
386Kb / 2P
   2/3 Watts JCA Series
JTC04 XPPOWER-JTC04 Datasheet
261Kb / 2P
   4/6 Watts JTC Series
JCE06 XPPOWER-JCE06 Datasheet
139Kb / 2P
   6 Watts JCE Series
logo
Astec America, Inc
ASA01F18-L ASTEC-ASA01F18-L Datasheet
127Kb / 2P
   6 Watts
logo
Emerson Network Power
DA4-050EU EMERSON-NETWORKPOWER-DA4-050EU Datasheet
511Kb / 3P
   DA4 Series 4 Watts
logo
Artesyn Technologies
ASA01F18-LS ARTESYN-ASA01F18-LS Datasheet
701Kb / 3P
   POWER 6 Watts
logo
Astec America, Inc
DA4-050US ASTEC-DA4-050US Datasheet
128Kb / 3P
   4 Watts
logo
Powerbox
MAC04 POWERBOX-MAC04 Datasheet
525Kb / 2P
   4-6 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com