Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL8002G Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # ICL8002G
Description  LED Controller IC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICL8002G Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button ICL8002G Datasheet HTML 7Page - Infineon Technologies AG ICL8002G Datasheet HTML 8Page - Infineon Technologies AG ICL8002G Datasheet HTML 9Page - Infineon Technologies AG ICL8002G Datasheet HTML 10Page - Infineon Technologies AG ICL8002G Datasheet HTML 11Page - Infineon Technologies AG ICL8002G Datasheet HTML 12Page - Infineon Technologies AG ICL8002G Datasheet HTML 13Page - Infineon Technologies AG ICL8002G Datasheet HTML 14Page - Infineon Technologies AG ICL8002G Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Single Stage PFC and Flyback LED Controller
ICL8002G
Functional Description
Data Sheet
13
Rev1.0, 2012-02-28
4.2
Soft-start
At the time ton, the IC begins to operate with a soft-start. By this soft-start the switching stresses for the switch,
diode and transformer are minimised. The soft-start implemented in ICL8002G is a digital time-based function. The
preset soft-start time is 12ms with 4 steps. If not limited by other functions, the peak voltage on CS pin will increase
step by step from 0.32 V to 1 V finally.
Figure 5
Maximum current sense voltage during softstart
4.3
Normal Operation
The PWM controller during normal operation consists of a digital signal processing circuit including a comparator,
and an analog circuit including a current measurement unit and a comparator. The switch-on and -off time points
are each determined by the digital circuit and the analog circuit, respectively. As input information for the switch-
on determination, the zero-crossing input signal is needed, while the voltages sense signal at pin VR and the
current sensing signal VCS are necessary for the switch-off determination. Details about the full operation of the
PWM controller in normal operation are illustrated in the following paragraphs.
4.3.1
Zero Crossing
In the system, the voltage from the auxiliary winding is applied to the zero-crossing pin through a RC network,
which provides a time delay to the voltage from the auxiliary winding. Internally, this pin is connected to a clamping
network, a zero-crossing detector, an output overvoltage detector and a ringing suppression time controller.
During on-state of the power switch a negative voltage applies to the ZCV pin. Through the internal clamping
network, the voltage at the pin is clamped to -0.3V.
The voltage
VZC is also used for the output overvoltage protection. Once the voltage at this pin is higher than the
threshold VZCOVP during off-time of the main switch, the IC is latched off after a fixed blanking time.
To achieve the switch-on at voltage valley, the voltage from the auxiliary winding is fed to a time delay network
(the RC network consists of Dzc, Rzc1, Rzc2 and Czc as shown in typical application circuit) before it is applied
to the zero-crossing detector through the ZC pin. The needed time delay to the main oscillation signal Dt should
be approximately one fourth of the oscillation period (by transformer primary inductor and drain-source capacitor)
ton
369
12
0.32
0.49
0.66
0.83
1.00
Vcs_sst
(V)
Time(ms)


Similar Part No. - ICL8002G

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
ICL8002G SEOUL-ICL8002G Datasheet
945Kb / 10P
   ICL8002G
logo
Infineon Technologies A...
ICL8002G INFINEON-ICL8002G Datasheet
2Mb / 23P
   Phase Cut Dimmable Non-isolated Buck Converter for LED Retrofit Bulb with
Revision 1.1, 2012 -08 -03
More results

Similar Description - ICL8002G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSL2129AT NXP-SSL2129AT Datasheet
533Kb / 21P
   Dimmable LED controller IC
Rev. 2-23 October 2012
logo
SHENZHEN FUMAN ELECTRON...
FM3125D FUMAN-FM3125D Datasheet
217Kb / 5P
   High precision LED controller IC
logo
Infineon Technologies A...
ILD4120 INFINEON-ILD4120 Datasheet
668Kb / 11P
   1200mA step down - LED controller IC
Rev. 1.0, July 2009
logo
Maxim Integrated Produc...
MAX16841 MAXIM-MAX16841_13 Datasheet
1Mb / 18P
   Controller IC for Dimmable Offline LED Lamps
Rev 1; 6/13
logo
Rohm
BD521GOFJ ROHM-BD521GOFJ Datasheet
1Mb / 20P
   AC/DC controller IC for LED lighting
logo
Maxim Integrated Produc...
MAX16841 MAXIM-MAX16841 Datasheet
1Mb / 18P
   Controller IC for Dimmable Offline LED Lamps
Rev 0; 10/11
logo
NXP Semiconductors
SSL2103 NXP-SSL2103 Datasheet
414Kb / 21P
   SMPS controller IC for dimmable LED lighting
Rev. 2-25 November 2010
logo
Unisonic Technologies
UL319 UTC-UL319 Datasheet
230Kb / 7P
   SERIAL-INTERFACED 16-DIGIT LED CONTROLLER IC
UL319B UTC-UL319B Datasheet
215Kb / 7P
   SERIAL-INTERFACED 14-DIGIT LED CONTROLLER IC
logo
Schurter Inc.
10700031 SCHURTER-10700031 Datasheet
229Kb / 2P
   Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com