Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILD1150 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # ILD1150
Description  Multitopology High Power LED DC/DC Controller IC for Industrial Applications
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ILD1150 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button ILD1150 Datasheet HTML 4Page - Infineon Technologies AG ILD1150 Datasheet HTML 5Page - Infineon Technologies AG ILD1150 Datasheet HTML 6Page - Infineon Technologies AG ILD1150 Datasheet HTML 7Page - Infineon Technologies AG ILD1150 Datasheet HTML 8Page - Infineon Technologies AG ILD1150 Datasheet HTML 9Page - Infineon Technologies AG ILD1150 Datasheet HTML 10Page - Infineon Technologies AG ILD1150 Datasheet HTML 11Page - Infineon Technologies AG ILD1150 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
Datasheet
8
Rev. 1.1, 2012-04-11
ILD1150
General Product Characteristics
4
General Product Characteristics
4.1
Absolute Maximum Ratings
Absolute Maximum Ratings1)
T
j = -40 ⋅C to +125 ⋅C; all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.
Voltages
4.1.1
IN
Supply Input
V
IN
-0.3
45
V
4.1.2
EN / PWMI
Enable or PWM Input
V
EN
-40
45
V
4.1.3
FBH-FBL;
Feedback Error Amplifier Differential
V
FBH-VFBL
-5.5
5.5
V
4.1.4
FBH;
Feedback Error Amplifier Positive Input
V
FBH
-0.3
45
V
4.1.5
FBL
Feedback Error Amplifier Negative Input
V
FBL
-0.3
45
V
4.1.6
OVFB
Over Voltage Feedback Input
V
OVP
-0.3
5.5
V
4.1.7
-0.3
6.2
V
t < 10s
4.1.8
SWCS
Switch Current Sense Input
V
SWCS
-0.3
5.5
V
4.1.9
-0.3
6.2
V
t < 10s
4.1.10
SWO
Switch Gate Drive Output
V
SWO
-0.3
5.5
V
4.1.11
-0.3
6.2
V
t < 10s
4.1.12
SGND
Current Sense Switch GND
V
SGND
-0.3
0.3
V
4.1.13
COMP
Compensation Input
V
COMP
-0.3
5.5
V
4.1.14
-0.3
6.2
V
t < 10s
4.1.15
FREQ / SYNC; Frequency and
Synchronization Input
V
FREQ / SYNC
-0.3
5.5
V
4.1.16
-0.3
6.2
V
t < 10s
4.1.17
PWMO
PWM Dimming Output
V
PWMO
-0.3
5.5
V
4.1.18
-0.3
6.2
V
t < 10s
4.1.19
ST
V
ST
-0.3
45
V
4.1.20
Diagnostic Status Output
I
ST
-5
5
mA
4.1.21
IVCC
Internal Linear Voltage Regulator Output
V
IVCC
-0.3
5.5
V
4.1.22
-0.3
6.2
V
t < 10s
Temperatures
4.1.23
Junction Temperature
T
j
-40
150
°C–
4.1.24
Storage Temperature
T
stg
-55
150
°C–
ESD Susceptibility
4.1.25
ESD Resistivity to GND
V
ESD,HBM
-2
2
kV
HBM2)


Similar Part No. - ILD1150

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ILD1151 INFINEON-ILD1151 Datasheet
1Mb / 42P
   Multitopology High Power LED DC/DC Controller for Industrial Applications
Rev. 1.1, 2012-04-11
More results

Similar Description - ILD1150

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ILD1151 INFINEON-ILD1151 Datasheet
1Mb / 42P
   Multitopology High Power LED DC/DC Controller for Industrial Applications
Rev. 1.1, 2012-04-11
TLD5097EL INFINEON-TLD5097EL_15 Datasheet
1,022Kb / 41P
   Multitopology LITIX Power DC/DC Controller IC
Revision 1.0 2015-03-12
TLD5095EL INFINEON-TLD5095EL_15 Datasheet
947Kb / 35P
   Multitopology LITIX Power DC/DC Controller IC
Revision 1.4 2015-03-11
TLD5098EL INFINEON-TLD5098EL_15 Datasheet
1,000Kb / 41P
   Multitopology LITIX Power DC/DC Controller IC
Revision 1.2 2015-03-12
TLD5098EP INFINEON-TLD5098EP Datasheet
1Mb / 42P
   TLD5098EP- Multitopology LITIX??Power DC/DC Controller IC
Rev. 1.00 2018-12-13
TLD6098-1EP INFINEON-TLD6098-1EP Datasheet
1Mb / 48P
   Multitopology single-channel DC-DC controller
Rev.1.10 2021-09-30
TLD6098-2ES INFINEON-TLD6098-2ES Datasheet
1Mb / 51P
   LITIX??Power TLD6098-2ES Multitopology dual-channel DC-DC controller
Rev.1.10 2021-09-30
logo
Rohm
BD521GOFJ ROHM-BD521GOFJ Datasheet
1Mb / 20P
   AC/DC controller IC for LED lighting
logo
New Japan Radio
NJM2367 NJRC-NJM2367 Datasheet
117Kb / 7P
   5.5A HIGH POWER DC/DC CONVERTER CONTROLLER IC
logo
Infineon Technologies A...
TLD5190QV INFINEON-TLD5190QV Datasheet
3Mb / 58P
   H-Bridge DC/DC Controller for High Power LED Lighting
Rev. 1.0, 2016-05-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com