Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV20081MUTAG Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCV20081MUTAG
Description  Operational Amplifier, Rail-to-Rail Input
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV20081MUTAG Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCV20081MUTAG Datasheet HTML 3Page - ON Semiconductor NCV20081MUTAG Datasheet HTML 4Page - ON Semiconductor NCV20081MUTAG Datasheet HTML 5Page - ON Semiconductor NCV20081MUTAG Datasheet HTML 6Page - ON Semiconductor NCV20081MUTAG Datasheet HTML 7Page - ON Semiconductor NCV20081MUTAG Datasheet HTML 8Page - ON Semiconductor NCV20081MUTAG Datasheet HTML 9Page - ON Semiconductor NCV20081MUTAG Datasheet HTML 10Page - ON Semiconductor NCV20081MUTAG Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
NCS20081, NCV20081, NCS20082, NCV20082, NCS20084, NCV20084
www.onsemi.com
7
ELECTRICAL CHARACTERISTICS AT VS = 5.5 V
TA = 25°C; RL ≥ 10 kW; VCM = VOUT = mid−supply unless otherwise noted.
Boldface limits apply over the specified temperature range, TA = −40°C to 125°C. (Note 10)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Input Offset Voltage
VOS
0.5
3.5
mV
4
mV
Offset Voltage Drift
DVOS/DT
1
mV/°C
Input Bias Current (Note 10)
IIB
1
pA
1500
pA
Input Offset Current (Note 10)
IOS
1
pA
1100
pA
Channel Separation
XTLK
DC
125
dB
Differential Input Resistance
RID
10
G
W
Common Mode Input Resistance
RIN
10
G
W
Differential Input Capacitance
CID
1
pF
Common Mode Input Capacitance
CCM
5
pF
Common Mode Rejection Ratio
CMRR
VCM = VSS – 0.2 to VDD + 0.2
55
79
dB
VCM = VSS + 0.2 to VDD − 0.2
51
OUTPUT CHARACTERISTICS
Open Loop Voltage Gain
AVOL
90
120
dB
86
Short Circuit Current
ISC
Output to positive rail, sinking current
15
mA
Output to negative rail, sourcing current
11
Output Voltage High
VOH
Voltage output swing from positive rail
3
24
mV
25
Output Voltage Low
VOL
Voltage output swing from negative rail
3
24
mV
25
AC CHARACTERISTICS
Unity Gain Bandwidth
UGBW
1.2
MHz
Slew Rate at Unity Gain
SR
VID = 5 Vpp, Gain = 1
0.4
V/
ms
Phase Margin
ym
60
°
Gain Margin
Am
17
dB
Settling Time
tS
VIN = 5 Vpp,
Gain = 1
Settling time to 0.1%
5
ms
Settling time to 0.01%
6
Open Loop Output Impedance
ZOL
f = 100 Hz
0.8
W
NOISE CHARACTERISTICS
Total Harmonic Distortion plus Noise
THD+N
VIN = 5 Vpp, f = 1 kHz, Av = 1
0.005
%
Input Referred Voltage Noise
en
f = 1 kHz
30
nV/
√Hz
f = 10 kHz
24
Input Referred Current Noise
in
f = 1 kHz
300
fA/
√Hz
SUPPLY CHARACTERISTICS
Power Supply Rejection Ratio
PSRR
No Load
67
90
dB
64
Power Supply Quiescent Current
IDD
Per channel, no load
48
70
mA
10. Performance guaranteed over the indicated operating temperature range by design and/or characterization.
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.


Similar Part No. - NCV20081MUTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV20081 ONSEMI-NCV20081 Datasheet
753Kb / 20P
   Operational Amplifier Low Power, Rail-to-Rail
October, 2015 ??Rev. 1
More results

Similar Description - NCV20081MUTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS20061 ONSEMI-NCS20061_16 Datasheet
774Kb / 20P
   Operational Amplifier Rail-to-Rail Input
August, 2016 ??Rev. 4
NCS20091 ONSEMI-NCS20091_16 Datasheet
685Kb / 20P
   Operational Amplifier, Rail-to-Rail Input
August, 2016 ??Rev. 4
logo
Intersil Corporation
EL5411T INTERSIL-EL5411T_10 Datasheet
815Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5211T RENESAS-EL5211T Datasheet
850Kb / 15P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
May 12, 2010
EL5411T RENESAS-EL5411T Datasheet
1,002Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
August 3, 2010
logo
Intersil Corporation
EL5420T INTERSIL-EL5420T Datasheet
470Kb / 17P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
ISL24021 INTERSIL-ISL24021 Datasheet
333Kb / 12P
   1A Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
ISL24021 RENESAS-ISL24021 Datasheet
704Kb / 13P
   1A Rail-to-Rail Input-Output Operational Amplifier
EL5220T RENESAS-EL5220T Datasheet
813Kb / 15P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Intersil Corporation
EL5120T INTERSIL-EL5120T Datasheet
511Kb / 14P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com