Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV2001SQ2T2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCV2001SQ2T2G
Description  Rail-to-Rail, Single Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV2001SQ2T2G Datasheet(HTML) 5 Page - ON Semiconductor

  NCV2001SQ2T2G Datasheet HTML 1Page - ON Semiconductor NCV2001SQ2T2G Datasheet HTML 2Page - ON Semiconductor NCV2001SQ2T2G Datasheet HTML 3Page - ON Semiconductor NCV2001SQ2T2G Datasheet HTML 4Page - ON Semiconductor NCV2001SQ2T2G Datasheet HTML 5Page - ON Semiconductor NCV2001SQ2T2G Datasheet HTML 6Page - ON Semiconductor NCV2001SQ2T2G Datasheet HTML 7Page - ON Semiconductor NCV2001SQ2T2G Datasheet HTML 8Page - ON Semiconductor NCV2001SQ2T2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
NCS2001, NCV2001
http://onsemi.com
5
V+
2 V/div
1 ms/div)
VCC = 2.5 V
VEE = −2.5 V
RL = 10 k to GND
TA = 25°C
Phase
Margin = 60°
Gain
Phase
−40
−20
0
20
40
60
80
1.E+01 1.E+02 1.E+03 1.E+04 1.E+05 1.E+06 1.E+07
−225
−180
−135
−90
−45
0
45
0
0
2.0
8.0
10
12
IL, Load Current (mA)
0.1
0.2
0.3
−0.3
−0.2
−0.1
0
VCC
VEE
High State Output
Sourcing Current
Low State Output
Sinking Current
VCC = 2.5 V
VEE = −2.5 V
IL to GND
TA = 25°C
4.0
6.0
TA, Ambient Temperature (°C)
Figure 2. Split Supply Output Saturation vs.
Load Resistance
Figure 3. Split Supply Output Saturation vs.
Load Current
Figure 4. Input Bias Current vs. Temperature
Figure 5. Gain and Phase vs. Frequency
Figure 6. Transient Response
Figure 7. Slew Rate
0
100
1.0 k
10 k
100 k
1.0 M
RL, Load Resistance (W)
0.2
0.4
0.6
−0.6
−0.4
−0.2
0
VCC
VEE
High State Output
Sourcing Current
Low State Output
Sinking Current
VCC = 2.5 V
VEE = −2.5 V
RL to GND
TA = 25°C
f, Frequency (Hz)
1000
100
1.0
0
0
25
50
75
100
125
10
VCC = 2.5 V
VEE = −2.5 V
−2 V
−2 V
−2 V
−2 V
2 V
2 V
VOUT
2 V/div
V+
0.1 V/div
VOUT
0.1 V/div
1 ms/div)
0 V
0.2 V
0 V
0.2 V


Similar Part No. - NCV2001SQ2T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV2001SQ2T2G ONSEMI-NCV2001SQ2T2G Datasheet
141Kb / 16P
   0.9 V, Rail-to-Rail, Single Operational Amplifier
January, 2017 ??Rev. 18
More results

Similar Description - NCV2001SQ2T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LMV301 ONSEMI-LMV301_16 Datasheet
139Kb / 13P
   Rail-to-Rail Operational Amplifier
August, 2016 ??Rev. 3
logo
Richtek Technology Corp...
RT9137 RICHTEK-RT9137 Datasheet
309Kb / 21P
   Rail-to-Rail Operational Amplifier
RT9146 RICHTEK-RT9146_13 Datasheet
178Kb / 12P
   Rail-to-Rail Operational Amplifier
RT9133A RICHTEK-RT9133A Datasheet
218Kb / 13P
   Rail-to-Rail Operational Amplifier
logo
New Japan Radio
NJU7056 NJRC-NJU7056 Datasheet
242Kb / 8P
   Rail-to-Rail Output Single CMOS Operational Amplifier
logo
ON Semiconductor
NCS2001 ONSEMI-NCS2001_17 Datasheet
141Kb / 16P
   0.9 V, Rail-to-Rail, Single Operational Amplifier
January, 2017 ??Rev. 18
logo
New Japan Radio
NJM2730F-TE1 NJRC-NJM2730F-TE1 Datasheet
298Kb / 9P
   Rail-to-Rail Input/Output Single Operational Amplifier
logo
Texas Instruments
OPA2340TDF1 TI-OPA2340TDF1 Datasheet
80Kb / 5P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER MicroAmplifier
logo
ON Semiconductor
NCS2001 ONSEMI-NCS2001 Datasheet
127Kb / 16P
   0.9 V, Rail-to-Rail, Single Operational Amplifier
September, 2004 ??Rev. 12
logo
SG Micro Corp
SGM8041 SGMICRO-SGM8041 Datasheet
302Kb / 11P
   Single Rail-to-Rail I/O Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com