Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCS2333MNTXG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCS2333MNTXG
Description  Low Power, Zero-Drift Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2333MNTXG Datasheet(HTML) 1 Page - ON Semiconductor

  NCS2333MNTXG Datasheet HTML 1Page - ON Semiconductor NCS2333MNTXG Datasheet HTML 2Page - ON Semiconductor NCS2333MNTXG Datasheet HTML 3Page - ON Semiconductor NCS2333MNTXG Datasheet HTML 4Page - ON Semiconductor NCS2333MNTXG Datasheet HTML 5Page - ON Semiconductor NCS2333MNTXG Datasheet HTML 6Page - ON Semiconductor NCS2333MNTXG Datasheet HTML 7Page - ON Semiconductor NCS2333MNTXG Datasheet HTML 8Page - ON Semiconductor NCS2333MNTXG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 2016
October, 2016 − Rev. 10
1
Publication Order Number:
NCS333/D
NCS333, NCV333,
NCS2333, NCV2333,
NCS4333, NCV4333
10 mV Offset, 0.07 mV/5C,
Low Power, Zero-Drift
Operational Amplifier
The NCS333 family of high precision op amps feature very low
input offset voltage and near−zero drift over time and temperature.
These low quiescent current amplifiers have high impedance inputs
with a common−mode range 100 mV beyond the rails as well as
rail−to−rail output swing within 50 mV of the rails. These op amps
operate over a wide supply range from 1.8 V to 5.5 V. The NCS333
family exhibits outstanding CMRR without the crossover associated
with traditional complementary input stages. The NCS333, as well as
the dual version, NCS2333, and the quad version, NCS4333, come in a
variety of packages and pinouts. Automotive qualified options are
available under NCV prefix.
Features
Low Offset Voltage: 10 mV max for NCS333, 30 mV max for
NCS2333 and NCS4333
Zero Drift: 0.07 mV/°C max
Low Noise: 1.1 mVpp, 0.1 Hz to 10 Hz
Quiescent Current per Channel: 17 mA Typical at 3.3 V Supply
Supply Voltage: 1.8 V to 5.5 V
Rail−to−Rail Input and Output
NCV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Typical Applications
Temperature Measurements
Transducer Applications
Current Sensing
End Products
Battery Powered Instruments
Electronic Scales
Medical Instrumentation
This document contains information on some products that are still under development.
ON Semiconductor reserves the right to change or discontinue these products without
notice.
SOT23−5
SN SUFFIX
CASE 483
www.onsemi.com
1
5
SC70−5
SQ SUFFIX
CASE 419A
1
5
DFN−8
MN SUFFIX
CASE 506BW
MSOP−8
DM SUFFIX
CASE 846A−02
SOIC−8
D SUFFIX
CASE 751
SOIC−14
D SUFFIX
CASE 751A
See detailed ordering and shipping information on page 3 of
this data sheet.
ORDERING INFORMATION
See general marking information in the device marking
section on page 2 of this data sheet.
DEVICE MARKING INFORMATION
1
14
1
8
1


Similar Part No. - NCS2333MNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2333MUTBG ONSEMI-NCS2333MUTBG Datasheet
931Kb / 27P
   Zero-Drift Operational Amplifier
June, 2018 ??Rev. 18
More results

Similar Description - NCS2333MNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS333 ONSEMI-NCS333 Datasheet
640Kb / 15P
   Low Power, Zero-Drift Operational Amplifier
September, 2015 ??Rev. 4
logo
Linear Technology
LTC1049CN8PBF LINER-LTC1049CN8PBF Datasheet
203Kb / 12P
   Low Power Zero-Drift Operational Amplifier
LTC1052 LINER-LTC1052_15 Datasheet
856Kb / 24P
   Zero-Drift Operational Amplifier
logo
Asahi Kasei Microsystem...
AK2970H AKM-AK2970H Datasheet
424Kb / 10P
   Zero Drift Operational Amplifier
logo
ON Semiconductor
NCS325 ONSEMI-NCS325_16 Datasheet
762Kb / 15P
   Zero-Drift Operational Amplifier
October, 2016 ??Rev. 3
NCS333A ONSEMI-NCS333A_18 Datasheet
931Kb / 27P
   Zero-Drift Operational Amplifier
June, 2018 ??Rev. 18
logo
Linear Technology
LTC1052 LINER-LTC1052_09 Datasheet
850Kb / 24P
   Zero-Drift Operational Amplifier
logo
ON Semiconductor
NCS325 ONSEMI-NCS325 Datasheet
717Kb / 10P
   Zero-Drift Operational Amplifier
June, 2014 ??Rev. 1
logo
Linear Technology
LTC7652 LINER-LTC7652_15 Datasheet
856Kb / 24P
   Zero-Drift Operational Amplifier
logo
ON Semiconductor
NCS325 ONSEMI-NCS325_17 Datasheet
763Kb / 15P
   Zero-Drift Operational Amplifier
March, 2017 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com