Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV2002SN1T1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCV2002SN1T1G
Description  Sub-One Volt Rail-to-Rail Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV2002SN1T1G Datasheet(HTML) 3 Page - ON Semiconductor

  NCV2002SN1T1G Datasheet HTML 1Page - ON Semiconductor NCV2002SN1T1G Datasheet HTML 2Page - ON Semiconductor NCV2002SN1T1G Datasheet HTML 3Page - ON Semiconductor NCV2002SN1T1G Datasheet HTML 4Page - ON Semiconductor NCV2002SN1T1G Datasheet HTML 5Page - ON Semiconductor NCV2002SN1T1G Datasheet HTML 6Page - ON Semiconductor NCV2002SN1T1G Datasheet HTML 7Page - ON Semiconductor NCV2002SN1T1G Datasheet HTML 8Page - ON Semiconductor NCV2002SN1T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
NCS2002, NCV2002
http://onsemi.com
3
DC ELECTRICAL CHARACTERISTICS (VCC = 2.5 V, VEE = −2.5 V, VCM = VO = 0 V, RL to GND, TA = 25°C, unless otherwise noted)
Rating
Unit
Max
Typ
Min
Symbol
Output Voltage Swing, Low State Output (VID = − 0.5 V)
TA = −40 to +125°C
VCC = 0.45 V, VEE = −0.45 V
RL = 10 k
RL = 2.0 k
VCC = 1.5 V, VEE = −1.5 V
RL = 10 k
RL = 2.0 k
VCC = 2.5 V, VEE = −2.5 V
RL = 10 k
RL = 2.0 k
VOL
−0.446
−0.432
−1.497
−1.484
−2.496
−2.481
−0.40
−0.35
−1.45
−1.40
−2.45
−2.40
V
Common Mode Rejection Ratio (Vin = 0 to 5.0 V)
CMRR
60
82
dB
Power Supply Rejection Ratio (VCC = 0.5 V to 2.5 V, VEE = −2.5 V)
PSRR
60
85
dB
Output Short Circuit Current
VCC = 0.45 V, VEE = −0.45 V, VID = $0.4 V
Source Current High Output State
Sink Current Low Output State
VCC = 1.5 V, VEE = −1.5 V, VID = $0.5 V
Source Current High Output State
Sink Current Low Output State
VCC = 2.5 V, VEE = −2.5 V, VID = $0.5 V
Source Current High Output State
Sink Current Low Output State
ISC
0.5
25
65
1.0
−3.0
32
−58
86
−128
−2.0
−45
−100
mA
Power Supply Current (Per Amplifier, VO = 0 V)
TA = −40 to +125°C
VCC = 0.5 V to VEE = −0.5 V
Venable = VCC
Venable = VEE
VCC = 1.5 V to VEE = −1.5 V
Venable = VCC
Venable = VEE
VCC = 2.5 V to VEE = −2.5 V
Venable = VCC
Venable = VEE
ID
480
1.5
720
2.2
820
2.5
600
3.0
900
5.0
1000
5.0
mA
Enable Input Threshold Voltage (VCC = 2.5 V, VEE = −2.5 V)
Operating
Disabled
Vth(EN)
1.7 V + VEE
2.7 V + VEE
1.9
2.8 V + VEE
V
Enable Input Current (VCC = 5.0 V, VEE = 0)
Enable = 5.0 V
Enable = GND
IEnable
1.1
1.1
2.0
2.0
mA


Similar Part No. - NCV2002SN1T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV2002SN1T1G ONSEMI-NCV2002SN1T1G Datasheet
201Kb / 16P
   Sub?뭀ne Volt Rail?뭪o?뭃ail Operational Amplifier with Enable Feature
January, 2007 ??Rev. 6
More results

Similar Description - NCV2002SN1T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2002 ONSEMI-NCS2002 Datasheet
124Kb / 16P
   Sub-One Volt Rail-to-Rail Operational Amplifier with Enable Feature
January, 2004 ??Rev. 2
NCS7101 ONSEMI-NCS7101 Datasheet
138Kb / 16P
   1.8 Volt Rail-to-Rail Operational Amplifier
January, 2004 ??Rev. 2
NCS7101 ONSEMI-NCS7101_11 Datasheet
192Kb / 16P
   1.8 Volt Rail-to-Rail Operational Amplifier
October, 2011 ??Rev. 4
NCS7101 ONSEMI-NCS7101_V01 Datasheet
271Kb / 17P
   1.8 Volt Rail-to-Rail Operational Amplifier
February, 2022 - Rev. 5
LMV301 ONSEMI-LMV301_16 Datasheet
139Kb / 13P
   Rail-to-Rail Operational Amplifier
August, 2016 ??Rev. 3
logo
Richtek Technology Corp...
RT9137 RICHTEK-RT9137 Datasheet
309Kb / 21P
   Rail-to-Rail Operational Amplifier
RT9146 RICHTEK-RT9146_13 Datasheet
178Kb / 12P
   Rail-to-Rail Operational Amplifier
RT9133A RICHTEK-RT9133A Datasheet
218Kb / 13P
   Rail-to-Rail Operational Amplifier
logo
Texas Instruments
OPA348-Q1 TI1-OPA348-Q1_16 Datasheet
1Mb / 32P
[Old version datasheet]   CMOS Rail-to-Rail Operational Amplifier
logo
Advanced Linear Devices
ALD1712A ALD-ALD1712A_05 Datasheet
49Kb / 6P
   RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com