Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCS2002SN1T1G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCS2002SN1T1G
Description  Sub-One Volt Rail-to-Rail Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2002SN1T1G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCS2002SN1T1G Datasheet HTML 2Page - ON Semiconductor NCS2002SN1T1G Datasheet HTML 3Page - ON Semiconductor NCS2002SN1T1G Datasheet HTML 4Page - ON Semiconductor NCS2002SN1T1G Datasheet HTML 5Page - ON Semiconductor NCS2002SN1T1G Datasheet HTML 6Page - ON Semiconductor NCS2002SN1T1G Datasheet HTML 7Page - ON Semiconductor NCS2002SN1T1G Datasheet HTML 8Page - ON Semiconductor NCS2002SN1T1G Datasheet HTML 9Page - ON Semiconductor NCS2002SN1T1G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
NCS2002, NCV2002
http://onsemi.com
6
85°C
2.0
0
1.0 k
f, Frequency (Hz)
4.0
6.0
8.0
10
10 k
100 k
1.0 M
0
10
20
30
40
50
60
70
90
10
100
1.0 k
10 k
100 k
1.0 M
10 M
f, Frequency (Hz)
VS = ±3.5 V
f, Frequency (Hz)
Figure 8. Output Voltage versus Frequency
Figure 9. Common Mode Rejection Ratio
versus Frequency
Figure 10. Power Supply Rejection Ratio
versus Frequency
Figure 11. Output Short Circuit Sinking
Current versus Supply Voltage
VS = ±2.5 V
VS = ±0.45 V
AV = 1.0
RL = 10 k
TA = 25°C
VS, Supply Voltage (V)
Figure 12. Output Short Circuit Sourcing
Current versus Supply Voltage
Figure 13. Supply Current versus Supply
Voltage with No Load
120
10
100
1.0 k
10 k
100 k
1.0 M
10 M
80
60
40
20
0
PSR +
PSR −
0
±1.0
±2.0
±3.5
±0.5
±1.5
1.0
0.8
0.6
0.4
0.2
0
VS, Supply Voltage (V)
VS, Supply Voltage (V)
0
±1.0
±2.0
±2.5
±0.5
±1.5
200
160
120
80
40
0
±3.0
±3.5
0
±1.0
±2.0
±2.5
±0.5
±1.5
280
160
120
80
40
0
±3.0
±3.5
−40°C
25°C
85°C
−40°C
25°C
85°C
Output Pulsed Test
at 3% Duty Cycle
Output Pulsed Test
at 3% Duty Cycle
80
VS = ±2.5 V
RL = ∞
AV = 1.0
TA = 25°C
VS = ±2.5 V
RL = ∞
AV = 1.0
TA = 25°C
100
200
240
±2.5
±3.0
−40°C
25°C
RL = ∞
AV = 1.0


Similar Part No. - NCS2002SN1T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2002SN1T1G ONSEMI-NCS2002SN1T1G Datasheet
201Kb / 16P
   Sub?뭀ne Volt Rail?뭪o?뭃ail Operational Amplifier with Enable Feature
January, 2007 ??Rev. 6
More results

Similar Description - NCS2002SN1T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2002 ONSEMI-NCS2002 Datasheet
124Kb / 16P
   Sub-One Volt Rail-to-Rail Operational Amplifier with Enable Feature
January, 2004 ??Rev. 2
NCS7101 ONSEMI-NCS7101 Datasheet
138Kb / 16P
   1.8 Volt Rail-to-Rail Operational Amplifier
January, 2004 ??Rev. 2
NCS7101 ONSEMI-NCS7101_11 Datasheet
192Kb / 16P
   1.8 Volt Rail-to-Rail Operational Amplifier
October, 2011 ??Rev. 4
NCS7101 ONSEMI-NCS7101_V01 Datasheet
271Kb / 17P
   1.8 Volt Rail-to-Rail Operational Amplifier
February, 2022 - Rev. 5
LMV301 ONSEMI-LMV301_16 Datasheet
139Kb / 13P
   Rail-to-Rail Operational Amplifier
August, 2016 ??Rev. 3
logo
Richtek Technology Corp...
RT9137 RICHTEK-RT9137 Datasheet
309Kb / 21P
   Rail-to-Rail Operational Amplifier
RT9146 RICHTEK-RT9146_13 Datasheet
178Kb / 12P
   Rail-to-Rail Operational Amplifier
RT9133A RICHTEK-RT9133A Datasheet
218Kb / 13P
   Rail-to-Rail Operational Amplifier
logo
Texas Instruments
OPA348-Q1 TI1-OPA348-Q1_16 Datasheet
1Mb / 32P
[Old version datasheet]   CMOS Rail-to-Rail Operational Amplifier
logo
Advanced Linear Devices
ALD1712A ALD-ALD1712A_05 Datasheet
49Kb / 6P
   RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com