Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCS2003 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCS2003
Description  Operational Amplifiers High Slew Rate, Rail-to-Rail Output
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2003 Datasheet(HTML) 1 Page - ON Semiconductor

  NCS2003_16 Datasheet HTML 1Page - ON Semiconductor NCS2003_16 Datasheet HTML 2Page - ON Semiconductor NCS2003_16 Datasheet HTML 3Page - ON Semiconductor NCS2003_16 Datasheet HTML 4Page - ON Semiconductor NCS2003_16 Datasheet HTML 5Page - ON Semiconductor NCS2003_16 Datasheet HTML 6Page - ON Semiconductor NCS2003_16 Datasheet HTML 7Page - ON Semiconductor NCS2003_16 Datasheet HTML 8Page - ON Semiconductor NCS2003_16 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
© Semiconductor Components Industries, LLC, 2016
August, 2016 − Rev. 11
1
Publication Order Number:
NCS2003/D
NCS2003/A, NCV2003,
NCS20032, NCV20032,
NCS20034, NCV20034
Operational Amplifiers,
High Slew Rate, Low
Voltage, Rail-to-Rail Output
The NCS2003 family of op amps features high slew rate, low
voltage operation with rail−to−rail output drive capability. The 1.8 V
operation allows high performance operation in low voltage, low
power applications. The fast slew rate and wide unity−gain bandwidth
(5 MHz at 1.8 V) make these op amps suited for high speed
applications. The low input offset voltage (4 mV max) allows the op
amp to be used for current shunt monitoring. Additional features
include no output phase reversal with overdriven inputs and ultra low
input bias current of 1 pA.
The NCS2003 family is the ideal solution for a wide range of
applications and products. The single channel NCS2003, dual channel
NCS20032, and quad channel NCS20034 are available in a variety of
compact and space−saving packages. The NCV prefix denotes that the
device is AEC−Q100 Qualified and PPAP Capable.
Features
Unity Gain Bandwidth: 7 MHz at VS = 5 V
Fast Slew Rate: 8 V/ms rising, 12.5 V/ms falling at VS = 5 V
Rail−to−Rail Output
No Output Phase Reversal for Over−Driven Input Signals
Low Offset Voltage: 0.5 mV typical
Low Input Bias Current: 1 pA typical
NCV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Applications
Current Shunt Monitor
Signal Conditioning
Active Filter
Sensor Buffer
End Products
Motor Control Drives
Hard Drives
Medical Devices
White Goods and Air Conditioners
www.onsemi.com
ORDERING INFORMATION
SOT23−5
CASE 483
(NCS/NCV2003)
MARKING
DIAGRAMS
A
= Assembly Location
WL, L
= Wafer Lot
Y
= Year
WW, W = Work Week
G or
G = Pb−Free Package
SOT553, 5 LEAD
CASE 463B
(NCS2003)
(Note: Microdot may be in either location)
1
5
ANxYW
G
G
1
5
A3M
See detailed ordering, marking and shipping information on
page 2 of this data sheet.
Micro8
]
DM SUFFIX
CASE 846A
2K32
AYW
G
G
1
8
1
8
SOIC−8
CASE 751
20032
ALYWX
G
1
8
TSSOP−8
T SUFFIX
CASE 948S
K32
YWW
A
G
G
1
14
NCS20034G
AWLYWW
1
14
SOIC−14 NB
CASE 751A


Similar Part No. - NCS2003_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS20032 ONSEMI-NCS20032 Datasheet
868Kb / 21P
   Operational Amplifiers, High Slew Rate, Low Voltage, Rail-to-Rail Output
June, 2022 - Rev. 12
NCS20032DMR2G ONSEMI-NCS20032DMR2G Datasheet
868Kb / 21P
   Operational Amplifiers, High Slew Rate, Low Voltage, Rail-to-Rail Output
June, 2022 - Rev. 12
NCS20032DR2G ONSEMI-NCS20032DR2G Datasheet
868Kb / 21P
   Operational Amplifiers, High Slew Rate, Low Voltage, Rail-to-Rail Output
June, 2022 - Rev. 12
NCS20032DTBR2G ONSEMI-NCS20032DTBR2G Datasheet
868Kb / 21P
   Operational Amplifiers, High Slew Rate, Low Voltage, Rail-to-Rail Output
June, 2022 - Rev. 12
NCS20034 ONSEMI-NCS20034 Datasheet
868Kb / 21P
   Operational Amplifiers, High Slew Rate, Low Voltage, Rail-to-Rail Output
June, 2022 - Rev. 12
More results

Similar Description - NCS2003_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2003 ONSEMI-NCS2003_V01 Datasheet
868Kb / 21P
   Operational Amplifiers, High Slew Rate, Low Voltage, Rail-to-Rail Output
June, 2022 - Rev. 12
logo
E-CMOS Corporation
EC5420A E-CMOS-EC5420A Datasheet
592Kb / 10P
   High Slew Rate Rail-to-Rail Quad Operational Amplifiers
EC5602 E-CMOS-EC5602 Datasheet
855Kb / 12P
   High Slew Rate Rail-to-Rail Dual Operational Amplifiers
EC5420 E-CMOS-EC5420 Datasheet
580Kb / 9P
   High Slew Rate Rail-to-Rail Quad Operational Amplifiers
logo
Global Mixed-mode Techn...
G1402 GMT-G1402_15 Datasheet
31Kb / 1P
   Dual Output Rail-to-Rail, High Slew-Rate Amplifiers
logo
Unisonic Technologies
ULV2772 UTC-ULV2772 Datasheet
186Kb / 8P
   FAMILY OF 2.7V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TLV2772Y TI-TLV2772Y Datasheet
638Kb / 32P
[Old version datasheet]   2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT DUAL OPERATIONAL AMPLIFIERS
logo
E-CMOS Corporation
EC5611 E-CMOS-EC5611 Datasheet
730Kb / 11P
   High Slew Rate Rail-to-Rail Single Operational Amplifiers with OTP
EC5601 E-CMOS-EC5601 Datasheet
1Mb / 11P
   High Slew Rate Rail-to-Rail Single Operational Amplifiers with OTP
logo
Texas Instruments
TLV2770 TI-TLV2770_07 Datasheet
1Mb / 65P
[Old version datasheet]   FAMILY OF 2.7-HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com