Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCS211SQT2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCS211SQT2G
Description  Current-Shunt Monitor, Voltage Output Bi-Directional Zero-Drift
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS211SQT2G Datasheet(HTML) 3 Page - ON Semiconductor

  NCS211SQT2G Datasheet HTML 1Page - ON Semiconductor NCS211SQT2G Datasheet HTML 2Page - ON Semiconductor NCS211SQT2G Datasheet HTML 3Page - ON Semiconductor NCS211SQT2G Datasheet HTML 4Page - ON Semiconductor NCS211SQT2G Datasheet HTML 5Page - ON Semiconductor NCS211SQT2G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NCS210, NCS211, NCS212, NCS213, NCS214, NCS215
www.onsemi.com
3
Table 4. ELECTRICAL CHARACTERISTICS
Boldface limits apply over the specified temperature range, TA = −40°C to 125°C, guaranteed by characterization and/or design.
At TA = +25°C, VSENSE = VIN+ − VIN−.
NCS210, NCS213, NCS214 and NCS215: VS = +5 V, VIN+ = 12 V, and VREF = VS/2, unless otherwise noted.
NCS211 and NCS212: VS = +12 V, VIN+ = 12 V, and VREF = VS/2, unless otherwise noted.
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
GAIN
NCS210
NCS211
NCS212
NCS213
NCS214
NCS215
G
200
500
1000
50
100
75
V/V
Gain Error
VSENSE = −5 mV to 5 mV
Ge
+0.2
+1
%
NCV210
VSENSE = −5 mV to 5 mV
Ge
+0.2
+1.5
%
Gain Error vs. Temperature
TA = −10°C to 125°C
7
14
ppm/
°C
NCV210
TA = −40°C to 125°C
7
70
ppm/
°C
Nonlinearity Error
VSENSE = −5 mV to 5 mV
±0.01
%
Maximum Capacitive Load
No sustained oscillation
1
nF
VOLTAGE OFFSET
Offset Voltage
(RTI Note 6)
NCS210,NCS211,
NCS212, NCS214,
NCS215
VSENSE = 0 mV
VOS
±0.55
±60
mV
NCS213
±5
±100
mV
NCV210
±0.55
±90
mV
Offset Drift
dV/dT
0.1
0.6
mV/°C
NCS213
dV/dT
0.5
1.5
mV/°C
NCV210
dV/dT
0.1
1.0
mV/°C
INPUT
Input Bias Current
VSENSE = 0 mV
IIB
60
mA
Common−Mode Input Voltage Range
VCM
−0.3
26
V
Common−Mode
Rejection Ratio
NCS210, NCS211,
NCS212, NCS214,
NCS215
VS = 5 V, VIN+ = 2 V to +26 V,
VSENSE = 0 mV
CMRR
103
115
dB
VS = 3.3 V, VIN+ = 3 V to +26 V,
VSENSE = 0 mV
103
115
dB
VS = 3.3 V, VIN+ = 0 V to +26 V,
VSENSE = 0 mV (TA = −10°C to 85°C)
103
120
dB
Common−Mode
Rejection Ratio
NCS213
VS = 5 V, VIN+ = 2 V to +26 V,
VSENSE = 0 mV
CMRR
97
110
dB
VS = 3.3 V, VIN+ = 3 V to +26 V,
VSENSE = 0 mV
97
110
dB
VS = 3.3 V, VIN+ = 0 V to +26 V,
VSENSE = 0 mV (TA = −10°C to 85°C)
97
115
dB
Common−Mode
Rejection Ratio
NCV210
VS = 5 V, VIN+ = 2 V to +26 V,
VSENSE = 0 mV
CMRR
100
115
dB
VS = 3.3 V, VIN+ = 3 V to +26 V,
VSENSE = 0 mV
100
115
dB
OUTPUT
Output Voltage Low
Referenced from GND
RL = 10 kΩ to Ground
VOL
5
50
mV
Output Voltage High
Referenced from VS
RL = 10 kΩ to Ground
VOH
0.05
0.2
V


Similar Part No. - NCS211SQT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS211SQT2G ONSEMI-NCS211SQT2G Datasheet
74Kb / 5P
   Current-Shunt Monitor Voltage Output Bi-Directional Zero-Drift
October, 2015 ??Rev. 0
More results

Similar Description - NCS211SQT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS210 ONSEMI-NCS210 Datasheet
74Kb / 5P
   Current-Shunt Monitor Voltage Output Bi-Directional Zero-Drift
October, 2015 ??Rev. 0
NCS199 ONSEMI-NCS199 Datasheet
72Kb / 5P
   Current-Shunt Monitor, Voltage Output Bi-Directional Zero-Drift
July, 2016 ??Rev. 1
logo
Texas Instruments
INA210 TI-INA210_08 Datasheet
583Kb / 17P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zero-Drift Series CURRENT SHUNT MONITOR
logo
Analog Devices
AD8219 AD-AD8219 Datasheet
288Kb / 16P
   Zero Drift, Unidirectional Current Shunt Monitor
REV. 0
AD8219BRMZ AD-AD8219BRMZ Datasheet
339Kb / 12P
   Zero Drift, Unidirectional Current Shunt Monitor
REV. A
AD8218 AD-AD8218 Datasheet
351Kb / 16P
   Zero Drift, Bidirectional Current Shunt Monitor
REV. A
AD8218 AD-AD8218_13 Datasheet
361Kb / 16P
   Zero Drift, Bidirectional Current Shunt Monitor
REV. B
logo
Texas Instruments
INA282 TI-INA282_11 Datasheet
686Kb / 31P
[Old version datasheet]   High-Accuracy, Wide Common-Mode Range, Bi-Directional CURRENT SHUNT MONITOR Zero-Drift Series
INA219 TI-INA219 Datasheet
883Kb / 33P
[Old version datasheet]   ZerO-Drift, Bi-Directional CURRENT/POWER MONITOR with I2TM Interface
INA282 TI-INA282 Datasheet
706Kb / 31P
[Old version datasheet]   High-Accuracy Wide Common-Mode Range Bi-Directional CURRENT SHUNT MONITOR Zero-Drift Series
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com