Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV2820MUTBG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCV2820MUTBG
Description  Filterless Class-D Audio Power Amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV2820MUTBG Datasheet(HTML) 3 Page - ON Semiconductor

  NCV2820MUTBG Datasheet HTML 1Page - ON Semiconductor NCV2820MUTBG Datasheet HTML 2Page - ON Semiconductor NCV2820MUTBG Datasheet HTML 3Page - ON Semiconductor NCV2820MUTBG Datasheet HTML 4Page - ON Semiconductor NCV2820MUTBG Datasheet HTML 5Page - ON Semiconductor NCV2820MUTBG Datasheet HTML 6Page - ON Semiconductor NCV2820MUTBG Datasheet HTML 7Page - ON Semiconductor NCV2820MUTBG Datasheet HTML 8Page - ON Semiconductor NCV2820MUTBG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
NCP2820 Series
http://onsemi.com
3
MAXIMUM RATINGS
Symbol
Rating
Max
Unit
Vp
Supply Voltage
Active Mode
Shutdown Mode
6.0
7.0
V
Vin
Input Voltage
−0.3 to VCC +0.3
V
Iout
Max Output Current (Note 1)
1.5
A
Pd
Power Dissipation (Note 2)
Internally Limited
TA
Operating Ambient Temperature
−40 to +85
°C
TJ
Max Junction Temperature
150
°C
Tstg
Storage Temperature Range
−65 to +150
°C
RqJA
Thermal Resistance Junction−to−Air
9−Pin Flip−Chip
UDFN8
90 (Note 3)
50
°C/W
ESD Protection
Human Body Model (HBM) (Note 4)
Machine Model (MM) (Note 5)
> 2000
> 200
V
Latchup Current @ TA = 85°C (Note 6)
9−Pin Flip−Chip
UDFN8
$70
$100
mA
MSL
Moisture Sensitivity (Note 7)
Level 1
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. The device is protected by a current breaker structure. See “Current Breaker Circuit” in the Description Information section for more
information.
2. The thermal shutdown is set to 160°C (typical) avoiding irreversible damage to the device due to power dissipation.
3. For the 9−Pin Flip−Chip CSP package, the RqJA is highly dependent of the PCB Heatsink area. For example, RqJA can equal 195°C/W with
50 mm2 total area and also 135°C/W with 500 mm2. When using ground and power planes, the value is around 90°C/W, as specified in table.
4. Human Body Model: 100 pF discharged through a 1.5 kW resistor following specification JESD22/A114. On 9−Pin Flip−Chip, B2 Pin (VP)
is qualified at 1500 V.
5. Machine Model: 200 pF discharged through all pins following specification JESD22/A115.
6. Latchup Testing per JEDEC Standard JESD78.
7. Moisture Sensitivity Level (MSL): 1 per IPC/JEDEC standard: J−STD−020A.


Similar Part No. - NCV2820MUTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV2890 ONSEMI-NCV2890 Datasheet
216Kb / 16P
   1.0 Watt Audio Power Amplifier
November, 2006 ??Rev. 10
NCV2890DMR2G ONSEMI-NCV2890DMR2G Datasheet
216Kb / 16P
   1.0 Watt Audio Power Amplifier
November, 2006 ??Rev. 10
NCV2890DMR2G ONSEMI-NCV2890DMR2G Datasheet
206Kb / 16P
   1.0 Watt Audio Power Amplifier
November, 2006 ??Rev. 10
More results

Similar Description - NCV2820MUTBG

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM8301 PAM-PAM8301 Datasheet
223Kb / 11P
   Filterless Class-D Mono Audio Amplifier
logo
National Semiconductor ...
LM4673 NSC-LM4673 Datasheet
889Kb / 18P
   Filterless, 2.65W, Mono, Class D Audio Power Amplifier
logo
Diodes Incorporated
PAM8301 DIODES-PAM8301 Datasheet
287Kb / 10P
   FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
logo
Analog Devices
SSM2380 AD-SSM2380 Datasheet
691Kb / 32P
   Filterless, Stereo, Class-D Audio Amplifier
logo
Maxim Integrated Produc...
MAX9701 MAXIM-MAX9701_09 Datasheet
383Kb / 22P
   1.3W, Filterless, Stereo Class D Audio Power Amplifier
Rev 3; 3/09
logo
Lyontek Inc.
LY8009 LYONTEK-LY8009_17 Datasheet
683Kb / 17P
   5.5W Mono Filterless Class D Audio power Amplifier
logo
Texas Instruments
LM4674A TI1-LM4674A_14 Datasheet
837Kb / 20P
[Old version datasheet]   Filterless 2.5W Stereo Class D Audio Power Amplifier
logo
National Semiconductor ...
LM4674A NSC-LM4674A Datasheet
838Kb / 18P
   Filterless 2.5W Stereo Class D Audio Power Amplifier
LM4673 NSC-LM4673_07 Datasheet
8Mb / 24P
   Filterless, 2.65W, Mono, Class D Audio Power Amplifier
logo
Maxim Integrated Produc...
MAX9701 MAXIM-MAX9701 Datasheet
1Mb / 21P
   1.3W, Filterless, Stereo Class D Audio Power Amplifier
Rev 0; 6/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com