Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP163AFCS260T2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP163AFCS260T2G
Description  250 mA, Ultra-Low Noise and High PSRR LDO Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP163AFCS260T2G Datasheet(HTML) 1 Page - ON Semiconductor

  NCP163AFCS260T2G Datasheet HTML 1Page - ON Semiconductor NCP163AFCS260T2G Datasheet HTML 2Page - ON Semiconductor NCP163AFCS260T2G Datasheet HTML 3Page - ON Semiconductor NCP163AFCS260T2G Datasheet HTML 4Page - ON Semiconductor NCP163AFCS260T2G Datasheet HTML 5Page - ON Semiconductor NCP163AFCS260T2G Datasheet HTML 6Page - ON Semiconductor NCP163AFCS260T2G Datasheet HTML 7Page - ON Semiconductor NCP163AFCS260T2G Datasheet HTML 8Page - ON Semiconductor NCP163AFCS260T2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
© Semiconductor Components Industries, LLC, 2016
October, 2016 − Rev. 0
1
Publication Order Number:
NCP163/D
NCP163
250 mA, Ultra-Low Noise
and High PSRR LDO
Regulator for RF and
Analog Circuits
The NCP163 is a next generation of high PSRR, ultra−low noise
LDO capable of supplying 250 mA output current. Designed to meet
the requirements of RF and sensitive analog circuits, the NCP163
device provides ultra−low noise, high PSRR and low quiescent
current. The device also offer excelent load/line transients. The
NCP163 is designed to work with a 1 uF input and a 1
mF output
ceramic capacitor. It is available in two thickness ultra−small 0.35P,
0.65 mm x 0.65 mm Chip Scale Package (CSP) and XDFN4 0.65P,
1 mm x 1 mm.
Features
Operating Input Voltage Range: 2.2 V to 5.5 V
Available in Fixed Voltage Option: 1.2 V to 5.3 V
±2% Accuracy Over Load/Temperature
Ultra Low Quiescent Current Typ. 12 mA
Standby Current: Typ. 0.1 mA
Very Low Dropout: 80 mV at 250 mA
Ultra High PSRR: Typ. 92 dB at 20 mA, f = 1 kHz
Ultra Low Noise: 6.5 mVRMS
Stable with a 1 mF Small Case Size Ceramic Capacitors
Available in −WLCSP4 0.65 mm x 0.65 mm x 0.33 mm
−WLCSP4 0.65 mm x 0.65 mm x 0.4 mm
−XDFN4 1 mm x 1 mm x 0.4 mm
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Typical Applications
Battery−powered Equipment
Wireless LAN Devices
Smartphones, Tablets
Cameras, DVRs, STB and Camcorders
IN
EN
GND
OUT
OFF
ON
Figure 1. Typical Application Schematics
VOUT
COUT
1
mF
Ceramic
VIN
NCP163
CIN
1
mF
Ceramic
WLCSP4
CASE 567KA
MARKING
DIAGRAMS
www.onsemi.com
X or XX = Specific Device Code
M
= Date Code
See detailed ordering, marking and shipping information on
page 11 of this data sheet.
ORDERING INFORMATION
PIN CONNECTIONS
XDFN4
CASE 711AJ
A1
A2
B1
B2
IN
OUT
EN
GND
(Top View)
(Top View)
WLCSP4
CASE 567JZ
A1
X
1
XX M
1
A1
X


Similar Part No. - NCP163AFCS260T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1631 ONSEMI-NCP1631 Datasheet
604Kb / 23P
   Interleaved, 2-Phase Power Factor Controller
August, 2009 ??Rev. 0
NCP1631DR2G ONSEMI-NCP1631DR2G Datasheet
604Kb / 23P
   Interleaved, 2-Phase Power Factor Controller
August, 2009 ??Rev. 0
NCP1631DR2G ONSEMI-NCP1631DR2G Datasheet
456Kb / 24P
   Interleaved, 2-Phase Power Factor Controller
March, 2016 ??Rev. 7
NCP1631 ONSEMI-NCP1631_10 Datasheet
605Kb / 23P
   Interleaved, 2-Phase Power Factor Controller
April, 2010 ??Rev. 2
NCP1631 ONSEMI-NCP1631_16 Datasheet
456Kb / 24P
   Interleaved, 2-Phase Power Factor Controller
March, 2016 ??Rev. 7
More results

Similar Description - NCP163AFCS260T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8163 ONSEMI-NCV8163 Datasheet
696Kb / 16P
   250 mA, Ultra-Low Noise and High PSRR LDO Regulator
April, 2018 ??Rev. 2
NCP161 ONSEMI-NCP161_16 Datasheet
731Kb / 19P
   450 mA, Ultra-Low Noise and High PSRR LDO Regulator
August, 2016 ??Rev. 7
NCP160 ONSEMI-NCP160 Datasheet
800Kb / 20P
   250 mA, Ultra-Low Noise and High PSRR LDO Regulator for RF and Analog Circuits
May, 2015 ??Rev. 6
NCV8160 ONSEMI-NCV8160 Datasheet
425Kb / 14P
   Ultra-Low Noise and High PSRR LDO Regulator
November, 2017 ??Rev. 2
NCV8161 ONSEMI-NCV8161 Datasheet
633Kb / 16P
   Ultra-Low Noise and High PSRR LDO Regulator
November, 2016 ??Rev. 1
NCP700C ONSEMI-NCP700C Datasheet
352Kb / 13P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
August, 2014 ??Rev. 1
NCV8570B ONSEMI-NCV8570B Datasheet
614Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
May, 2011 ??Rev. 1
NCV8570 ONSEMI-NCV8570 Datasheet
193Kb / 12P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
November, 2009 ??Rev. 3
NCP700B ONSEMI-NCP700B Datasheet
540Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
March, 2011 ??Rev. 0
NCV8570B ONSEMI-NCV8570B_13 Datasheet
646Kb / 20P
   200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
June, 2013 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com