Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV33079DR2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCV33079DR2G
Description  Low Noise Dual/Quad Operational Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV33079DR2G Datasheet(HTML) 5 Page - ON Semiconductor

  NCV33079DR2G Datasheet HTML 1Page - ON Semiconductor NCV33079DR2G Datasheet HTML 2Page - ON Semiconductor NCV33079DR2G Datasheet HTML 3Page - ON Semiconductor NCV33079DR2G Datasheet HTML 4Page - ON Semiconductor NCV33079DR2G Datasheet HTML 5Page - ON Semiconductor NCV33079DR2G Datasheet HTML 6Page - ON Semiconductor NCV33079DR2G Datasheet HTML 7Page - ON Semiconductor NCV33079DR2G Datasheet HTML 8Page - ON Semiconductor NCV33079DR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
MC33078, MC33079, NCV33078, NCV33079
http://onsemi.com
5
Sink
Source
VCC = +15 V
VEE = -15 V
RL < 100 W
VID = 1.0 V
-55
°C
25
°C
VCC = +15 V
VEE = -15 V
125
°C
-55
°C
125
°C
25
°C
Figure 6. Input Bias Current versus
Common Mode Voltage
Figure 7. Input Common Mode Voltage
Range versus Temperature
Figure 8. Output Saturation Voltage versus
Load Resistance to Ground
Figure 9. Output Short Circuit Current
versus Temperature
Figure 10. Supply Current versus
Temperature
Figure 11. Common Mode Rejection
versus Frequency
-15
-10
-5.0
0
5.0
10
15
VCM, COMMON MODE VOLTAGE (V)
VCC = +15 V
VEE = -15 V
TA = 25°C
Voltage
Range
-VCM
-55
-25
0
25
50
75
100
125
TA, AMBIENT TEMPERATURE (°C)
+VCM
VCC = +3.0 V to +15 V
VEE = -3.0 V to -15 V
DVIO = 5.0 mV
VO = 0 V
TA, AMBIENT TEMPERATURE (°C)
-55
-25
0
25
50
75
100
125
TA, AMBIENT TEMPERATURE (°C)
-55
-25
0
25
50
75
100
125
±10 V
±15 V
±15 V
±10 V
±5.0 V
±5.0 V
VCM = 0 V
RL = ∞
VO = 0 V
MC33078
MC33079
Supply Voltages
100
1.0 k
10 k
100 k
1.0 M
10 M
f, FREQUENCY (Hz)
VCC = +15 V
VEE = -15 V
VCM = 0 V
DVCM = ±1.5 V
TA = 25°C
RL, LOAD RESISTANCE TO GROUND (kW)
0
1.0
2.0
3.0
4.0
600
500
400
300
200
100
0
VCC -0
VCC -0.5
VCC -1.0
VCC -1.5
VEE +1.5
VEE +1.0
VEE +0.5
VEE +0
50
30
20
10
40
10
8.0
6.0
4.0
2.0
0
160
140
120
100
80
60
40
20
VCC -1.0
VCC -3.0
VCC -5.0
VEE +5.0
VEE +3.0
VEE +1.0
CMR = 20Log
-
+
D VCM
ADM
D VCM
D VO
× ADM
D VO
9.0
7.0
5.0
3.0
1.0
±4.0 V


Similar Part No. - NCV33079DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV33072 ONSEMI-NCV33072 Datasheet
275Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
August, 2010 ??Rev. 16
NCV33072 ONSEMI-NCV33072 Datasheet
527Kb / 26P
   Single Supply 3.0 V to 44 V Operational Amplifiers
October, 2021 - Rev. 24
NCV33072A ONSEMI-NCV33072A Datasheet
527Kb / 26P
   Single Supply 3.0 V to 44 V Operational Amplifiers
October, 2021 - Rev. 24
NCV33072DR2G ONSEMI-NCV33072DR2G Datasheet
275Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
August, 2010 ??Rev. 16
NCV33072DR2G ONSEMI-NCV33072DR2G Datasheet
297Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
June, 2013 ??Rev. 20
More results

Similar Description - NCV33079DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33078 ONSEMI-MC33078 Datasheet
277Kb / 12P
   DUAL/QUAD LOW NOISE OPERATIONAL AMPLIFIERS
Rev 0
MC33078 ONSEMI-MC33078_06 Datasheet
277Kb / 14P
   Low Noise Dual/Quad Operational Amplifiers
October, 2006 ??Rev. 7
logo
Linear Technology
OP-270 LINER-OP-270 Datasheet
266Kb / 4P
   Dual/Quad Low Noise, Precision Operational Amplifiers???
logo
STMicroelectronics
MC33079 STMICROELECTRONICS-MC33079_05 Datasheet
239Kb / 12P
   LOW NOISE QUAD OPERATIONAL AMPLIFIERS
MC33079 STMICROELECTRONICS-MC33079 Datasheet
95Kb / 9P
   LOW NOISE QUAD OPERATIONAL AMPLIFIERS
November 1997
logo
Intersil Corporation
HA-5102 INTERSIL-HA-5102_04 Datasheet
523Kb / 13P
   Dual and Quad, 8MHz, Low Noise Operational Amplifiers
logo
Renesas Technology Corp
HA-5102 RENESAS-HA-5102 Datasheet
887Kb / 13P
   Dual and Quad, 8MHz, Low Noise Operational Amplifiers
logo
STMicroelectronics
TS524 STMICROELECTRONICS-TS524 Datasheet
128Kb / 5P
   PRECISION LOW NOISE QUAD OPERATIONAL AMPLIFIERS
TS524 STMICROELECTRONICS-TS524_01 Datasheet
309Kb / 8P
   PRECISION LOW NOISE QUAD OPERATIONAL AMPLIFIERS
MC33078 STMICROELECTRONICS-MC33078 Datasheet
99Kb / 9P
   LOW NOISE DUAL OPERATIONAL AMPLIFIERS
November 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com