Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33078DG Datasheet(PDF) 8 Page - ON Semiconductor

Part # MC33078DG
Description  Low Noise Dual/Quad Operational Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33078DG Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MC33078DG Datasheet HTML 4Page - ON Semiconductor MC33078DG Datasheet HTML 5Page - ON Semiconductor MC33078DG Datasheet HTML 6Page - ON Semiconductor MC33078DG Datasheet HTML 7Page - ON Semiconductor MC33078DG Datasheet HTML 8Page - ON Semiconductor MC33078DG Datasheet HTML 9Page - ON Semiconductor MC33078DG Datasheet HTML 10Page - ON Semiconductor MC33078DG Datasheet HTML 11Page - ON Semiconductor MC33078DG Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
MC33078, MC33079, NCV33078, NCV33079
http://onsemi.com
8
25
°C
-55
°C
125
°C
VCC = +15 V
VEE = -15 V
DVin = 100 mV
DVin
VO
CL
-
+
VCC = +15 V
VEE = -15 V
VO = 0 V
Phase
Gain
125
°C
-55
°C
25
°C
25
°C
-55
°C
125
°C
Vin
VO
CL
2.0 k
W
-
+
Gain
Phase
VCC = +15 V
VEE = -15 V
RL = 2.0 kW
TA = 25°C
Figure 24. Slew Rate versus Temperature
Figure 25. Voltage Gain and Phase
versus Frequency
Figure 26. Open Loop Gain Margin and
Phase Margin versus Load Capacitance
Figure 27. Overshoot versus Output
Load Capacitance
Figure 28. Input Referred Noise Voltage and
Current versus Frequency
Figure 29. Total Input Referred Noise Voltage
versus Source Resistance
VCC = +15 V
VEE = -15 V
DVin = 20 V
TA, AMBIENT TEMPERATURE (°C)
Falling
Rising
-55
-25
0
25
50
75
100
125
f, FREQUENCY (Hz)
1.0
10
100
1.0 k
10 k
100 k
1.0 M
10 M
0
45
90
135
180
1
10
100
1000
0
10
20
30
40
50
60
70
CL, OUTPUT LOAD CAPACITANCE (pF)
CL, OUTPUT LOAD CAPACITANCE (pF)
10
100
1.0 k
10 k
10
100
1.0 k
10 k
100 k
10
0.1
f, FREQUENCY (Hz)
VCC = +15 V
VEE = -15 V
TA = 25°C
Voltage
Current
RS, SOURCE RESISTANCE (W)
VCC = +15 V
VEE = -15 V
f = 1.0 kHz
TA = 25°C
Vn(total) =
10
100
1.0 k
10 k
100 k
1.0 M
10
8.0
6.0
4.0
2.0
120
100
80
60
40
20
0
14
12
10
8.0
6.0
4.0
2.0
0
100
80
60
40
20
0
100
80
50
30
20
10
8.0
5.0
3.0
2.0
1.0
1000
100
10
1.0
DVin
VO
2.0
k
W
-
+
(inRs)
2 ) en2 ) 4KTRS


Similar Part No. - MC33078DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33078DG ONSEMI-MC33078DG Datasheet
277Kb / 14P
   Low Noise Dual/Quad Operational Amplifiers
October, 2006 ??Rev. 7
logo
Texas Instruments
MC33078DG4 TI-MC33078DG4 Datasheet
700Kb / 22P
[Old version datasheet]   DUAL HIGH-SPEED LOW-NOISE OPERATIONAL AMPLIFIER
MC33078DG4 TI-MC33078DG4 Datasheet
698Kb / 22P
[Old version datasheet]   DUAL HIGH-SPEED LOW-NOISE OPERATIONAL AMPLIFIER
MC33078DGKR TI-MC33078DGKR Datasheet
618Kb / 19P
[Old version datasheet]   DUAL HIGH-SPEED LOW-NOISE OPERATIONAL AMPLIFIER
MC33078DGKR TI-MC33078DGKR Datasheet
700Kb / 22P
[Old version datasheet]   DUAL HIGH-SPEED LOW-NOISE OPERATIONAL AMPLIFIER
More results

Similar Description - MC33078DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33078 ONSEMI-MC33078 Datasheet
277Kb / 12P
   DUAL/QUAD LOW NOISE OPERATIONAL AMPLIFIERS
Rev 0
MC33078 ONSEMI-MC33078_06 Datasheet
277Kb / 14P
   Low Noise Dual/Quad Operational Amplifiers
October, 2006 ??Rev. 7
logo
Linear Technology
OP-270 LINER-OP-270 Datasheet
266Kb / 4P
   Dual/Quad Low Noise, Precision Operational Amplifiers???
logo
STMicroelectronics
MC33079 STMICROELECTRONICS-MC33079_05 Datasheet
239Kb / 12P
   LOW NOISE QUAD OPERATIONAL AMPLIFIERS
MC33079 STMICROELECTRONICS-MC33079 Datasheet
95Kb / 9P
   LOW NOISE QUAD OPERATIONAL AMPLIFIERS
November 1997
logo
Intersil Corporation
HA-5102 INTERSIL-HA-5102_04 Datasheet
523Kb / 13P
   Dual and Quad, 8MHz, Low Noise Operational Amplifiers
logo
Renesas Technology Corp
HA-5102 RENESAS-HA-5102 Datasheet
887Kb / 13P
   Dual and Quad, 8MHz, Low Noise Operational Amplifiers
logo
STMicroelectronics
TS524 STMICROELECTRONICS-TS524 Datasheet
128Kb / 5P
   PRECISION LOW NOISE QUAD OPERATIONAL AMPLIFIERS
TS524 STMICROELECTRONICS-TS524_01 Datasheet
309Kb / 8P
   PRECISION LOW NOISE QUAD OPERATIONAL AMPLIFIERS
MC33078 STMICROELECTRONICS-MC33078 Datasheet
99Kb / 9P
   LOW NOISE DUAL OPERATIONAL AMPLIFIERS
November 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com