Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV981 Datasheet(PDF) 5 Page - ON Semiconductor

Part # LMV981
Description  Single and Dual Low Voltage, Rail-to-Rail Input and Output
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LMV981 Datasheet(HTML) 5 Page - ON Semiconductor

  LMV981_15 Datasheet HTML 1Page - ON Semiconductor LMV981_15 Datasheet HTML 2Page - ON Semiconductor LMV981_15 Datasheet HTML 3Page - ON Semiconductor LMV981_15 Datasheet HTML 4Page - ON Semiconductor LMV981_15 Datasheet HTML 5Page - ON Semiconductor LMV981_15 Datasheet HTML 6Page - ON Semiconductor LMV981_15 Datasheet HTML 7Page - ON Semiconductor LMV981_15 Datasheet HTML 8Page - ON Semiconductor LMV981_15 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
LMV981, LMV982
www.onsemi.com
5
2.7V DC ELECTRICAL CHARACTERISTICS Unless otherwise noted, all min/max limits are guaranteed for TA = 25°C,
V+ = 2.7 V, V= 0 V, VCM = V+/2, VO = V+/2 and RL > 1 MW. Typical specifications represent the most likely parametric norm.
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Input Offset Voltage
VIO
LMV981 (Single) (−40
°C to +125°C)
1
6
mV
LMV982 (Dual) (−40
°C to +125°C)
1
7.5
Input Offset Voltage
Average Drift
TCVIO
5.5
mV/°C
Input Bias Current
(Note 5)
IB
−40
°C to +125°C
< 1
nA
Input Offset Current
(Note 5)
IIO
−40
°C to +125°C
< 1
nA
Supply Current (per
Channel)
ICC
In Active Mode
80
190
mA
−40
°C to +125°C
210
In Shutdown: LMV981 (Single)
1.0
−40
°C to +125°C
2.0
In Shutdown: LMV982 (Dual)
3.5
−40
°C to +125°C
5.0
Common Mode
Rejection Ratio
CMRR
0 V
v VCM v 1.5 V, 2.3 V v VCM v 2.7 V
50
70
dB
−40
°C to +125°C
50
−0.2 V
v VCM v 0 V, 2.7 V v VCM v 2.9 V
50
70
Power Supply
Rejection Ratio
PSRR
1.8 V
v V+ v 5 V, VCM = 0.5 V
50
70
dB
−40
°C to +125°C
50
Input Common−Mode
Voltage Range
VCM
For CMRR
w 50 dB and TA = 25°C
V−
− 0.2
−0.2
to 3.0
V+
+ 0.2
V
For CMRR
w 50 dB and TA = −40°C to +85°C
V
V+
For CMRR
w 50 dB and TA = −40°C to +125°C
V−
+ 0.2
V+
− 0.2
Large Signal Voltage
Gain LMV981
(Single) (Note 5)
AV
RL = 600 W to 1.35 V, VO = 0.2 V to 2.5 V
87
104
dB
−40
°C to +125°C
86
RL = 2 kW to 1.35 V, VO = 0.2 V to 2.5 V
92
110
−40
°C to +125°C
91
Large Signal Voltage
Gain LMV982 (Dual)
(Note 5)
AV
RL = 600 W to 1.35 V, VO = 0.2 V to 2.5 V
78
90
−40
°C to +125°C
75
RL= 2 kW to 1.35 V, VO = 0.2 V to 2.5 V
81
100
−40
°C to +125°C
78
Output Swing
VOH
RL = 600 W to 1.35 V, VIN = $100 mV
2.55
2.62
V
−40
°C to +125°C
2.53
VOL
RL = 600 W to 1.35 V, VIN = $100 mV
0.083
0.11
−40
°C to +125°C
0.13
VOH
RL = 2 kW to 1.35 V, VIN = $100 mV
2.65
2.675
−40
°C to +125°C
2.64
VOL
RL = 2 kW to 1.35 V, VIN = $100 mV
0.025
0.04
−40
°C to +125°C
0.045
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
5. Guaranteed by design and/or characterization.


Similar Part No. - LMV981_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV981 TI1-LMV981_15 Datasheet
1Mb / 26P
[Old version datasheet]   LMV981 SINGLE, LMV982 DUAL 1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT AND SHUTDOWN
More results

Similar Description - LMV981_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LMV931 ONSEMI-LMV931 Datasheet
432Kb / 20P
   Single and Dual Low Voltage, Rail-to-Rail Input and Output, Operational Amplifiers
April, 2010 ??Rev. 6
logo
Diodes Incorporated
APX321 DIODES-APX321 Datasheet
670Kb / 18P
   LOW VOLTAGE, RAIL-TO-RAIL INPUT AND OUTPUT
APX324 Rev. 13
logo
National Semiconductor ...
LMC6681 NSC-LMC6681 Datasheet
750Kb / 24P
   Low Voltage, Rail-To-Rail Input and Output CMOS
logo
ON Semiconductor
LMV981 ONSEMI-LMV981 Datasheet
445Kb / 21P
   Single and Dual Low Voltage, Rail-to-Rail Input and Output, Operational Amplifiers with Shutdown
February, 2010 ??Rev. 5
logo
Linear Technology
LT6202 LINER-LT6202_15 Datasheet
1Mb / 28P
   Single/Dual/Quad 100MHz, Rail-to-Rail Input and Output
LT6204 LINER-LT6204_15 Datasheet
1Mb / 28P
   Single/Dual/Quad 100MHz, Rail-to-Rail Input and Output
LT6203 LINER-LT6203_15 Datasheet
1Mb / 28P
   Single/Dual/Quad 100MHz, Rail-to-Rail Input and Output
logo
ON Semiconductor
LMV931 ONSEMI-LMV931_12 Datasheet
366Kb / 18P
   Single and Dual LowVoltage, Rail-to-Rail Input and Output,Operational Amplifiers
August, 2012 ??Rev. 9
logo
STMicroelectronics
OA1NP STMICROELECTRONICS-OA1NP Datasheet
864Kb / 31P
   Rail-to-rail input and output
March 2014 Rev 2
logo
Microchip Technology
MCP6N16 MICROCHIP-MCP6N16 Datasheet
7Mb / 58P
   Rail-to-Rail Input and Output
03/25/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com