Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV821SQ3T2G Datasheet(PDF) 10 Page - ON Semiconductor

Part # LMV821SQ3T2G
Description  Single and Quad Low Voltage, Rail-to-Rail Operational Amplifiers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LMV821SQ3T2G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button LMV821SQ3T2G Datasheet HTML 5Page - ON Semiconductor LMV821SQ3T2G Datasheet HTML 6Page - ON Semiconductor LMV821SQ3T2G Datasheet HTML 7Page - ON Semiconductor LMV821SQ3T2G Datasheet HTML 8Page - ON Semiconductor LMV821SQ3T2G Datasheet HTML 9Page - ON Semiconductor LMV821SQ3T2G Datasheet HTML 10Page - ON Semiconductor LMV821SQ3T2G Datasheet HTML 11Page - ON Semiconductor LMV821SQ3T2G Datasheet HTML 12Page - ON Semiconductor LMV821SQ3T2G Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
LMV821, LMV824
www.onsemi.com
10
APPLICATIONS INFORMATION
+
R1
R2
VO
Vref
Vin
VOH
VO
VOL
Hysteresis
VinL
VinH
Vref
MC1403
LMV821
+
R1
VCC
VCC
VO
2.5 V
R2
50 k
10 k
Vref
5.0 k
R
C
R
C
+
VO
For: fo = 1.0 kHz
R = 16 k
W
C = 0.01
mF
VCC
LMV821
LMV821
Figure 14. Voltage Reference
Figure 15. Wien Bridge Oscillator
Figure 16. Comparator with Hysteresis
V
O + 2.5 V(1 )
R1
R2
)
V
ref +
1
2
V
CC
f
O +
1
2
pRC
V
inL +
R1
R1
) R2
(V
OL * Vref) ) Vref
V
inH +
R1
R1
) R2
(V
OH * Vref) ) Vref
H
+
R1
R1
) R2
(V
OH * VOL)
For less than 10% error from operational amplifier,
((QO fO)/BW) < 0.1 where fo and BW are expressed in Hz.
If source impedance varies, filter may be preceded with
voltage follower buffer to stabilize filter parameters.
Given: fo = center frequency
A(fo) = gain at center frequency
Choose value fo, C
Vin
Figure 17. Multiple Feedback Bandpass Filter
+
VCC
R3
R1
R2
Vref
C
C
VO
CO = 10 C
CO
LMV821
Then :
R3
+
Q
pf
O C
R1
+
R3
2A(f
O)
R2
+
R1 R3
4Q2 R1
* R3


Similar Part No. - LMV821SQ3T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LMV821SQ3T2G ONSEMI-LMV821SQ3T2G Datasheet
794Kb / 16P
   Single, Dual, Quad Low Voltage, Rail-to-Rail Operational Amplifiers
October, 2009 ??Rev. 1
More results

Similar Description - LMV821SQ3T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LMV321 ONSEMI-LMV321 Datasheet
250Kb / 20P
   Single, Dual, Quad Low-Voltage, Rail-to-Rail Operational Amplifiers
August, 2009 ??Rev. 8
LMV321 ONSEMI-LMV321_V01 Datasheet
608Kb / 22P
   Single, Dual, Quad Low-Voltage, Rail-to-Rail Operational Amplifiers
January, 2021 ??Rev. 16
LMV821 ONSEMI-LMV821 Datasheet
794Kb / 16P
   Single, Dual, Quad Low Voltage, Rail-to-Rail Operational Amplifiers
October, 2009 ??Rev. 1
LMV321 ONSEMI-LMV321_15 Datasheet
189Kb / 20P
   Single, Dual, Quad Low-Voltage, Rail-to-Rail Operational Amplifiers
February, 2015 ??Rev. 12
MC33201 ONSEMI-MC33201_14 Datasheet
215Kb / 17P
   Low Voltage, Rail-to-Rail Operational Amplifiers
April, 2014 ??Rev. 17
MC33206 ONSEMI-MC33206 Datasheet
270Kb / 12P
   LOW VOLTAGE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
1999 REV 1
MC33204DG ONSEMI-MC33204DG Datasheet
391Kb / 18P
   Low Voltage, Rail-to-Rail Operational Amplifiers
December, 2011 ??Rev. 16
MC33201 ONSEMI-MC33201_18 Datasheet
258Kb / 17P
   Low Voltage, Rail-to-Rail Operational Amplifiers
July, 2018 ??Rev. 18
logo
Analog Devices
OP295 AD-OP295 Datasheet
328Kb / 12P
   DUAL/QUAD RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
REV. B
OP295 AD-OP295_15 Datasheet
376Kb / 16P
   Dual/Quad Rail-to-Rail Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com