Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDS1500PS36 Datasheet(PDF) 4 Page - XP Power Limited

Part # HDS1500PS36
Description  AC-DC Power Supplies
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

HDS1500PS36 Datasheet(HTML) 4 Page - XP Power Limited

  HDS1500PS36 Datasheet HTML 1Page - XP Power Limited HDS1500PS36 Datasheet HTML 2Page - XP Power Limited HDS1500PS36 Datasheet HTML 3Page - XP Power Limited HDS1500PS36 Datasheet HTML 4Page - XP Power Limited HDS1500PS36 Datasheet HTML 5Page - XP Power Limited HDS1500PS36 Datasheet HTML 6Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
HDS1500 Series
www.xppower.com
4
AC-DC Power Supplies
Signals & Controls
LED Status
Output Status
Solid (Green)
DC Output OK
Solid (Orange)
DC Output OK in remote control mode
Slow Blink (Green)
Output Not Enabled
Fast Blink (Red)
Over Voltage
Solid (Red)
Over Loaded
Slow Blink (Red)
Over Temperature
Intermittent Blink (Red)
Fan Fail
Short & Long Blink (Red)
AUX Standby Failure
Remote Enable
(A) Using internal 5 V standby
(B) Using external transistor
(C) Using external voltage source
OFF
ON
Power OFF
Power ON
5 V SB
EN+
EN-
GND
OFF
ON
Power OFF
Power ON
SW
SW
5V
2KΩ
L
H
Power OFF
Power ON
5 V SB
EN+
EN-
GND
GND
L / H
5V
2KΩ
5 V SB
EN+
EN-
GND
5V
5V
2KΩ
Safety Approvals
EMC: Immunity
Phenomenon
Standard
Test Level
Criteria
Notes & Conditions
ESD Immunity
EN61000-4-2
2 / 3
A
±4 kV contact / ±8 kV air discharge
Radiated Immunity
EN61000-4-3
3A
EFT/Burst
EN61000-4-4
3A
Surge
EN61000-4-5
Installation class 3
A
Conducted
EN61000-4-6
3A
Magnetic Field
EN61000-4-8
3A
Dips and Interruptions
EN55024
DIP: 30% 500 ms
A/B
High Line/Low Line
INT: >95% 10 ms
A
INT: >95% 5000 ms
B
EMC: Emissions
Phenomenon
Standard
Test Level
Notes & Conditions
Conducted
EN55022
Class B
Radiated
EN55022
Class B
Harmonic Currents
EN61000-3-2
Class A
Voltage Flicker
EN61000-3-3
Safety Agency
Safety Standard
Notes & Conditions
UL
UL60950-1
CSA
C22.2 No.60950-1
TUV
EN60950-1


Similar Part No. - HDS1500PS36

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
HDS1500PS36 XPPOWER-HDS1500PS36 Datasheet
1Mb / 6P
   1500 Watts
More results

Similar Description - HDS1500PS36

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com