Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECS25US24 Datasheet(PDF) 2 Page - XP Power Limited

Part # ECS25US24
Description  25-60 Watts ECS Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECS25US24 Datasheet(HTML) 2 Page - XP Power Limited

  ECS25US24 Datasheet HTML 1Page - XP Power Limited ECS25US24 Datasheet HTML 2Page - XP Power Limited ECS25US24 Datasheet HTML 3Page - XP Power Limited ECS25US24 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
0.95 (24.2)
0.14 (3.6)
SMD Height
1.75
(44.4)
1
0.25 (0.6) Faston Ground Tab
1.65
(41.8)
1.31
(33.3)
3.00 (76.2)
2.00
(50.8)
0.27
(7.0)
2
J1
J2
1
2
3
4
0.20
(5.1)
T1
C5
C18
Q1
2.75 (69.8)
4 x Ø.156 (3.96) Mounting Holes
Ø.312 (7.92) Clearance Top and Bottom
0
ECS25
Models and Ratings
Mechanical Details
Notes
1. All dimensions in inches (mm).
Tolerance .xx = ±0.02 (0.50); .xxx = ±0.01 (0.25)
2. Weight 0.22
lbs (100 g)
Notes
1. All dimensions in inches (mm).
Tolerance .xx = ±0.02 (0.50); .xxx = ±0.01 (0.25)
2. Weight 0.5 lbs (230 g)
Notes
1. For covered versions, add suffix ‘-C’ to model number or order part number ECS25-60 COVER KIT for standalone cover. Not suitable for use in class II installations,
derate output power by 20% with cover.
Output Power
Output Voltage
Output Current
Model Number(1)
25 W
12.0 VDC
2.08 A
ECS25US12
25 W
15.0 VDC
1.67 A
ECS25US15
25 W
24.0 VDC
1.04 A
ECS25US24
25 W
48.0 VDC
0.52 A
ECS25US48
J1 mates with Molex Housing PN 09-50-1031,
J2 mates with Molex Housing PN 09-50-1041 and
both with Molex Series 5194 Crimp Terminals
Input Connector J1
Molex PN 09-65-2038
Pin 1
Line
Pin 2
Neutral
0.25” Faston
Earth
Output Connector J2
Molex PN 09-65-2048
Pin 1
+V1
Pin 2
+V1
Pin 3
RTN
Pin 4
RTN
1.40
(35.6)
0.70
(17.79)
1.23 (31.28)
0.22 (5.7)
3.48
(88.4) 3.03
(76.9)
J2
1
4
Output Connector
1
2 J1
Input
Connector
Top View
0.63
(16.0)
0.22 (5.7)
3.03
(76.99)
1.26
(32.0)
2.52
(64.0)
Bottom View
4 x M3 x 0.5 THD
0.16 (4.0) Max
Screw Penetration
4 x M3 x 0.5 THD
0.16 (4.0) Max
Screw Penetration
0
0.25 (0.6) Faston Ground Tab
Covered version (All ECS25-60 Models)


Similar Part No. - ECS25US24

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ECS25US24 XPPOWER-ECS25US24 Datasheet
405Kb / 4P
   2560 Watts ECS Series
ECS25US24 XPPOWER-ECS25US24 Datasheet
4Mb / 11P
   IT & Medical Safety Approvals
More results

Similar Description - ECS25US24

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ECS60US05 XPPOWER-ECS60US05 Datasheet
405Kb / 4P
   2560 Watts ECS Series
ECS65 XPPOWER-ECS65 Datasheet
941Kb / 5P
   65/100/130 Watts ECS Series
logo
Astec America, Inc
LPT25 ASTEC-LPT25 Datasheet
79Kb / 3P
   25 Watts
LPS25 ASTEC-LPS25 Datasheet
77Kb / 3P
   25 Watts
AA25N ASTEC-AA25N Datasheet
516Kb / 2P
   25 Watts
AEV05F24 ASTEC-AEV05F24 Datasheet
434Kb / 2P
   25 Watts
logo
XP Power Limited
SDS60 XPPOWER-SDS60 Datasheet
152Kb / 2P
   60 Watts SDS Series
ECP60UD01 XPPOWER-ECP60UD01 Datasheet
391Kb / 2P
   60 Watts ECP Series
JCK6024S3V3 XPPOWER-JCK6024S3V3 Datasheet
223Kb / 2P
   60 Watts JCK Series
logo
Astec America, Inc
DAS60-480 ASTEC-DAS60-480 Datasheet
137Kb / 2P
   60 Watts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com