Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLG150PS1400-A Datasheet(PDF) 1 Page - XP Power Limited

Part # DLG150PS1400-A
Description  70-150 Watts DLG-HV Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

DLG150PS1400-A Datasheet(HTML) 1 Page - XP Power Limited

  DLG150PS1400-A Datasheet HTML 1Page - XP Power Limited DLG150PS1400-A Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specification
70-150 Watts
AC Input LED Driver
Constant Current Operation
High Power Factor
High Efficiency
Water Proof to IP67
90-305 VAC Input Voltage Range
3 Year Warranty
DLG-HV Series
Input
Input Voltage
• 90-305 VAC, see derating curve
Input Frequency
• 47-63 Hz
Input Current
• 70 W: 1.2 A at 115 VAC, 0.6 A at 230 VAC,
100 W: 1.4 A at 115VAC, 0.7 A at 230VAC,
150 W: 2.0 A at 115VAC, 1.0 A at 230VAC
Inrush Current
• 65 A at 230 VAC, cold start +25 °C
Power Factor
• >0.94 at 230 VAC, full load
Earth Leakage Current
• 750 µA max at 230 VAC
Input Protection
• DLG70/100 T2.0A/300V fuse fitted in line,
DLG150 T3.5A/300V fuse fitted in line
Output
Output Voltage
• See table
Minimum Load
• No minimum load required
Start Up Delay
• 2 s max at 240 VAC
Line Regulation
• ±0.5%
Load Regulation
• ±5.0% of nominal output current
Turn On Overshoot
• 5% max
Transient Response
• 5% maximum deviation, recovery to within
1% in 10 ms for a 50% load change
Ripple & Noise
• DLG70: 700 mV
DLG100: 1000 mV
DLG150: 2000 mV (see note 2)
Overvoltage Protection
• 110-142%, recycle mains to reset
Overtemperature
• Unit shuts down, recycle mains to reset
Protection
Overload Protection
• 105% maximum, auto recovery
Short Circuit Protection
• Trip and restart (hiccup mode)
Temperature
• 0.04%/°C
Coefficient
xppower.com
General
Efficiency
• See table
Isolation
• 3750 VAC Input to Output
1880 VAC Input to Ground
500 VAC Output to Ground
Switching Frequency
• DLG50/70: 40-80 kHz
DLG100/150: PWM 60-80 kHz,
PFC 55-133 kHz
MTBF
• >200 kHrs to MIL-HDBK-217F at 25 °C, GB
Environmental
Operating Temperature
• -30 °C to +70 °C (see derating curve)
Operating Humidity
• 5-100% RH, non-condensing
Storage Temperature
• -40 °C to +80 °C
Operating Altitude
• 3000 m
Vibration
• 10-500 Hz, 2 g, 10 mins/cycle, 6 cycles in
each of 3 axes
EMC & Safety
Emissions
• EN55015, class B conducted and radiated
Harmonic Currents
• EN61000-3-2, class A
EN61000-3-2, class C for loads >80%
Voltage Flicker
• EN61000-3-3
ESD Immunity
• EN61000-4-2, 8 kV air and 4 kV contact,
Perf Criteria A
Radiated Immunity
• EN61000-4-3, level 2 Perf Criteria B
EFT/Burst
• EN61000-4-4, level 2 Perf Criteria B
Surge
• EN61000-4-5, installation class 3,
Perf Criteria B
Conducted Immunity
• EN61000-4-6, level 2 Perf Criteria A
Dips & Interruptions
• EN61547, >95% 10 ms, 30% 200 ms, Perf
Criteria B, B for 70/100 W, A, A for 150 W
Safety Approvals
• EN61347, UL8750, CE Mark


Similar Part No. - DLG150PS1400-A

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DLG150PS12 XPPOWER-DLG150PS12 Datasheet
271Kb / 2P
   50150 Watts DLG Series
DLG150PS15 XPPOWER-DLG150PS15 Datasheet
271Kb / 2P
   50150 Watts DLG Series
More results

Similar Description - DLG150PS1400-A

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DLG100PS12 XPPOWER-DLG100PS12 Datasheet
271Kb / 2P
   50150 Watts DLG Series
logo
Anaren Microwave
250375-4X50-2 ANAREN-250375-4X50-2 Datasheet
333Kb / 2P
   150 Watts
logo
XP Power Limited
VFT150 XPPOWER-VFT150 Datasheet
275Kb / 2P
   150 Watts VFT Series
logo
Astec America, Inc
NTQ123 ASTEC-NTQ123 Datasheet
252Kb / 2P
   70-120 Watts
logo
XP Power Limited
VEH150 XPPOWER-VEH150 Datasheet
285Kb / 2P
   150 Watts VEH Series
MTC XPPOWER-MTC Datasheet
200Kb / 4P
   35150 Watts Series
logo
Anaren Microwave
A150N50X4C ANAREN-A150N50X4C Datasheet
236Kb / 2P
   150 Watts
150-50TCGF ANAREN-150-50TCGF Datasheet
301Kb / 2P
   150 Watts
logo
Astec America, Inc
NTQ123-DC ASTEC-NTQ123-DC Datasheet
506Kb / 2P
   70-125 Watts
BK60C-40 ASTEC-BK60C-40 Datasheet
677Kb / 2P
   150 Watts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com