Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECL05US09 Datasheet(PDF) 3 Page - XP Power Limited

Part # ECL05US09
Description  5-30 Watts ECL Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECL05US09 Datasheet(HTML) 3 Page - XP Power Limited

  ECL05US09 Datasheet HTML 1Page - XP Power Limited ECL05US09 Datasheet HTML 2Page - XP Power Limited ECL05US09 Datasheet HTML 3Page - XP Power Limited ECL05US09 Datasheet HTML 4Page - XP Power Limited ECL05US09 Datasheet HTML 5Page - XP Power Limited ECL05US09 Datasheet HTML 6Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Notes
ECL15
0.15
(3.8)
1.21
(30.7)
0.69
(17.5)
0.17
(4.4)
0.36
(9.1)
0.79
(20.1)
0.15
(3.9)
2.13
(54.1)
2.44
(62.0)
0.06
(1.6)
-Vo
+Vo
V Adj.
ACN
ACL
ø 0.07 (ø1.8)
ø 0.04 (ø1.0)
0.78
(20.0) max
1.04
(26.4)
0.39
(10.0)
0.27
(6.8)
0.09
(2.5)
3.30 (84.0)
2.54
(64.5)
4x ø 0.14
(4x ø 3.5)
1.36
(34.5)
1.00
(25.4)
ACN
ACL
-Vo
+Vo
0.44
(11.1)
2.95 (75.0)
TOP VIEW
0.69
(17.5)
0.50
(12.6)
1.31
(33.3)
0.79
(20.1)
0.11
(2.9)
2.13
(54.1)
0.21
(5.4)
2.56
(65.0)
-Vo
+Vo
ACL
ACN
TOP VIEW
V Adj.
3.10 (78.7)
2.80 (71.1)
4-0.12 (3.2)
0.15
(3.8)
0.78
(20.0) max
0.91
(23.1)
0.15
(3.8)
0.95
(24.1)
1.25
(31.7)
-Vo
+Vo
ACN
ACL
0.96
(24.4)
0.39
(10.0)
4x ø 0.04 (ø1.0)
Optional
DIN clip
Mechanical Details
Models and Ratings
Output
Power
Output
Voltage
Output Current
Efficiency
Model Number(2,3)
Nominal
Peak(1)
10 W
3.3 VDC
3.00 A
3.90 A
75%
ECL15US03
15 W
5.0 VDC
3.00 A
3.90 A
78%
ECL15US05
15 W
9.0 VDC
1.67 A
2.17 A
80%
ECL15US09
15 W
12.0 VDC
1.25 A
1.62 A
80%
ECL15US12
15 W
15.0 VDC
1.00 A
1.30 A
80%
ECL15US15
15 W
24.0 VDC
0.63 A
0.82 A
82%
ECL15US24
15 W
48.0 VDC
0.32 A
0.41 A
82%
ECL15US48
1. Peak load lasting <30 s with a maximum duty cycle of 10%, average output power not to exceed nominal.
2. Add suffix to model number to define type: add ‘-P’ for PCB mount, add ‘-T’ for chassis mount, add ‘-E’ for encapsulated, add ‘-S’ for screw terminals.
3. A screw terminal version (-S) is available with DIN clip attached, add suffix ‘D’, e.g. ECL15US24-SD,
DIN rail mounting kit is available as a separate item, order code ECL15 DIN CLIP.
4. For medically-approved 15 W power supplies contact sales or see www.xppower.com for details of CU15-M series and VCP15 series.
1. All dimensions in inches (mm).
2. Weight: ECL15 P Version: 0.07 lbs (35 g)
T Version: 0.07 lbs (35 g)
E Version: 0.20 lbs (90 g)
S Version: 0.24 lbs (110 g)
3. Tolerances: x.xx = ± 0.02 (x.x = ± 0.5)
x.xxx = ± 0.01 (x.xx = ± 0.25)
Mating Connectors (-T version only)
Input Connector: JST PHR-3
Output Connector: JST PHR-4
Crimps: SPH-002T-P0.5S
Cable harness with 300 mm wire available, order part no. ECL15 LOOM KIT
Notes
Open Frame - Chassis Mount (-T)
Screw Terminal (-S)
Encapsulated (-E)
Open Frame - PCB Mount (-P)


Similar Part No. - ECL05US09

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ECL05US09 XPPOWER-ECL05US09 Datasheet
450Kb / 6P
   530 Watts ECL Series
logo
Omron Electronics LLC
ECL05US09 OMRON-ECL05US09 Datasheet
3Mb / 31P
   530 Watts ECL Series
logo
XP Power Limited
ECL05US09 XPPOWER-ECL05US09 Datasheet
449Kb / 6P
   Ultra Compact Size
ECL05US09 XPPOWER-ECL05US09 Datasheet
449Kb / 6P
   Ultra Compact Size
ECL05US09 XPPOWER-ECL05US09 Datasheet
449Kb / 6P
   Ultra Compact Size
More results

Similar Description - ECL05US09

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ECL15UD01-S XPPOWER-ECL15UD01-S Datasheet
450Kb / 6P
   530 Watts ECL Series
logo
Omron Electronics LLC
E32DC200E OMRON-E32DC200E Datasheet
3Mb / 31P
   530 Watts ECL Series
logo
New Jersey Semi-Conduct...
D40C NJSEMI-D40C Datasheet
1Mb / 2P
   30-50 VOLTS .5 AMP, 6.25 WATTS
logo
XP Power Limited
JTL3048S15 XPPOWER-JTL3048S15 Datasheet
291Kb / 2P
   30 Watts JTL Series
RDC30110D05 XPPOWER-RDC30110D05 Datasheet
148Kb / 2P
   30 Watts RDC Series
JCK30 XPPOWER-JCK30 Datasheet
101Kb / 2P
   30 Watts JCK Series
logo
Astec America, Inc
APC08 ASTEC-APC08 Datasheet
389Kb / 2P
   30 Watts
logo
Power-One
BLP30-1005G POWER-ONE-BLP30-1005G Datasheet
83Kb / 6P
   30 Watts
logo
Anaren Microwave
100200-4X50-2 ANAREN-100200-4X50-2 Datasheet
357Kb / 2P
   30 Watts
logo
Astec America, Inc
AK60C ASTEC-AK60C Datasheet
602Kb / 2P
   30 Watts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com