Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LES25B48-1V5REJ Datasheet(PDF) 4 Page - Artesyn Technologies

Part # LES25B48-1V5REJ
Description  Embedded Power for Business-Critical Continuity
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LES25B48-1V5REJ Datasheet(HTML) 4 Page - Artesyn Technologies

  LES25B48-1V5REJ Datasheet HTML 1Page - Artesyn Technologies LES25B48-1V5REJ Datasheet HTML 2Page - Artesyn Technologies LES25B48-1V5REJ Datasheet HTML 3Page - Artesyn Technologies LES25B48-1V5REJ Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Embedded Power for
Business-Critical Continuity
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Rev. 11.25.08_138
Eighth-Brick B Series
4 of 4
Americas 
5810VanAllenWay
Carlsbad,CA92008
USA
Telephone:+17609304600
Facsimile: +17609300698
Europe (UK)
WaterfrontBusinessPark
MerryHill,Dudley
WestMidlands,DY51LX
UnitedKingdom
Telephone:+44(0)1384842211
Facsimile: +44(0)1384843355
Asia (HK)
14/F,LuPlaza
2WingYipStreet
KwunTong,Kowloon
HongKong
Telephone:+85221763333
Facsimile: +85221763888
Forglobalcontact,visit:
www.powerconversion.com
techsupport.embeddedpower@ 
emerson.com
Whileeveryprecautionhasbeentakentoensure
accuracyandcompletenessinthisliterature,Emerson
NetworkPowerassumesnoresponsibility,anddisclaims
allliabilityfordamagesresultingfromuseofthis
informationorforanyerrorsoromissions.
EmersonNetworkPowerandtheEmerson
NetworkPowerlogoaretrademarksand
servicemarksofEmersonElectricCo.
©2008EmersonElectricCo.
EmersonNetworkPower.com
EmbeddedComputing
Embedded Power
Monitoring
OutsidePlant
PowerSwitching&Controls
PrecisionCooling
Racks&IntegratedCabinets
Services
SurgeProtection
Emerson Network Power. 
Thegloballeaderinenabling
business-criticalcontinuity.
ACPower
Connectivity
DCPower
MECHANICAL DETAILS AND DIMENSION OPTIONS FOR PTH PIN (LES B SERIES)
2.30 [58.4]
0.30 [7.62]
0.19 [4.8]
Height
(see table)
0.90 [22.9]
0.15 [3.8]
2.00 [50.80]
Clearance
(see table)
0.040 ± 0.004
[1.02 ± 0.10]
(6 pls)
0.062 ± 0.004
[1.57 ± 0.10]
(2 pls)
0.080 ± 0.0043
[ 2.03 ± 0.10]
(2 pls)
0.90 [22.9]
0.15 [3.81]
2.00 [50.80]
2.30 [58.4]
0.30 [7.62]
0.15 [3.8]
RECOMMENDED HOLE PATTERN
0.058 ± 0.004
[ 1.50 ± 0.10]
(6 pls)
1
2
3
4
5
6
7
8
Through-hole Mechanical Drawing (for 2.5, 3.3, 6 and 12 V)
Surface-mount Mechanical Drawing (for 2.5, 3.3, 6 and 12 V)
MECHANICAL DETAILS AND DIMENSION OPTIONS FOR SMT PIN (LES SERIES)
2.30 [58.4]
0.30 [7.62]
0.90 [22.9]
0.15 [3.8]
2.00 [50.80]
0.33 ± 0.025
[8.4 ± 0.64]
0.062 ± 0.004
[1.57 ± 0.10]
(8 pls)
0.102 ± 0.004
[ 2.60 ± 0.10]
(8 pls)
0.90 [22.9]
0.15 [3.81]
2.00 [50.80]
2.30 [58.4]
0.30 [7.62]
0.15 [3.8]
RECOMMENDED HOLE PATTERN
0.014 [0.35] Min
Lead coplanarity within 0.006 [0.15]
1
2
3
4
5
6
7
8


Similar Part No. - LES25B48-1V5REJ

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LES25B48-1V5REJ EMERSON-NETWORKPOWER-LES25B48-1V5REJ Datasheet
699Kb / 4P
   Industry standard eighth-brick foot print (identical to quarter-brick pinout)
More results

Similar Description - LES25B48-1V5REJ

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LPQ142-CF EMERSON-NETWORKPOWER-LPQ142-CF Datasheet
694Kb / 3P
   Embedded Power for Business-Critical Continuity
logo
List of Unclassifed Man...
NPS24-M ETC2-NPS24-M Datasheet
393Kb / 3P
   Embedded Power for Business-Critical Continuity
logo
Artesyn Technologies
VRM10-80-12-PY ARTESYN-VRM10-80-12-PY_10 Datasheet
927Kb / 10P
   Embedded Power for Business-Critical Continuity
PTH12010 ARTESYN-PTH12010_09 Datasheet
1Mb / 6P
   Embedded Power for Business-Critical Continuity
PTH05050 ARTESYN-PTH05050_08 Datasheet
417Kb / 5P
   Embedded Power for Business-Critical Continuity
PTH05060 ARTESYN-PTH05060_09 Datasheet
582Kb / 5P
   Embedded Power for Business-Critical Continuity
BXA10-12S05J ARTESYN-BXA10-12S05J Datasheet
244Kb / 4P
   Embedded Power for Business-Critical Continuity
BXA30-12S05J ARTESYN-BXA30-12S05J Datasheet
348Kb / 5P
   Embedded Power for Business-Critical Continuity
PTH05010 ARTESYN-PTH05010_09 Datasheet
593Kb / 5P
   Embedded Power for Business-Critical Continuity
logo
Emerson Network Power
NPS42-M EMERSON-NETWORKPOWER-NPS42-M Datasheet
430Kb / 3P
   Embedded Power for Business-Critical Continuity
logo
Artesyn Technologies
DS1200HE ARTESYN-DS1200HE Datasheet
211Kb / 9P
   Embedded Power for Business-Critical Continuity
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com