Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N1418A Datasheet(PDF) 8 Page - Keysight Technologies

Part # N1418A
Description  Femto/Picoammeter and Electrometer/High Resistance Meter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N1418A Datasheet(HTML) 8 Page - Keysight Technologies

Back Button N1418A Datasheet HTML 4Page - Keysight Technologies N1418A Datasheet HTML 5Page - Keysight Technologies N1418A Datasheet HTML 6Page - Keysight Technologies N1418A Datasheet HTML 7Page - Keysight Technologies N1418A Datasheet HTML 8Page - Keysight Technologies N1418A Datasheet HTML 9Page - Keysight Technologies N1418A Datasheet HTML 10Page - Keysight Technologies N1418A Datasheet HTML 11Page - Keysight Technologies N1418A Datasheet HTML 12Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
08 | Keysight | B2980A Series Femto/Picoammeter and Electrometer/High Resistance Meter - Data Sheet
Free PC-based software and multiple interface options
provide flexible remote control choices
Keysight provides two PC-based software control options for the B2980A series:
B2900A Quick I/V Measurement Software and a B2900A Graphical Web Interface.
Quick I/V software can communicate with the B2980A series via several popular interfaces:
LAN, GPIB (up to four B2980A series units) and USB (one B2980A series unit). It provides
almost the same functionalities of your B2980A series’ front panel. In addition, it supports
a function that can automatically export measurement data into Microsoft Excel on your
PC for further analysis. The Web Interface is embedded in each instrument and is only
accessible via the LAN interface using a PC.
The Quick I/V Measurement Software also supports other B2900A precision instrument
products (B2900A series of Source / Measure Units and B2960A series of Low Noise
Power Sources).
What are the B2980A
series’ temperature and
humidity measurement
capabilities?
Temperature and humidity are
critical parameters for high
resistance measurements. The
B2985A and B2987A electrometers
contain both temperature and
humidity sensor interfaces, and a
dedicated thermocouple (N1423A)
is furnished with these models. The
EE07 Digital Humidity/Temperature
Probe from E+E Electronik can be
used for humidity and temperature
sensing, which provides more
accurate temperature data than
a thermocouple
For more information
Please visit the product web
pages containing demo videos,
application information, sample
programs, etc. from:
www.keysight.com/find/b2980a
B2980A series
Femto/Picoammeter
Electrometer
PC connected via
GPIB, LAN or USB
Keysight
B2900A
Quick I/V
measurement
software
Keysight
B2980A
Graphical web
interface
Ready-to-use instrument drivers simplify programming
For users that want to create their own customized software, IVI-C and IVI-COM drivers
for the B2980A series are available. In addition, National Instrument’s LabVIEW drivers
are also available at NI.COM.
Keysight B2900A family
The B2980A series is a member of B2900 Precision Instrument Family, which provide a variety of precision measurement solutions with
both sourcing and measurement capabilities. The B2900A series of Source Measure Units (SMUs) have 6.5-digit resolution, enabling
100 nV/10 fA sourcing and measurement. The B2960A series of Low Noise Power Sources have up to 6.5-digit voltage/current sourcing
resolution and a 10 μVrms noise floor. Both the B2900A series SMUs and B2960A series Power Sources have an output range of
± 210 V and ± 3 A (DC) or ± 10.5 A (pulsed), and they both utilize the same color LCD-based GUI. Further information on the B2900
Precision Instrument Family is available at
http://www.keysight.com/find/b2900a.
B2900A Source Measure Unit
B2960A Low Noise Power Source


Similar Part No. - N1418A

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
N141 IVO-N141 Datasheet
455Kb / 4P
   Spindle Position Displays
logo
Heyco.
N141 HEYCO-N141 Datasheet
147Kb / 1P
   Polyurethane Adhesive-Back Bumpers
logo
Baumer IVO GmbH & Co. K...
N141.103AA IVO-N141.103AA Datasheet
455Kb / 4P
   Spindle Position Displays
N141.103AB IVO-N141.103AB Datasheet
455Kb / 4P
   Spindle Position Displays
logo
Keysight Technologies
N1410A KEYSIGHT-N1410A Datasheet
4Mb / 16P
   Femto/Picoammeter and Electrometer/High Resistance Meter
More results

Similar Description - N1418A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
B2985A KEYSIGHT-B2985A Datasheet
4Mb / 16P
   Femto/Picoammeter and Electrometer/High Resistance Meter
N1416B KEYSIGHT-N1416B Datasheet
4Mb / 16P
   Femto/Picoammeter and Electrometer/High Resistance Meter
N1415A KEYSIGHT-N1415A Datasheet
4Mb / 16P
   Femto/Picoammeter and Electrometer/High Resistance Meter
B2981A KEYSIGHT-B2981A Datasheet
6Mb / 16P
   Femto/Picoammeter and Electrometer/High Resistance Meter
N1411B KEYSIGHT-N1411B Datasheet
4Mb / 16P
   Femto/Picoammeter and Electrometer/High Resistance Meter
N1420A KEYSIGHT-N1420A Datasheet
6Mb / 16P
   Femto/Picoammeter and Electrometer/High Resistance Meter
N1416A KEYSIGHT-N1416A Datasheet
4Mb / 16P
   Femto/Picoammeter and Electrometer/High Resistance Meter
N1414A KEYSIGHT-N1414A Datasheet
4Mb / 16P
   Femto/Picoammeter and Electrometer/High Resistance Meter
N1411A KEYSIGHT-N1411A Datasheet
6Mb / 16P
   Femto/Picoammeter and Electrometer/High Resistance Meter
N1419A KEYSIGHT-N1419A Datasheet
6Mb / 16P
   Femto/Picoammeter and Electrometer/High Resistance Meter
N1422A KEYSIGHT-N1422A Datasheet
6Mb / 16P
   Femto/Picoammeter and Electrometer/High Resistance Meter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com