Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM130-S Datasheet(PDF) 2 Page - Frontier Electronics.

Part # FM130-S
Description  1A SMD SCHOTTKY BARRIER RECTIFIERS, 20V-200V
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

FM130-S Datasheet(HTML) 2 Page - Frontier Electronics.

  FM130-S Datasheet HTML 1Page - Frontier Electronics. FM130-S Datasheet HTML 2Page - Frontier Electronics. FM130-S Datasheet HTML 3Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FM120-S THRU FM1200-S SPECIFICATION
Rev. A
Frontier Electronics Corp.
®
Page 2 of 3
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989
3. CURRENT RATING IS BASED ON SINGLE PHASE, 1/2 WAVE, 60HZ, RESISTIVE, OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%.
RATINGS AND CHARACTERISTIC CURVES


Similar Part No. - FM130-S

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FM130-S FORMOSA-FM130-S Datasheet
80Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
More results

Similar Description - FM130-S

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FM120-MS-THRU-FM1200-MS FRONTIER-FM120-MS-THRU-FM1200-MS Datasheet
632Kb / 3P
   1A SMD SCHOTTKY BARRIER RECTIFIERS, 20V-200V
FM520-THRU-FM5200 FRONTIER-FM520-THRU-FM5200 Datasheet
636Kb / 3P
   5A SMD SCHOTTKY BARRIER RECTIFIERS, 20V-200V
FM520-BS-THRU-FM5200-BS FRONTIER-FM520-BS-THRU-FM5200-BS Datasheet
641Kb / 3P
   5A SMD SCHOTTKY BARRIER RECTIFIERS, 20V-200V
FM220-S-THRU-FM2200-S FRONTIER-FM220-S-THRU-FM2200-S Datasheet
640Kb / 3P
   2A SMD SCHOTTKY BARRIER RECTIFIERS, 20V-200V
FM140-MH1-THRU-FM1200-MH1 FRONTIER-FM140-MH1-THRU-FM1200-MH1 Datasheet
609Kb / 3P
   1A SMD SCHOTTKY BARRIER RECTIFIERS, 40V-200V
FM120-NS-THRU-FM140-NS FRONTIER-FM120-NS-THRU-FM140-NS Datasheet
612Kb / 3P
   1A SMD SCHOTTKY BARRIER RECTIFIERS, 20V-40V
SL12-MS FRONTIER-SL12-MS Datasheet
616Kb / 3P
   1A SMD LOW VF SCHOTTKY BARRIER RECTIFIERS, 20V-40V
SL12-S FRONTIER-SL12-S Datasheet
534Kb / 3P
   1A SMD LOW VF SCHOTTKY BARRIER RECTIFIERS, 20V-40V
logo
Guangdong Youtai Semico...
SS12F UMW-SS12F Datasheet
580Kb / 3P
   20V-200V 1A
SS12 UMW-SS12 Datasheet
566Kb / 3P
   20V-200V 1A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com