Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B1530A Datasheet(PDF) 4 Page - Keysight Technologies

Part # B1530A
Description  Semiconductor Device Analyzer
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

B1530A Datasheet(HTML) 4 Page - Keysight Technologies

  B1530A Datasheet HTML 1Page - Keysight Technologies B1530A Datasheet HTML 2Page - Keysight Technologies B1530A Datasheet HTML 3Page - Keysight Technologies B1530A Datasheet HTML 4Page - Keysight Technologies B1530A Datasheet HTML 5Page - Keysight Technologies B1530A Datasheet HTML 6Page - Keysight Technologies B1530A Datasheet HTML 7Page - Keysight Technologies B1530A Datasheet HTML 8Page - Keysight Technologies B1530A Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
04 | Keysight | B1500A Semiconductor Device Analyzer - Data Sheet
Measurement capabilities (continued):
EasyEXPERT group+ software:
– Characterization environment is available either on mainframe (embedded Windows 7)
or on user’s PC
– Intuitive GUI based operation with keyboard, mouse operation and touch screen.
– Application Test mode provides the furnished hundreds of ready-to-use application
tests for quick measurement execution
– Classic test mode provides easy access to the full capability of instrument features.
– Graphical display and analysis capabilities facilitate front-end data analysis without
additional utilities and support report generation as image data or Excel data.
– Individualized built-in database (workspace) records test data automatically, and
simplifies the data management without annoying numerous data files.
– Tracer test mode enables a curve tracer like knob control of measurement parameters to
support interactive real-time device characterization and automatic data recording feature
– Oscilloscope view (available for the MCSMU) supports pulsed voltage and current
waveform viewing for quick and easy timing verification
– Quick test mode supports test sequencing without programming
– GUI-based control of the Keysight B2200A, B2201A and E5250A switching matrices
– GUI-based self-test, self-calibration and diagnostics menu for hardware maintenance
– EasyEXPERT remote control function supports the remote measurement execution of
application tests that are created on GUI interactively, via the LAN interface
– Data back capability and various data protection feature for shared usage by multiple users
– EasyEXPERT group+ can be installed on as many PCs as you need without additional charge
to take advantage of offline personal analyzer environment among users in your department.
Specification conditions
The measurement and output accuracy are specified at the rear panel connector terminals when
referenced to the Zero Check terminal. The B1530A WGFMU measurement and output accuracy are
specified at the output terminal of the RSU. Accuracy is specified under the following conditions:
1. Temperature: 23 °C ±5 °C
2. Humidity: 20 % to 60 %
3. After 40 minute warm-up followed by self-calibration
4. Ambient temperature change less than ±1 °C after self-calibration execution,
not applicable for MFCMU and WGFMU
5. Measurement made within one hour after self-calibration execution, not applicable for MFCMU
and WGFMU
6. Calibration period: 1 year
7.
SMU integration time setting:
1 PLC (1 nA to 1A range, voltage range)
20 PLC (100 pA range)
50 PLC (1 pA to 10 pA range)
Averaging of high-speed ADC: 128 samples per 1 PLC
8. SMU filter: ON (for HPSMU, MPSMU and HRSMU)
9. SMU measurement terminal connection: Kelvin connection
10. WGFMU load capacitance: 25 pF or less
Note: This document lists specifications and supplemental characteristics for the B1500A
and its associated modules. The specifications are the standards against which the B1500A
and its associated modules are tested. When the B1500A and any of its associated modules
are shipped from the factory, they meet the specifications. The “supplemental” characteristics
described in the following specifications are not warranted, but provide useful information
about the functions and performance of the instrument.
Note: Keysight is responsible for removing, installing, and replacing the B1500A modules.
Contact your nearest Keysight to install and calibrate the B1500A modules.


Similar Part No. - B1530A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
B1530A HP-B1530A Datasheet
300Kb / 23P
   Agilent B1500A Semiconductor Device Analyzer
More results

Similar Description - B1530A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
B1500A KEYSIGHT-B1500A Datasheet
2Mb / 36P
   Semiconductor Device Analyzer
B1510A KEYSIGHT-B1510A Datasheet
2Mb / 36P
   Semiconductor Device Analyzer
B1514A KEYSIGHT-B1514A Datasheet
2Mb / 36P
   Semiconductor Device Analyzer
B1520A KEYSIGHT-B1520A Datasheet
2Mb / 36P
   Semiconductor Device Analyzer
B1525A KEYSIGHT-B1525A Datasheet
2Mb / 36P
   Semiconductor Device Analyzer
logo
Agilent(Hewlett-Packard...
B1500A HP-B1500A Datasheet
300Kb / 23P
   Agilent B1500A Semiconductor Device Analyzer
logo
Keysight Technologies
CX3322A KEYSIGHT-CX3322A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1101A KEYSIGHT-CX1101A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1103A KEYSIGHT-CX1103A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1152A KEYSIGHT-CX1152A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com