Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

16454A Datasheet(PDF) 4 Page - Keysight Technologies

Part # 16454A
Description  Measuring Dielectric Properties Using Keysight?셲 Materials Measurement Solutions
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

16454A Datasheet(HTML) 4 Page - Keysight Technologies

  16454A Datasheet HTML 1Page - Keysight Technologies 16454A Datasheet HTML 2Page - Keysight Technologies 16454A Datasheet HTML 3Page - Keysight Technologies 16454A Datasheet HTML 4Page - Keysight Technologies 16454A Datasheet HTML 5Page - Keysight Technologies 16454A Datasheet HTML 6Page - Keysight Technologies 16454A Datasheet HTML 7Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
04 | Keysight | Measuring Dielectric Properties Using Keysight’s Materials Measurement Solutions - Brochure
Resonant cavity method
Resonant cavities are high Q structures that resonate at certain frequencies. A sample
of the material affects the center frequency and Q factor of the cavity. The permittivity
can be calculated from these parameters. Keysight offers 85072A 10 GHz split cylinder
resonator, as well as Split post dielectric resonators (SPDR).
Parallel plate capacitor method
The parallel plate capacitor method involves sandwiching a thin sheet of material be-
tween two electrodes to form a capacitor. The method works best for accurate, low fre-
quency measurements of thin sheets or liquids. A typical measurement system using the
parallel plate method consists of an LCR meter or impedance analyzer. Keysight offers
several test fixtures such as 16451B, 16452A and 16543A depending on material types
and applied frequency ranges that can cover up to 1 GHz.
Inductance measurement method
This method derives the permeability by measuring the inductance of the material (to-
roidal core). The concept is to wind some wire around MUT and evaluate the inductance
with respect to the ends of the wire. The Keysight 16454A magnetic material test fixture
provides an ideal structure for single-turn inductor, with no flux leakage when a toroidal
core is inserted in it.
Keysight N1501A dielectric probe kit


Similar Part No. - 16454A

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1645419 PHOENIX-1645419 Datasheet
64Kb / 3P
   Box mounting base - HC-B 24-SMQ-84/O1M40
logo
YAGEO Corporation
1645441 YAGEO-1645441 Datasheet
807Kb / 16P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
logo
PHOENIX CONTACT
1645448 PHOENIX-1645448 Datasheet
85Kb / 3P
   HC-B 24-TFQ-76/O2STM40G
logo
Festo Corporation.
1645460 FESTO-1645460 Datasheet
92Kb / 2P
   ISO cylinder
1645461 FESTO-1645461 Datasheet
92Kb / 2P
   ISO cylinder
More results

Similar Description - 16454A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
16453A KEYSIGHT-16453A Datasheet
2Mb / 7P
   Measuring Dielectric Properties Using Keysight?셲 Materials Measurement Solutions
16451B KEYSIGHT-16451B Datasheet
2Mb / 7P
   Measuring Dielectric Properties Using Keysight?셲 Materials Measurement Solutions
16452A KEYSIGHT-16452A Datasheet
2Mb / 7P
   Measuring Dielectric Properties Using Keysight?셲 Materials Measurement Solutions
N5264A KEYSIGHT-N5264A Datasheet
385Kb / 17P
   Keysight N5264A Measurement Receiver
logo
Intersil Corporation
ISL78307 INTERSIL-ISL78307 Datasheet
4Mb / 20P
   Intersil?셲 Solutions for Industrial Process Control
logo
Exar Corporation
XRP7713 EXAR-XRP7713 Datasheet
2Mb / 6P
   Exar?셲 PowerXR D igital Power Solutions
logo
Token Electronics Indus...
TE3610AS TOKEN-TE3610AS Datasheet
370Kb / 3P
   TE01灌 Dielectric Resonators & Materials
logo
World Produts Inc.
WPANTDP031 WPI-WPANTDP031 Datasheet
266Kb / 1P
   Electrical Properties
WPANTDP032 WPI-WPANTDP032 Datasheet
279Kb / 1P
   Electrical Properties
WPANTDP030 WPI-WPANTDP030 Datasheet
93Kb / 1P
   Electrical Properties
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com