Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZN427E8 Datasheet(PDF) 11 Page - Zarlink Semiconductor Inc

Part # ZN427E8
Description  MICROPROCESSOR COMPATIBLE 8-BIT SUCCESSIVE APPROXIMATION A-D CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZN427E8 Datasheet(HTML) 11 Page - Zarlink Semiconductor Inc

Back Button ZN427E8 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZN427E8 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZN427E8 Datasheet HTML 9Page - Zarlink Semiconductor Inc ZN427E8 Datasheet HTML 10Page - Zarlink Semiconductor Inc ZN427E8 Datasheet HTML 11Page - Zarlink Semiconductor Inc ZN427E8 Datasheet HTML 12Page - Zarlink Semiconductor Inc ZN427E8 Datasheet HTML 13Page - Zarlink Semiconductor Inc ZN427E8 Datasheet HTML 14Page - Zarlink Semiconductor Inc ZN427E8 Datasheet HTML 15Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
ZN427
10
The comparator derives the tail current, I
EXT, for its first stage
from an external resistor, R
EXT, which is taken to a negative
supply V–.
This arrangement allows the ZN427 to work with any negative
supply in the range -3 to -30 volts. the ZN427 is designed to
be insensitive to changes in I
EXT from 25µA to 150µA.
The
suggested nominal value of I
EXT is 65µA and a suitable value
for R
EXT is given by REXT = |V_|15kΩ.
V
(volts)
-3
-5
-10
-12
-15
-20
-25
-30
R
EXT (±10%)
47k
82k
150k
180k
220k
330k
390k
470k
The output from the D-A converter is connected through the
4k
Ω ladder resistance to one side of the comparator. The
analog input to be converted could be connected directly to the
other comparator input (V
IN, pin 6) but for optimum stability
with temperature the analog input should be applied through
a source resistance (R
IN
= 4k
Ω) to match the ladder
resistance).
ANALOG INPUT RANGES
The basic connection of the ZN427 shown in Fig.13 has an
analog input range 0 to V
REF IN which, in some applications,
may be made available from previous signal conditioning/
scaling circuits. Input voltage ranges greater than this are
accommodated by providing an attenuator on the comparator
input, whilst for smaller input ranges the signal must be
amplified to a suitable level.
Bipolar input ranges are accommodated by off-setting the
analog input input range so that the comparator always sees
a positive input voltage.
Fig.13 External components for basic operation
LSB
BIT 8
MSB
BIT 1
VCC
(+5V)
BUSY
1
18
7
RD
2
17
6
CK
3
16
5
WR
4
15
4
V-
(-5V)
5
14
3
AIN
6
13
2
VREFIN
7
12
VREFOUT
8
11
GND
(0V)
9
10
RREF
(390
Ω)
REXT
(82k)
RIN
(4k)
VIN
CREF
(4µ7)
DIGITAL OUTPUTS
NOMINAL AIN RANGE = 0 TO VREFIN


Similar Part No. - ZN427E8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZN423 ETC-ZN423 Datasheet
240Kb / 8P
   PRECISION VOLTAGE REFERENCE SOURCE
logo
Zarlink Semiconductor I...
ZN425E8 ZARLINK-ZN425E8 Datasheet
244Kb / 8P
   8-BIT D-A/A-D CONVERTER
ZN426E8 ZARLINK-ZN426E8 Datasheet
137Kb / 5P
   8-BIT D-A CONVERTER
ZN426E8DP14 ZARLINK-ZN426E8DP14 Datasheet
137Kb / 5P
   8-BIT D-A CONVERTER
logo
List of Unclassifed Man...
ZN428 ETC-ZN428 Datasheet
272Kb / 9P
   8-BIT LATCHED INPUT D-A CONVERTER
More results

Similar Description - ZN427E8

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6155P NPC-SM6155P Datasheet
183Kb / 7P
   Successive-approximation 8-bit A/D Converter
SM6150 NPC-SM6150 Datasheet
161Kb / 6P
   Successive-approximation 8-bit A/D Converter
logo
List of Unclassifed Man...
ZN439 ETC1-ZN439 Datasheet
344Kb / 25P
   8-Bit Successive Approximation A-D Converter
logo
Rohm
BH2715FV ROHM-BH2715FV Datasheet
2Mb / 18P
   Successive Approximation A/D Converter
BU1S12S1AG-LB ROHM-BU1S12S1AG-LB Datasheet
1Mb / 20P
   Successive Approximation A/D Converter
logo
Analog Devices
AD572 AD-AD572_15 Datasheet
1Mb / 8P
   12 BIT SUCCESSIVE APPROXIMATION INTEGRATED CIRCUIT A/D CONVERTER
REV. B
AD5200 AD-AD5200 Datasheet
631Kb / 6P
   12-Bit Successive Approximation High Acquisition A/D Converter
logo
National Semiconductor ...
DM54LS502 NSC-DM54LS502 Datasheet
133Kb / 6P
   8-Bit Successive Approximation Register
logo
Analog Devices
AD5215 AD-AD5215_15 Datasheet
2Mb / 6P
   12 BIT SUCCESSIVE APPROXIMATION HIGH ACCURACY A/D CONVERTER
logo
National Semiconductor ...
MNDM54LS502-X NSC-MNDM54LS502-X Datasheet
14Kb / 6P
   8 - BIT SUCCESSIVE APPROXIMATION REGISTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com