Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL10313QCG1 Datasheet(PDF) 9 Page - Zarlink Semiconductor Inc

Part # ZL10313QCG1
Description  Satellite Demodulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL10313QCG1 Datasheet(HTML) 9 Page - Zarlink Semiconductor Inc

Back Button ZL10313QCG1 Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL10313QCG1 Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL10313QCG1 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL10313QCG1 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL10313QCG1 Datasheet HTML 9Page - Zarlink Semiconductor Inc ZL10313QCG1 Datasheet HTML 10Page - Zarlink Semiconductor Inc ZL10313QCG1 Datasheet HTML 11Page - Zarlink Semiconductor Inc ZL10313QCG1 Datasheet HTML 12Page - Zarlink Semiconductor Inc ZL10313QCG1 Datasheet HTML 13Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
ZL10313
Data Sheet
9
Zarlink Semiconductor Inc.
2.4
Forward Error Correction
The ZL10313 contains FEC blocks to enable error correction for DVB-S and DSS transmissions. The Viterbi
decoder block can decode the convolutional code with rates 1/2, 2/3, 3/4, 5/6, 6/7 or 7/8. The block features
automatic synchronization, automatic spectral inversion resolution and automatic code rate detection. The trace
back depth of 128 provides better performance at high code rates and the built-in synchronization algorithm allows
the Viterbi decoder to lock onto signals with very poor signal-to-noise ratios. A Viterbi bit error rate monitor provides
an indication of the error rate at the QPSK output.
The 24-bit error count register in the Viterbi decoder allows the bit error rate at the output of the QPSK demodulator
to be monitored. The 24-bit bit error count register in the Reed-Solomon decoder allows the Viterbi output bit error
rate to be monitored. The 16-bit uncorrectable packet counter yields information about the output packet error rate.
These three monitors and the QPSK SNR register allow the performance of the device and its individual
components, such as the QPSK demodulator and the Viterbi decoder, to be monitored extensively by the external
microprocessor. The frame/byte align block features a sophisticated synchronization algorithm to ensure reliable
recovery of DVB and DSS framed data streams under worst case signal conditions. The de-interleaver uses on-
chip RAM and is compatible with the DVB and DSS algorithms. The Reed-Solomon decoder is a truncated version
of the (255, 239) code. The code block size is 204 for DVB and 146 for DSS. The decoder provides a count of the
number of uncorrectable blocks as well as the number of bit errors corrected. The latter gives an indication of the bit
error rate at the output of the Viterbi decoder. In DVB mode, spectrum de-scrambling is performed compatible with
the DVB specification. The final output is a parallel or serial transport data stream, packet sync, data clock and a
block error signal. The data clock may be inverted under software control.
2.4.1
Viterbi Error Count Measurement
A method of estimating the bit error rate at the output of the QPSK block has been provided in the Viterbi decoder.
The incoming data bit stream is delayed and compared with the re-encoded and punctured version of the decoded
bit stream to obtain a count of errors, see Figure 5. The measurement system has a programmable register to
determine the number of data bits (the error count period) over which the count is being recorded. A read register
indicates the error count result and an interrupt can be generated to inform the host microprocessor that a new
count is available.
The VIT_ERRPER_register is programmed with the required number of data bits (the error count period)
(VIT_ERRPER[7:0]). The count of errors found during this period is loaded by the ZL10313 into the
VIT_ERRCNT_H-M-L trio of registers when the bit count VIT_ERRPER[7:0] is reached. At the same time an
interrupt is generated on the IRQ line. Setting the IE_FEC[2] bit in the IE_FEC register enables the interrupt.
Reading the register does not clear VIT_ERRCNT [23:0], it is only loaded with the error count.
Figure 5 - Viterbi Block Diagram
Data Bit Stream
Error Count
Comp
Viterbi
Encoder
Delay
Viterbi
Decoder


Similar Part No. - ZL10313QCG1

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL10310 ZARLINK-ZL10310 Datasheet
351Kb / 40P
   Digital Television DVB-T-On-a-Chip Processor
ZL10310GAC ZARLINK-ZL10310GAC Datasheet
351Kb / 40P
   Digital Television DVB-T-On-a-Chip Processor
ZL10311 ZARLINK-ZL10311 Datasheet
351Kb / 40P
   Digital Television DVB-T-On-a-Chip Processor
ZL10311GAC ZARLINK-ZL10311GAC Datasheet
351Kb / 40P
   Digital Television DVB-T-On-a-Chip Processor
ZL10312 ZARLINK-ZL10312 Datasheet
340Kb / 15P
   Satellite Demodulator
More results

Similar Description - ZL10313QCG1

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL10312 ZARLINK-ZL10312 Datasheet
340Kb / 15P
   Satellite Demodulator
logo
Intel Corporation
CE6313 INTEL-CE6313 Datasheet
466Kb / 24P
   DVB-S Satellite Demodulator
logo
List of Unclassifed Man...
PS20313 ETC2-PS20313 Datasheet
1Mb / 26P
   DVB-S Satellite Demodulator
logo
Sony Corporation
CXA3018R SONY-CXA3018R Datasheet
485Kb / 17P
   Demodulator for Satellite Receivers
logo
NXP Semiconductors
TDA8044 PHILIPS-TDA8044 Datasheet
100Kb / 20P
   Satellite demodulator and decoder
2000 Feb 21
TDA8083 PHILIPS-TDA8083 Datasheet
87Kb / 16P
   Satellite Demodulator and Decoder SDD3
1999 Jul 28
TDA8043 PHILIPS-TDA8043 Datasheet
95Kb / 16P
   Satellite Demodulator and Decoder SDD
1998 Feb 13
logo
Silicon Laboratories
SI2166-B20 SILABS-SI2166-B20 Datasheet
55Kb / 2P
   DVB-S/S2 Satellite TV Demodulator
SI2166-B22 SILABS-SI2166-B22 Datasheet
161Kb / 2P
   DVB-S/S2 Satellite TV Demodulator
logo
Skyworks Solutions Inc.
SI2166-B22 SKYWORKS-SI2166-B22 Datasheet
176Kb / 2P
   DVB-S/S2 Satellite TV Demodulator
November 17, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com