Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV331SN3T1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCV331SN3T1G
Description  Single, Dual, Quad General Purpose, Low Voltage Comparators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV331SN3T1G Datasheet(HTML) 3 Page - ON Semiconductor

  NCV331SN3T1G Datasheet HTML 1Page - ON Semiconductor NCV331SN3T1G Datasheet HTML 2Page - ON Semiconductor NCV331SN3T1G Datasheet HTML 3Page - ON Semiconductor NCV331SN3T1G Datasheet HTML 4Page - ON Semiconductor NCV331SN3T1G Datasheet HTML 5Page - ON Semiconductor NCV331SN3T1G Datasheet HTML 6Page - ON Semiconductor NCV331SN3T1G Datasheet HTML 7Page - ON Semiconductor NCV331SN3T1G Datasheet HTML 8Page - ON Semiconductor NCV331SN3T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
LMV331, NCV331, LMV393, LMV339
http://onsemi.com
3
MAXIMUM RATINGS
Symbol
Rating
Value
Unit
VS
Voltage on any Pin (referred to Vpin)
5.5
V
VIDR
Input Differential Voltage Range
±Supply Voltage
V
TJ
Maximum Junction Temperature
150
°C
TA
Operating Ambient Temperature Range
LMV331, LMV393, LMV339
NCV331 (Note 3)
−40 to 85
−40 to 125
°C
Tstg
Storage Temperature Range
−65 to 150
°C
TL
Mounting Temperature (Infrared or Convection (1/16
″ From Case for 30 Seconds))
260
°C
VESD
ESD Tolerance (Note 1)
Machine Model
Human Body Model
100
1000
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage Temperature Range (Note 2)
2.7 to 5.0
V
qJA
Thermal Resistance
SC−70
TSOP−5
Micro8
SOIC−8
UDFN8
SOIC−14
TSSOP−14
280
333
238
212
350
156
190
°C/W
1. Human Body Model, applicable std. MIL−STD−883, Method 3015.7. Machine Model, applicable std. JESD22−A115−A (ESD MM std. of
JEDEC) Field−Induced Charge−Device Model, applicable std. JESD22−C101−C (ESD FICDM std. of JEDEC).
2. The maximum power dissipation is a function of TJ(MAX), qJA. The maximum allowable power dissipation at any ambient temperature is
PD = (TJ(MAX) − TA)/qJA. All numbers apply for packages soldered directly onto a PC board.
3. NCV prefix is qualified for automotive usage.


Similar Part No. - NCV331SN3T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV331SN3T1G ONSEMI-NCV331SN3T1G Datasheet
845Kb / 20P
   Single, Dual, Quad General Purpose, Low Voltage Comparators
June, 2017 ??Rev. 8
More results

Similar Description - NCV331SN3T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LMV331 ONSEMI-LMV331_17 Datasheet
845Kb / 20P
   Single, Dual, Quad General Purpose, Low Voltage Comparators
June, 2017 ??Rev. 8
LMV331 ONSEMI-LMV331 Datasheet
916Kb / 21P
   Single, Dual, Quad General Purpose, Low Voltage Comparators
October, 2009 ??Rev. 3
logo
Maxim Integrated Produc...
LMX331 MAXIM-LMX331 Datasheet
387Kb / 12P
   General-Purpose, Low-Voltage, Single/Dual/Quad, Tiny-Pack Comparators
Rev 2; 1/02
LMX331 MAXIM-LMX331_11 Datasheet
190Kb / 9P
   General-Purpose, Low-Voltage, Single/Dual/Quad, Tiny-Pack Comparators
Rev 4; 5/11
logo
Texas Instruments
LMV331 TI1-LMV331_15 Datasheet
1Mb / 39P
[Old version datasheet]   Quad General-purpose Low-voltage Comparators
logo
Maxim Integrated Produc...
MAX9092 MAXIM-MAX9092 Datasheet
1Mb / 11P
   General-Purpose, Low-Voltage, Dual/Quad, Tiny Pack Comparators
Rev 0; 7/12
logo
ams AG
AS1970 AMSCO-AS1970_1 Datasheet
754Kb / 18P
   Low-Voltage Single/Dual/Quad Comparators
AS1970 AMSCO-AS1970_05 Datasheet
1Mb / 19P
   Low-Voltage Single/Dual/Quad Comparators
AS1970 AMSCO-AS1970 Datasheet
147Kb / 2P
   Low-Voltage Single/Dual/Quad Comparators
logo
Texas Instruments
LMV331 TI1-LMV331 Datasheet
483Kb / 22P
[Old version datasheet]   Quad General Purpose, Low Voltage, Tiny Pack Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com