Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM833 Datasheet(PDF) 3 Page - ON Semiconductor

Part # LM833
Description  Low Noise, Audio Dual Operational Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM833 Datasheet(HTML) 3 Page - ON Semiconductor

  LM833_11 Datasheet HTML 1Page - ON Semiconductor LM833_11 Datasheet HTML 2Page - ON Semiconductor LM833_11 Datasheet HTML 3Page - ON Semiconductor LM833_11 Datasheet HTML 4Page - ON Semiconductor LM833_11 Datasheet HTML 5Page - ON Semiconductor LM833_11 Datasheet HTML 6Page - ON Semiconductor LM833_11 Datasheet HTML 7Page - ON Semiconductor LM833_11 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LM833, NCV833
http://onsemi.com
3
TA, AMBIENT TEMPERATURE (°C)
20
15
10
5.0
0
-25
0
25
50
75
100
125
-55
VCC = +15 V
VEE = -15 V
f = 100 kHz
Figure 3. Input Bias Current versus
Supply Voltage
Figure 4. Supply Current versus
Supply Voltage
Figure 5. DC Voltage Gain
versus Temperature
Figure 6. DC Voltage Gain versus
Supply Voltage
Figure 7. Open Loop Voltage Gain and
Phase versus Frequency
Figure 8. Gain Bandwidth Product
versus Temperature
TA, AMBIENT TEMPERATURE (°C)
VCC, |VEE|, SUPPLY VOLTAGE (V)
f, FREQUENCY (Hz)
VCC, |VEE|, SUPPLY VOLTAGE (V)
VCC, |VEE|, SUPPLY VOLTAGE (V)
800
600
400
200
0
5.0
10
15
20
10
8.0
6.0
4.0
2.0
0
110
105
100
95
90
-55
-25
0
25
50
75
100
125
110
100
90
80
0
5.0
10
15
20
120
100
80
60
40
20
0
1.0
10
100
1.0 k
10 k
100 k
1.0 M
10 M
0
45
90
135
180
5.0
10
15
20
RL = ∞
TA = 25°C
VCC
VO
VEE
IS
VCC = +15 V
VEE = -15 V
RL = 2.0 kW
VCC = +15 V
VEE = -15 V
RL = 2.0 kW
TA = 25°C
Phase
Gain
+
RL = 2.0 kW
TA = 25°C
TA = 25°C


Similar Part No. - LM833_11

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM833 UTC-LM833_15 Datasheet
149Kb / 5P
   DUAL OPERATIONAL AND LOW VOLTAGE NOISE AMPLIFIER
More results

Similar Description - LM833_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM833 ONSEMI-LM833_05 Datasheet
100Kb / 8P
   Low Noise, Audio Dual Operational Amplifier
December, 2005 ??Rev. 5
logo
Analog Devices
SSM2134 AD-SSM2134 Datasheet
294Kb / 6P
   LOW NOISE AUDIO OPERATIONAL AMPLIFIER
REV. A
logo
New Japan Radio
NJM4585 NJRC-NJM4585 Datasheet
847Kb / 6P
   Low Noise, Bipolar Input Dual, Audio Operational amplifier
Ver.00
NJM8068 NJRC-NJM8068 Datasheet
1Mb / 14P
   LOW NOISE, BIPOLAR INPUT DUAL AUDIO OPERATIONAL AMPLIFIER
Ver.3.1
logo
Ceramate Technical
CO5532 CERAMATE-CO5532 Datasheet
900Kb / 6P
   Dual Low-Noise Operational Amplifier
logo
Renesas Technology Corp
RNB4580 RENESAS-RNB4580_15 Datasheet
146Kb / 11P
   Dual Low Noise Operational Amplifier
logo
ON Semiconductor
MC33077 ONSEMI-MC33077_04 Datasheet
178Kb / 14P
   Low Noise Dual Operational Amplifier
March, 2004 ??Rev. 5
logo
New Japan Radio
NJM2041 NJRC-NJM2041 Datasheet
195Kb / 5P
   LOW-NOISE DUAL OPERATIONAL AMPLIFIER????
logo
STMicroelectronics
LM833 STMICROELECTRONICS-LM833_05 Datasheet
136Kb / 9P
   Low Noise Dual Operational Amplifier
MC33078 STMICROELECTRONICS-MC33078_08 Datasheet
192Kb / 15P
   Low noise dual operational amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com