Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CFPT-9006 Datasheet(PDF) 2 Page - IQD Frequency Products Ltd

Part # CFPT-9006
Description  TCXO Specification
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IQD [IQD Frequency Products Ltd]
Direct Link  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

CFPT-9006 Datasheet(HTML) 2 Page - IQD Frequency Products Ltd

  CFPT-9006 Datasheet HTML 1Page - IQD Frequency Products Ltd CFPT-9006 Datasheet HTML 2Page - IQD Frequency Products Ltd CFPT-9006 Datasheet HTML 3Page - IQD Frequency Products Ltd CFPT-9006 Datasheet HTML 4Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CFPT-9006
TCXO Specification
Electrical Parameters
3.3V ±10%
Supply Voltage
Supply Current:
1+Frequency(MHz)*Supply(V)*{Load(pF)+15}*10–3 mA
e.g. 20MHz, 3.3V, 15pF ≈ 2mA
Optional reference voltage output on pad 1, suitable for
potentiometer supply or DAC reference:
1. No output (standard option)
2. 2.2V for min Vs>2.4V
3. 2.7V for min Vs>3.0V
Maximum load current (mA) = Vref/10
For manual frequency adjustment connect an external 50kΩ
potentiometer between pad 1 (Reference Voltage) and pad 4
(GND) with wiper connected to pad 10 (Voltage Control).
Please specify reference voltage as part of the ordering code.
Note: Supply Voltages in the range 2.4V to 6.0V are available,
please contact an IQD Sales Office
Frequency Adjustment
Slope: Positive
Standard Voltage Control Ranges:
Without Reference Voltage Vs=3.3V 1.65V±1.0V
With Reference Voltage Vs=0V to Vref
Linearity: 1% max
Input Impedance: 100kΩ min
Modulation Bandwidth: 2kHz min
A. Pulling:-
≥±5ppm, frequency ≤20MHz
≥±7ppm, frequency >20MHz
B. No frequency adjustment initial calibration @ 25°C ≤
±1.0ppm
C. High Pulling ±10ppm to ±50ppm can be available
depending on frequency and stability options (please contact
an IQD Sales Office)
Operating Temperature Ranges
0 to 50°C
-20 to 70°C
0 to 70°C
-30 to 75°C
-40 to 85°C
Output Details
Output Compatability
HCMOS
Drive Capability
15pF
Output Control
Tri-state Operation:
Logic ‘1’ (>60% Vs) or no connection to pad 8 enables output
Logic ‘0’ (<20% Vs) to pad 8 disables output
When at logic ‘0’ the output stage is disabled for all output
options, but the oscillator and compensation circuit are still
active (current consumption <1mA)
Output Levels
VoL: <10% Vs
VoH: >90% Vs
Printed on 26 Apr 16 11:58 using Model Data Sheet V1.2550
Page 2 of 4
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com


Similar Part No. - CFPT-9006

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
CFPT-9001 IQD-CFPT-9001 Datasheet
211Kb / 3P
   TCXO Specification
CFPT-9003 IQD-CFPT-9003 Datasheet
210Kb / 3P
   TCXO Specification
CFPT-9005 IQD-CFPT-9005 Datasheet
211Kb / 3P
   TCXO Specification
CFPT-9007 IQD-CFPT-9007 Datasheet
210Kb / 3P
   TCXO Specification
CFPT-9008 IQD-CFPT-9008 Datasheet
210Kb / 3P
   TCXO Specification
More results

Similar Description - CFPT-9006

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
E3179LF IQD-E3179LF Datasheet
956Kb / 2P
   TCXO Specification
IQXT-260 IQD-IQXT-260 Datasheet
317Kb / 4P
   TCXO Specification
IQXT-315 IQD-IQXT-315 Datasheet
430Kb / 2P
   TCXO Specification
IQXT-140-3.3V IQD-IQXT-140-3.3V Datasheet
1Mb / 2P
   TCXO Specification
IQXT-312 IQD-IQXT-312 Datasheet
141Kb / 3P
   TCXO Specification
LFTCXO070898 IQD-LFTCXO070898 Datasheet
246Kb / 2P
   TCXO Specification
LFTCXO075796 IQD-LFTCXO075796 Datasheet
140Kb / 2P
   TCXO Specification
LFTCXO079058 IQD-LFTCXO079058 Datasheet
117Kb / 1P
   TCXO Specification
V1.0020
LFTCXO063784 IQD-LFTCXO063784_V01 Datasheet
497Kb / 2P
   TCXO Specification
V1.0018
IQXT-282 IQD-IQXT-282 Datasheet
133Kb / 2P
   TCXO Specification
IQXT-291 IQD-IQXT-291 Datasheet
133Kb / 2P
   TCXO Specification
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com