Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RN4871 Datasheet(PDF) 11 Page - Microchip Technology

Part # RN4871
Description  Bluetooth 4.2 Low Energy Module
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN4871 Datasheet(HTML) 11 Page - Microchip Technology

Back Button RN4871 Datasheet HTML 7Page - Microchip Technology RN4871 Datasheet HTML 8Page - Microchip Technology RN4871 Datasheet HTML 9Page - Microchip Technology RN4871 Datasheet HTML 10Page - Microchip Technology RN4871 Datasheet HTML 11Page - Microchip Technology RN4871 Datasheet HTML 12Page - Microchip Technology RN4871 Datasheet HTML 13Page - Microchip Technology RN4871 Datasheet HTML 14Page - Microchip Technology RN4871 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
 2016 Microchip Technology Inc.
DS50002489A-page 11
RN4870/71
3.0
INTERFACE PINS
Figure 3-1 shows the power scheme using a 3.3V
low-dropout regulator to the RN487x and a host MCU.
This scheme ensures that the same voltage is used for
both the module and the MCU.
Figure 3-1 also shows the basic UART connections to
the host MCU.
Figure 3-2 shows the recommended connections for
running the RN4870/71 on coin cell battery.
FIGURE 3-1:
POWER SCHEME
System Configurator
System Configurator
Note 1: Ensure VDD_IO and MCU VDD voltages are compatible
2: Control and Indication ports are configurable
3: To implement low-power operation, enable the UART_RX_IND
pin and connect to ground.
Note 1: Ensure VDD_IO and MCU VDD voltages are compatible
2: Control and Indication ports are configurable
3: 10 µF (X5R) and 330 ohm resistor are required for RN487x
4: BK_IN connects to VBAT for RN4871U
5: To implement low-power operation, enable the UART_RX_IND
pin and connect to ground.
RN4870/71/70U
RN4871U


Similar Part No. - RN4871

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RN4870 MICROCHIP-RN4870_17 Datasheet
2Mb / 48P
   Bluetooth짰 4.2 Low Energy Module
10/25/17
More results

Similar Description - RN4871

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
   Bluetooth Low Energy 4.2 SoC
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
   Bluetooth Low Energy 4.2 SoC
logo
Renesas Technology Corp
DA14681 RENESAS-DA14681 Datasheet
5Mb / 445P
   Bluetooth Low Energy 4.2 SoC FINAL
13-Jan-2022
DA14680 RENESAS-DA14680 Datasheet
5Mb / 440P
   Bluetooth Low Energy 4.2 SoC with FLASH
14-Jan-2022
logo
Microchip Technology
RN4870 MICROCHIP-RN4870_17 Datasheet
2Mb / 48P
   Bluetooth짰 4.2 Low Energy Module
10/25/17
logo
Panasonic Semiconductor
PAN1740A PANASONIC-PAN1740A Datasheet
1Mb / 34P
   Bluetooth Low Energy Module
PAN1760A PANASONIC-PAN1760A Datasheet
1Mb / 33P
   Bluetooth Low Energy Module
logo
Microchip Technology
RN4020 MICROCHIP-RN4020 Datasheet
1Mb / 28P
   Bluetooth Low Energy Module
07/14/15
logo
Dialog Semiconductor
DA14582 DIALOG-DA14582_16 Datasheet
1Mb / 172P
   Bluetooth Low Energy 4.2 SoC with Audio CODEC
logo
Mitsumi Electronics, Co...
WML-C69 MITSUMI-WML-C69 Datasheet
210Kb / 2P
   Bluetooth Low Energy Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com