Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W6R21403-14023-L Datasheet(PDF) 11 Page - Microchip Technology

Part # W6R21403-14023-L
Description  2.4 GHz IEEE Std. 802.11 b/g Wireless LAN Module
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

W6R21403-14023-L Datasheet(HTML) 11 Page - Microchip Technology

Back Button W6R21403-14023-L Datasheet HTML 7Page - Microchip Technology W6R21403-14023-L Datasheet HTML 8Page - Microchip Technology W6R21403-14023-L Datasheet HTML 9Page - Microchip Technology W6R21403-14023-L Datasheet HTML 10Page - Microchip Technology W6R21403-14023-L Datasheet HTML 11Page - Microchip Technology W6R21403-14023-L Datasheet HTML 12Page - Microchip Technology W6R21403-14023-L Datasheet HTML 13Page - Microchip Technology W6R21403-14023-L Datasheet HTML 14Page - Microchip Technology W6R21403-14023-L Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
 2015 Microchip Technology Inc.
DS70005224A-page 11
RN1723
Another common usage case for the RN1723 module
is to put it to sleep and only wake the module when
there is data present on its UART RX line, as illustrated
in Figure 2-2.
FIGURE 2-2:
WAKE ON UART RECEIVE
GPIO_4/MOSI
GPIO_5/MISO
GPIO_6/SIRQn
GPIO_7
GPIO_8/SSn
GPIO_9/SCK
RESET_N
FORCE_WAKE
ISP_RX
ISP_TX
GND
VDD_3V3
RN_UTX
RN_URX
RN_UCTS
RN_URTS
VDD_3V3
SENSOR_3
GPIO_1/MODE
GPIO_2
GPIO_3
0R
R19
SW6
SW4
SENSOR0
29
SENSOR1
30
SENSOR2
31
SENSOR3
32
SENSOR_POWER
33
VDD
34
SENSOR4
35
SENSOR5
36
GPIO7/SD_D2
6
GPIO6/SD_D1/INT
7
GPIO5/SD_D0/MISO
8
GPIO4/SD_CMD/MOSI
9
VDD
10
GPIO3
11
GPIO2
12
GPIO1
13
GND
1
ISP_TX
2
ISP_RX
3
GPIO9/SD_CLK/SCLK
4
GPIO8/SD_D3/SS
5
GND
14
SPI_CS
15
SPI_MISO
16
SPI_SCK
17
SPI_MOSI
18
FLASH_POWER
19
GND
20
GND
21
GND
22
GND
23
ANT
24
GND
25
GND
26
GND
27
GND
28
SENSOR6
37
SENSOR7
38
GND
39
RESET
40
FORCE_AWAKE
41
GPIO14
42
RTS/GPIO13
43
CTS/GPIO12
44
RX/GPIO11
45
TX/GPIO10
46
GND
47
SREG_3V3_CTRL
48
VBATT
49
U2
GND
VBAT
SREG_CTRL
SENSOR_0
FLASH_PWR
A1
0R
R13
GND
A2
SENSOR_1
SENSOR_2
SENSOR_4
SENSOR_5
SENSOR_6
SENSOR_7
GPIO_14
SENSOR_POWER
GND
SQ-SEN-200-C
U8
SPI_MISO
SPI_MOSI
SPI_CLK
nSPI_CS
CTS
RTS
TX
RX
Microcontroller
*
Component_1
470R
R32
470R
R33
100k
R35
100k
R34
GND
SENSOR_0
SENSOR_1


Similar Part No. - W6R21403-14023-L

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
W6R21403-14023-L MICROCHIP-W6R21403-14023-L Datasheet
558Kb / 30P
   2.4 GHz IEEE Std. 802.11 b/g Wireless LAN Module
06/23/16
More results

Similar Description - W6R21403-14023-L

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RN171 MICROCHIP-RN171 Datasheet
558Kb / 30P
   2.4 GHz IEEE Std. 802.11 b/g Wireless LAN Module
06/23/16
RN-171-DS MICROCHIP-RN-171-DS Datasheet
2Mb / 16P
   RN-171 802.11 b/g Wireless LAN Module
Version 3.21 10/2/2012
RN1810 MICROCHIP-RN1810_17 Datasheet
1Mb / 34P
   2.4 GHz IEEE 802.11b/g/n Wireless Module
11/07/16
RN1810 MICROCHIP-RN1810 Datasheet
1Mb / 36P
   2.4 GHz IEEE 802.11b/g/n Wireless Module
07/14/15
MRF24WN0MA MICROCHIP-MRF24WN0MA Datasheet
1Mb / 36P
   2.4 GHz IEEE 802.11b/g/n Wireless Module
07/14/15
logo
List of Unclassifed Man...
RN-131-DS ETC2-RN-131-DS Datasheet
863Kb / 18P
   RN-131G RN-131C 802.11 b/g Wireless LAN Module
RN131C ETC2-RN131C Datasheet
863Kb / 18P
   RN-131G & RN-131C 802.11 b/g Wireless LAN Module
logo
ATMEL Corporation
WINC1000-MR110PA ATMEL-WINC1000-MR110PA_14 Datasheet
1Mb / 25P
   IEEE 802.11 b/g/n IoT Module
WINC1500-MR210PA ATMEL-WINC1500-MR210PA_14 Datasheet
1Mb / 24P
   IEEE 802.11 b/g/n IoT Module
logo
ORing Industrial Networ...
IAP-420 ORING-IAP-420 Datasheet
291Kb / 5P
   Industrial IEEE 802.11 b/g/n wireless access point
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com