Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS79425DCQ Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS79425DCQ
Description  ULTRALOW-NOISE, HIGH PSRR, FAST RF 250-mA LOW-DROPOUT LINEAR REGULATORS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS79425DCQ Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS79425DCQ Datasheet HTML 6Page - Texas Instruments TPS79425DCQ Datasheet HTML 7Page - Texas Instruments TPS79425DCQ Datasheet HTML 8Page - Texas Instruments TPS79425DCQ Datasheet HTML 9Page - Texas Instruments TPS79425DCQ Datasheet HTML 10Page - Texas Instruments TPS79425DCQ Datasheet HTML 11Page - Texas Instruments TPS79425DCQ Datasheet HTML 12Page - Texas Instruments TPS79425DCQ Datasheet HTML 13Page - Texas Instruments TPS79425DCQ Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
www.ti.com
Board Layout Recommendation to Improve PSRR and Noise Performance
PCB Copper Area − in
100
80
40
0
1
2
3
120
140
THERMAL RESISTANCE
vs
PCB COPPER AREA
180
4
5
160
60
0
20
Surface-Mount Package
1 oz. Copper
CIRCUIT BOARD COPPER AREA
SOT223 Surface-Mount Package
Power and Dissipation and Junction Temperature
P
D(max) +
T
J
max * TA
RθJA
(1)
P
D +
V
IN *
V
OUT
I
OUT
(2)
Regulator Mounting
TPS79401, TPS79418
TPS79425, TPS79428
TPS79430, TPS79433
SLVS349D – NOVEMBER 2001 – REVISED OCTOBER 2004
To improve ac measurements like PSRR, output noise, and transient response, it is recommended that the board
be designed with separate ground planes for VIN and VOUT, with each ground plane connected only at the ground
pin of the device. In addition, the ground connection for the bypass capacitor should connect directly to the
ground pin of the device.
Figure 23. Thermal Resistance vs PCB Area for the SOT223-6.
Specified regulator operation is assured to a junction temperature of 125
°C; the maximum junction temperature
should be restricted to 125
°C under normal operating conditions. This restriction limits the power dissipation the
regulator can handle in any given application. To ensure the junction temperature is within acceptable limits,
calculate the maximum allowable dissipation, PD(max), and the actual dissipation, PD, which must be less than or
equal to PD(max).
The maximum-power-dissipation limit is determined using the following equation:
where:
TJmax is the maximum allowable junction temperature.
R
θ
JA is the thermal resistence juntion-to-ambient for the package. See the power dissipation table and
Figure 1
TA is the ambient temperature.
The regulator dissipation is calculated using:
Power dissipation resulting from quiescent current is negligible. Excessive power dissipation triggers the thermal
protection circuit.
The tab of the SOT223-6 package is electrically connected to ground. For best thermal performance, the tab of
the surface-mount version should be soldered directly to a circuit-board copper area. Increasing the copper area
improves heat dissipation. Solder pad footprint recommendations for the devices are presented in an application
bulletin Solder Pad Recommendations for Surface-Mount Devices, literature number AB-132, available from the
TI web site (www.ti.com).
10


Similar Part No. - TPS79425DCQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79425DCQ TI1-TPS79425DCQ Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79425DCQG4 TI1-TPS79425DCQG4 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79425DCQR TI1-TPS79425DCQR Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS79425DCQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS794XX TI1-TPS794XX_16 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79401 TI-TPS79401_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79418 TI-TPS79418_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79425 TI-TPS79425_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79428 TI-TPS79428_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79430 TI-TPS79430_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79501 TI-TPS79501 Datasheet
432Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 500-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com