Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W6R21403-14023-62479 Datasheet(PDF) 1 Page - Microchip Technology

Part # W6R21403-14023-62479
Description  2.4 GHz IEEE Std. 802.11 b/g Wireless LAN Module
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

W6R21403-14023-62479 Datasheet(HTML) 1 Page - Microchip Technology

  W6R21403-14023-62479 Datasheet HTML 1Page - Microchip Technology W6R21403-14023-62479 Datasheet HTML 2Page - Microchip Technology W6R21403-14023-62479 Datasheet HTML 3Page - Microchip Technology W6R21403-14023-62479 Datasheet HTML 4Page - Microchip Technology W6R21403-14023-62479 Datasheet HTML 5Page - Microchip Technology W6R21403-14023-62479 Datasheet HTML 6Page - Microchip Technology W6R21403-14023-62479 Datasheet HTML 7Page - Microchip Technology W6R21403-14023-62479 Datasheet HTML 8Page - Microchip Technology W6R21403-14023-62479 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
 2014-2016 Microchip Technology Inc.
DS70005171B-page 1
RN171
Features:
• Complete, Embedded 2.4 GHz IEEE 802.11 b/g
Wireless LAN Module
• 14 General Purpose Input/Output (GPIO) Pins
(Four GPIOs shared with UART)
• Eight Analog Sensor Inputs
• Small Surface-Mount Module: 1.050” x 0.700” x
0.125” (26.67 mm x 17.78 mm x 3.18 mm)
• Integrated Crystal, Internal Voltage Regulator,
Matching Circuitry, Power Amplifier
• Integrates Easily into Final Product – Minimizes
Product Development, Provides Quicker Time to
Market
• Configured using Simple ASCII Commands
•Networking:
- Supports Infrastructure and SoftAp
Networking Modes
- Built-in Networking Applications: TCP, UDP,
DHCP, DNS, ICMP, ARP, HTTP Client, and
FTP Client
- Complete On-Board TCP/IP Networking
Stack
- Unique MAC Address
- Upgrade Firmware Over the Air using FTP
- Supports Wi-Fi® Protected Setup (WPS)
Power Management:
• Ultra Low-Power Sleep Mode (4 uA)
• Perfect for Portable Battery Operated Devices
• Battery Boost Control Circuitry
• Real-Time Clock for Time Stamping, Auto-Sleep,
and Auto-Wake
Antenna:
• External Antenna Connection via RF Pad
• Certified Antenna Types: Chip, Whip, PCB Trace,
and Wire
Compliance:
• Modular Certified for the United States (FCC) and
Canada (IC)
• European R&TTE Directive Assessed Radio
Module
• Australia, New Zealand, Korea, Taiwan
FIGURE 1:
RN171 MODULE
Media Access Control (MAC)/Baseband
Features:
• Security: WEP-128, WPA-PSK (TKIP),
WPA2-PSK (AES)
Operational:
• Operating Voltage: 3.3V (typical)
• Temperature Range: -40C to +85C Industrial
• Low-Current Consumption:
- Rx mode: 40 mA
- Tx mode: 120 mA at 0 dBm
- Sleep: 4 µA
RF/Analog Features:
• Frequency: 2.412 to 2.462 GHz
• Modulation:
- 802.11b Compatibility: DSSS (CCK-11,
CCK-5.5, DQPSK-2, DBPSK-1)
- 802.11g: OFDM
- Receive Sensitivity: -83 dBm Typical
- Power Output: 0 to +12 dBm
Over-the-Air Data Rate:
• 1-11 Mbps for 802.11b
• 6-54 Mbps for 802.11g
Applications:
• Remote Equipment Monitoring
• Telemetry
• Industrial Sensors
• Home Automation
2.4 GHz IEEE Std. 802.11 b/g Wireless LAN Module


Similar Part No. - W6R21403-14023-62479

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
W6R21403-14023-62479 MICROCHIP-W6R21403-14023-62479 Datasheet
306Kb / 32P
   2.4 GHz IEEE Std. 802.11 b/g Wireless LAN Module
01/27/15
More results

Similar Description - W6R21403-14023-62479

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RN1723 MICROCHIP-RN1723 Datasheet
306Kb / 32P
   2.4 GHz IEEE Std. 802.11 b/g Wireless LAN Module
01/27/15
RN-171-DS MICROCHIP-RN-171-DS Datasheet
2Mb / 16P
   RN-171 802.11 b/g Wireless LAN Module
Version 3.21 10/2/2012
RN1810 MICROCHIP-RN1810_17 Datasheet
1Mb / 34P
   2.4 GHz IEEE 802.11b/g/n Wireless Module
11/07/16
RN1810 MICROCHIP-RN1810 Datasheet
1Mb / 36P
   2.4 GHz IEEE 802.11b/g/n Wireless Module
07/14/15
MRF24WN0MA MICROCHIP-MRF24WN0MA Datasheet
1Mb / 36P
   2.4 GHz IEEE 802.11b/g/n Wireless Module
07/14/15
logo
List of Unclassifed Man...
RN-131-DS ETC2-RN-131-DS Datasheet
863Kb / 18P
   RN-131G RN-131C 802.11 b/g Wireless LAN Module
RN131C ETC2-RN131C Datasheet
863Kb / 18P
   RN-131G & RN-131C 802.11 b/g Wireless LAN Module
logo
ATMEL Corporation
WINC1000-MR110PA ATMEL-WINC1000-MR110PA_14 Datasheet
1Mb / 25P
   IEEE 802.11 b/g/n IoT Module
WINC1500-MR210PA ATMEL-WINC1500-MR210PA_14 Datasheet
1Mb / 24P
   IEEE 802.11 b/g/n IoT Module
logo
ORing Industrial Networ...
IAP-420 ORING-IAP-420 Datasheet
291Kb / 5P
   Industrial IEEE 802.11 b/g/n wireless access point
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com