Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDQ30-Q48-D15-D Datasheet(PDF) 4 Page - CUI INC

Part # PDQ30-Q48-D15-D
Description  DC-DC CONVERTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PDQ30-Q48-D15-D Datasheet(HTML) 4 Page - CUI INC

  PDQ30-Q48-D15-D Datasheet HTML 1Page - CUI INC PDQ30-Q48-D15-D Datasheet HTML 2Page - CUI INC PDQ30-Q48-D15-D Datasheet HTML 3Page - CUI INC PDQ30-Q48-D15-D Datasheet HTML 4Page - CUI INC PDQ30-Q48-D15-D Datasheet HTML 5Page - CUI INC PDQ30-Q48-D15-D Datasheet HTML 6Page - CUI INC PDQ30-Q48-D15-D Datasheet HTML 7Page - CUI INC PDQ30-Q48-D15-D Datasheet HTML 8Page - CUI INC PDQ30-Q48-D15-D Datasheet HTML 9Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
cui.com
date 07/12/2016
│ page 4 of 9
CUI Inc
│ SERIES: PDQ30-D │ DESCRIPTION: DC-DC CONVERTER
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
1.00 x 1.00 x 0.4 [25.4 x 25.4 x 10.2 mm]
inches
case material
black coated copper with non-conductive base
weight
18
g
1
2
54
3
1.00
[25.4]
0.400
[10.16]
0.400
[10.16]
0.40
[10.2]
0.200
[5.08]
0.40
[10.2]
0.22
[5.6]
min.
6
0.300
[7.62]
Recommended PCB Layout
Top View
units: inches [mm]
tolerance: X.XX ±0.02 [±0.5]
X.XXX ±0.010 [±0.25]
pin diameter tolerance: ±0.004[±0.1]
PIN CONNECTIONS
PIN
Function
Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
3
+Vout
+Vout
4
Trim
Common
5
-Vout
-Vout
6
Remote
Remote
MECHANICAL DRAWING
For more information, please visit the product page.


Similar Part No. - PDQ30-Q48-D15-D

ManufacturerPart #DatasheetDescription
logo
CUI INC
PDQ30-Q48-D15-D CUI-PDQ30-Q48-D15-D Datasheet
1Mb / 9P
   DC-DC CONVERTER
PDQ30-Q48-D15-D CUI-PDQ30-Q48-D15-D Datasheet
4Mb / 10P
   DC-DC CONVERTER
03/14/2022
More results

Similar Description - PDQ30-Q48-D15-D

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com