Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z2090B Datasheet(PDF) 3 Page - Keysight Technologies

Part # Z2090B
Description  Modulation Domain and Time Interval Analyzers Pulse Analyzer System (PAS)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

Z2090B Datasheet(HTML) 3 Page - Keysight Technologies

  Z2090B Datasheet HTML 1Page - Keysight Technologies Z2090B Datasheet HTML 2Page - Keysight Technologies Z2090B Datasheet HTML 3Page - Keysight Technologies Z2090B Datasheet HTML 4Page - Keysight Technologies Z2090B Datasheet HTML 5Page - Keysight Technologies Z2090B Datasheet HTML 6Page - Keysight Technologies Z2090B Datasheet HTML 7Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Figure 2. Histogram and statistics on PRI (yellow) and PW (green)
Figure 3. PAS system shows the RADAR mode changes with PRI vs time and PW vs time
Extreme measurement
eficiency
The advantages are clear when per-
forming time interval analysis based on
zero dead time, time-to-data-converter
(TDC) technology. Extreme efficiency in
memory use and data transfer can be
achieved by eliminating the dead time
when measuring pulsed RF signals.
By storing only the precise times for
rising and falling edges of the RF pulse,
the PAS makes optimal use of the 4M
event memory in the Keysight TDC.
The dual memory architecture of this
TDC supports unrestricted time capture
length at rates as high as 1M events
per second. Extreme accuracy and time
resolution of 50 ps is achieved inde-
pendent of time record length. The PAS
system provides a wide bandwidth,
2 channel RF input reference module
(IRM) with built-in detectors and an
ultra low noise/low jitter 10 MHz ref-
erence oscillator. This IRM combines
all of the necessary signal routing, TDC
clock and 10 MHz reference outputs.
These features along with the flexible
internal and external triggering func-
tions allow you to synchronize the PAS
and other measurement instruments
with your RADAR system operation.
Time interval analysis using
the Keysight pulse analyzer
system
For applications focused on time inter-
val analysis of RADAR signals, use the
PAS system to make measurements
such as:
– RF pulse width (PW) versus time
– RF pulse repetition interval (PRI or PRF)
versus time
– PW and PRI histograms and statistics
(min/max, mean, std deviation)
– Raw time interval data and frequency
versus time data
– Flexible internal and external triggering
functions
– Markers and zooming features


Similar Part No. - Z2090B

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
Z2090B-032 KEYSIGHT-Z2090B-032 Datasheet
961Kb / 5P
   Keysight Technologies Signal Simulation Test System
Z2090B-033 KEYSIGHT-Z2090B-033 Datasheet
1Mb / 5P
   Z2090B-033 Power and Data Bus Test System
More results

Similar Description - Z2090B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11192EVKIT MAXIM-MAX11192EVKIT Datasheet
7Mb / 26P
   Time Domain, Frequency Domain, and Histogram Plotting
Rev 0; 5/17
MAX11156EVSYS MAXIM-MAX11156EVSYS Datasheet
994Kb / 17P
   Time Domain, Frequency Domain, and Histogram Plotting
Rev 0; 6/13
logo
SELEC Controls Pvt. Ltd
TI103 SELEC-TI103 Datasheet
60Kb / 1P
   Time Interval Meter
logo
Maxim Integrated Produc...
MAX19777EVKIT MAXIM-MAX19777EVKIT Datasheet
3Mb / 20P
   Time Domain, Frequency Domain, and Histogram Plotting in the EV Kit Software
Rev 0; 1/18
MAX11666EVKIT MAXIM-MAX11666EVKIT Datasheet
8Mb / 39P
   Time Domain, Frequency Domain, and Histogram Plotting in the EV Kit Software
Rev 0; 6/11
logo
Littelfuse
TDI LITTELFUSE-TDI Datasheet
303Kb / 2P
   Time Delay Relays / INTERVAL
2021 Rev: 1-B-030121
logo
AUK corp
S494P AUK-S494P_1 Datasheet
353Kb / 9P
   Pulse Width Modulation
S494 AUK-S494 Datasheet
339Kb / 8P
   Pulse Width Modulation
logo
Suntac Electronic Corp.
STC494 SUNTAC-STC494 Datasheet
236Kb / 8P
   Pulse Width Modulation
logo
Daewoo Semiconductor
DBL494 DAEWOO-DBL494 Datasheet
329Kb / 6P
   PULSE WIDTH MODULATION
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com