Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP-NFJ Datasheet(PDF) 3 Page - Hirose Electric

Part # NCP-NFJ
Description  The non-reflective terminators exhibit a high degree of matching of V.S.W.R. 1.12 or less for all products.
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

NCP-NFJ Datasheet(HTML) 3 Page - Hirose Electric

  NCP-NFJ Datasheet HTML 1Page - Hirose Electric NCP-NFJ Datasheet HTML 2Page - Hirose Electric NCP-NFJ Datasheet HTML 3Page - Hirose Electric NCP-NFJ Datasheet HTML 4Page - Hirose Electric NCP-NFJ Datasheet HTML 5Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
154
NCP-NFJ
DC
~1.5GHz
1.5
~2.0GHz
1.06
1.12
38g
s NF-N Conversion Adapter
Part Number
HDC-NF-PJ
Frequency Range
10
~1500MHz
V.S.W.R.
Insertion Loss
1.20
0.4 dB or less
Weight
35g
qCoupling Portion: NF plug - jack
qCoupling Portion: NF side jack - NC side plug
s DC Block
qCoupling Portion: NF side plug - NC side plug
qCoupling Portion: NF side jack - NC side jack
qCoupling Portion: NF side plug - NC side jack
s Circuit Structure Diagram
NF-J
NF-P
Part Number
NCJ-NFJ
Frequency Range
DC
~1.5GHz
1.5
~2.0GHz
V.S.W.R.
1.06
1.12
Weight
32g
Part Number
NCJ-NFP
Frequency Range
DC
~1.5GHz
1.5
~2.0GHz
V.S.W.R.
1.032
1.06
Weight
40g
Part Number
NCP-NFP
Frequency Range
DC
~1.5GHz
1.5
~2.0GHz
V.S.W.R.
1.06
1.12
Weight
32g
Part Number
Frequency Range
V.S.W.R.
Weight
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - NCP-NFJ

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
NCP-NFJ HIROSE-NCP-NFJ Datasheet
378Kb / 5P
   C15 Type Accessories
More results

Similar Description - NCP-NFJ

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
R12A11H01 PRODUCTWELL-R12A11H01_14 Datasheet
275Kb / 2P
   Ideal For all type of audio products.
R12A11VB1 PRODUCTWELL-R12A11VB1_14 Datasheet
278Kb / 2P
   Ideal For all type of audio products.
R16A12VE1 PRODUCTWELL-R16A12VE1_14 Datasheet
132Kb / 2P
   Ideal for all type of audio products.
R16A12VB1 PRODUCTWELL-R16A12VB1_14 Datasheet
131Kb / 2P
   Ideal for all type of audio products.
R16A12VF1 PRODUCTWELL-R16A12VF1_14 Datasheet
134Kb / 2P
   Ideal for all type of audio products.
R12A12H01 PRODUCTWELL-R12A12H01_14 Datasheet
278Kb / 2P
   Ideal For all type of audio products.
R16A11V01 PRODUCTWELL-R16A11V01_14 Datasheet
132Kb / 1P
   Ideal for all type of audio products.
R16A11VF1 PRODUCTWELL-R16A11VF1_14 Datasheet
133Kb / 1P
   Ideal for all type of audio products.
R16A12V01 PRODUCTWELL-R16A12V01_14 Datasheet
132Kb / 2P
   Ideal for all type of audio products.
R1681NH01 PRODUCTWELL-R1681NH01_14 Datasheet
127Kb / 2P
   Ideal for all type of audio products.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com