Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NF-N Datasheet(PDF) 4 Page - Hirose Electric

Part # NF-N
Description  The non-reflective terminators exhibit a high degree of matching of V.S.W.R. 1.12 or less for all products.
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

NF-N Datasheet(HTML) 4 Page - Hirose Electric

  NF-N Datasheet HTML 1Page - Hirose Electric NF-N Datasheet HTML 2Page - Hirose Electric NF-N Datasheet HTML 3Page - Hirose Electric NF-N Datasheet HTML 4Page - Hirose Electric NF-N Datasheet HTML 5Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
155
s Non-reflective Terminations
s Circuit Diagram
s Bias Tee
s Impedance Pad ( /4 Conversion)
s Circuit Diagram
Part Number
NF-TMP-P
Frequency Range
DC
~1.5GHz
1.5
~2.0GHz
V.S.W.R.
1.032
1.06
Weight
11g
Power
25mW
Part Number
NF-TMJ-P
Frequency Range
DC
~1.5GHz
1.5
~2.0GHz
V.S.W.R.
1.032
1.06
Weight
13g
Power
25mW
Part Number
NF-TMP-1
Frequency Range
DC
~1.5GHz
1.5
~2.0GHz
V.S.W.R.
1.06
1.12
Weight
10g
Power
25mW
Part Number
HB-NF-PJ
Frequency Range
0.9
~1.5GHz
1.0
~1.35GHz
V.S.W.R.
1.20
1.10
Weight
81g
Power
1W
Insertion Loss
0.4 dB or less
Part Number
HI-NNF-PJ-50/75
Frequency Range
0.9
~1.5GHz
1.0
~1.35GHz
V.S.W.R.
1.25
1.20
Weight
108g
Power
1W
Insertion Loss
0.4 dB or less
qCoupling Portion: 50øN Type Plug - NF Jack
qCoupling Portion: Plug - Jack
qJack Type
qPush-on Plug Type
qPlug Type
NF-J
NF-J
(75ø)
N-P
(50ø)
NF-P
300mA
50V
Max
Soldering
Soldering
Soldering
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - NF-N

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
NF-NF50 MINI-NF-NF50 Datasheet
185Kb / 1P
   excellent VSWR, 1.05:1 typ.
NF-NF50++ MINI-NF-NF50+ Datasheet
119Kb / 1P
   Coaxial Adapter, N-FEM to N-FEM
NF-NF50 MINI-NF-NF50_15 Datasheet
185Kb / 1P
   Adapter, N-FEM to N-FEM
NF-NMR50 MINI-NF-NMR50 Datasheet
218Kb / 2P
   Adapter Right Angle N-Female to N-Male
NF-NMR50++ MINI-NF-NMR50+ Datasheet
218Kb / 2P
   Adapter Right Angle N-Female to N-Male
More results

Similar Description - NF-N

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
R12A11H01 PRODUCTWELL-R12A11H01_14 Datasheet
275Kb / 2P
   Ideal For all type of audio products.
R12A11VB1 PRODUCTWELL-R12A11VB1_14 Datasheet
278Kb / 2P
   Ideal For all type of audio products.
R16A12VE1 PRODUCTWELL-R16A12VE1_14 Datasheet
132Kb / 2P
   Ideal for all type of audio products.
R16A12VB1 PRODUCTWELL-R16A12VB1_14 Datasheet
131Kb / 2P
   Ideal for all type of audio products.
R16A12VF1 PRODUCTWELL-R16A12VF1_14 Datasheet
134Kb / 2P
   Ideal for all type of audio products.
R12A12H01 PRODUCTWELL-R12A12H01_14 Datasheet
278Kb / 2P
   Ideal For all type of audio products.
R16A11V01 PRODUCTWELL-R16A11V01_14 Datasheet
132Kb / 1P
   Ideal for all type of audio products.
R16A11VF1 PRODUCTWELL-R16A11VF1_14 Datasheet
133Kb / 1P
   Ideal for all type of audio products.
R16A12V01 PRODUCTWELL-R16A12V01_14 Datasheet
132Kb / 2P
   Ideal for all type of audio products.
R1681NH01 PRODUCTWELL-R1681NH01_14 Datasheet
127Kb / 2P
   Ideal for all type of audio products.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com