Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP105-MDF51-24S Datasheet(PDF) 8 Page - Hirose Electric

Part # AP105-MDF51-24S
Description  High Voltage Board to Cable Connectors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

AP105-MDF51-24S Datasheet(HTML) 8 Page - Hirose Electric

Back Button AP105-MDF51-24S Datasheet HTML 3Page - Hirose Electric AP105-MDF51-24S Datasheet HTML 4Page - Hirose Electric AP105-MDF51-24S Datasheet HTML 5Page - Hirose Electric AP105-MDF51-24S Datasheet HTML 6Page - Hirose Electric AP105-MDF51-24S Datasheet HTML 7Page - Hirose Electric AP105-MDF51-24S Datasheet HTML 8Page - Hirose Electric AP105-MDF51-24S Datasheet HTML 9Page - Hirose Electric AP105-MDF51-24S Datasheet HTML 10Page - Hirose Electric AP105-MDF51-24S Datasheet HTML 11Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
B329
MDF51 Series
High Voltage Board to Cable Connectors
●Crimp socket
Part Number
CL No.
Number of contacts
MDF51SU-2S-13C(03)
547-2018-1-03
2
Insulator Color
Gray
Packaging
100 pieces/bag
RoHS
YES
Order by number of bags.
27.8
13
Contact No.1 indicator
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - AP105-MDF51-24S

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
AP105-MDF51-24S HIROSE-AP105-MDF51-24S Datasheet
1Mb / 12P
   High Voltage Wire-to-Board Connectors
More results

Similar Description - AP105-MDF51-24S

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MDF51 HIROSE-MDF51_17 Datasheet
1Mb / 12P
   High Voltage Wire-to-Board Connectors
DF19 HIROSE-DF19_1 Datasheet
561Kb / 13P
   1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
logo
JST Mfg. Co., Ltd.
20P-JMDSS-G-1-TF JST-20P-JMDSS-G-1-TF Datasheet
284Kb / 3P
   Board-to-board connectors
LBT JST-LBT Datasheet
137Kb / 3P
   Board-to-board connectors
logo
Hirose Electric
DF21-20S-0.6V HIROSE-DF21-20S-0.6V Datasheet
171Kb / 6P
   0.6mm Pitch Board-to-Fine-Coaxial Cable Connectors
GT8E HIROSE-GT8E Datasheet
413Kb / 14P
   High contact pressure Wire-to-Board connectors
FX15-31P-C HIROSE-FX15-31P-C Datasheet
1Mb / 24P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
FX15S-51S HIROSE-FX15S-51S Datasheet
1Mb / 25P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
logo
List of Unclassifed Man...
FX15SC-51S-0.5SV ETC2-FX15SC-51S-0.5SV Datasheet
1Mb / 24P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
logo
Dubilier
DBC22.52T DUBILIER-DBC22.52T Datasheet
326Kb / 1P
   BOARD TO WIRE CONNECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com