Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDF51-24SCF Datasheet(PDF) 10 Page - Hirose Electric

Part # MDF51-24SCF
Description  High Voltage Board to Cable Connectors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

MDF51-24SCF Datasheet(HTML) 10 Page - Hirose Electric

Back Button MDF51-24SCF Datasheet HTML 3Page - Hirose Electric MDF51-24SCF Datasheet HTML 4Page - Hirose Electric MDF51-24SCF Datasheet HTML 5Page - Hirose Electric MDF51-24SCF Datasheet HTML 6Page - Hirose Electric MDF51-24SCF Datasheet HTML 7Page - Hirose Electric MDF51-24SCF Datasheet HTML 8Page - Hirose Electric MDF51-24SCF Datasheet HTML 9Page - Hirose Electric MDF51-24SCF Datasheet HTML 10Page - Hirose Electric MDF51-24SCF Datasheet HTML 11Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
B331
MDF51 Series
High Voltage Board to Cable Connectors
Usage Recommendations
1. Recommended temperature profile
2. Recommended flow temperature
3. Recommended manual soldering
4. Recommended screen thickness
and open area ratio
(Pattern area ratio)
5. Board warpage
6. Cleaning conditions
7. Wire preparation and contact
crimping
Note 1: Up to 2 cycles of Reflow soldering are possible under the same conditions,
provided that there is a return to normal temperature between the first and
second cycle.
Note 2: The temperature profile indicates the board surface temperature at the point of
contacts with the connector terminals.
Peak temperature: 260ç for 10 seconds max.
Manual soldering: 380ç for 3 seconds
Thickness: 0.15 mm
Open area ratio: 100%
Maximum of 0.03 mm at the connector center, with both ends of the connector as reference points.
Refer to "Nylon Connector Use Handbook".
Refer to “Nylon Connector Use Handbook”.
The crimp contact termination must be performed using specified tools.
All dimensions and crimp conditions are listed in applicable Crimp Condition Table and
Crimping Quality Standards Manual.
10sMAX
30~60sec
60~120sec
255
çMAX
180
ç
100
150
200
250
230
ç
Time (Seconds)
Temperature (ç)
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - MDF51-24SCF

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MDF51K-2P-12DSA(20) HIROSE-MDF51K-2P-12DSA(20) Datasheet
1Mb / 12P
   High Voltage Wire-to-Board Connectors
MDF51SU-2P-13V(23) HIROSE-MDF51SU-2P-13V(23) Datasheet
1Mb / 12P
   High Voltage Wire-to-Board Connectors
MDF51SY-2P-13DSA(21) HIROSE-MDF51SY-2P-13DSA(21) Datasheet
1Mb / 12P
   High Voltage Wire-to-Board Connectors
MDF51 HIROSE-MDF51_17 Datasheet
1Mb / 12P
   High Voltage Wire-to-Board Connectors
More results

Similar Description - MDF51-24SCF

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MDF51 HIROSE-MDF51_17 Datasheet
1Mb / 12P
   High Voltage Wire-to-Board Connectors
DF19 HIROSE-DF19_1 Datasheet
561Kb / 13P
   1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
logo
JST Mfg. Co., Ltd.
20P-JMDSS-G-1-TF JST-20P-JMDSS-G-1-TF Datasheet
284Kb / 3P
   Board-to-board connectors
LBT JST-LBT Datasheet
137Kb / 3P
   Board-to-board connectors
logo
Hirose Electric
DF21-20S-0.6V HIROSE-DF21-20S-0.6V Datasheet
171Kb / 6P
   0.6mm Pitch Board-to-Fine-Coaxial Cable Connectors
GT8E HIROSE-GT8E Datasheet
413Kb / 14P
   High contact pressure Wire-to-Board connectors
FX15-31P-C HIROSE-FX15-31P-C Datasheet
1Mb / 24P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
FX15S-51S HIROSE-FX15S-51S Datasheet
1Mb / 25P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
logo
List of Unclassifed Man...
FX15SC-51S-0.5SV ETC2-FX15SC-51S-0.5SV Datasheet
1Mb / 24P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
logo
Dubilier
DBC22.52T DUBILIER-DBC22.52T Datasheet
326Kb / 1P
   BOARD TO WIRE CONNECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com